Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1044254 Datasheet (PDF) - PHOENIX CONTACT

1044254 Datasheet PDF - PHOENIX CONTACT
Part # 1044254
Download  1044254 Download
File Size   186.51 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description WMS-OT HF 3,2 (EX5)RL YE - Marking sleeve

1044254 Datasheet (PDF)

Go To PDF Page Download Datasheet
1044254 Datasheet PDF - PHOENIX CONTACT

Part # 1044254
Download  1044254 Click to download

File Size   186.51 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description WMS-OT HF 3,2 (EX5)RL YE - Marking sleeve

1044254 Datasheet (HTML) - PHOENIX CONTACT


1044254 Product details

Marking sleeve, Roll, yellow, unlabeled, can be labeled with: THERMOMARK E.300 (D)/600 (D),
THERMOMARK ROLL 2.0, THERMOMARK ROLL, THERMOMARK ROLL X1, THERMOMARK
ROLLMASTER 300/600, THERMOMARK W, cable diameter range: 1 ... 3.2 mm, unperforated,
mounting type: slide-on, Number of individual labels: 1, text field height: 5 mm, text field width:
120000 mm




Similar Part No. - 1044254

ManufacturerPart #DatasheetDescription
logo
SICK AG
1044254 SICK-1044254 Datasheet
688Kb / 6P
MID RANGE DISTANCE SENSORS
2016-03-17
More results


Similar Description - 1044254

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0815800 PHOENIX-0815800 Datasheet
46Kb / 3P
Fabric label - EMLC (20X8)RL YE
0816155 PHOENIX-0816155 Datasheet
48Kb / 3P
Label - EML (20X8)RL YE
0816168 PHOENIX-0816168 Datasheet
48Kb / 3P
Label - EML (30X20)RL YE
0830577 PHOENIX-0830577 Datasheet
49Kb / 3P
Equipment marking - EML-ESD (15X6)RL-T
0830579 PHOENIX-0830579 Datasheet
49Kb / 3P
Equipment marking - EML-ESD (20X7)RL-T
0830580 PHOENIX-0830580 Datasheet
49Kb / 3P
Equipment marking - EML-ESD (24X4)RL-T
0830581 PHOENIX-0830581 Datasheet
49Kb / 3P
Equipment marking - EML-ESD (25X8)RL-T
0830583 PHOENIX-0830583 Datasheet
49Kb / 3P
Equipment marking - EML-ESD (32X10)RL-T
0801838 PHOENIX-0801838 Datasheet
47Kb / 2P
Marking foil for zack marker strip - TML (EX5)R
0800294 PHOENIX-0800294 Datasheet
449Kb / 14P
WMS 12,7 (EX20)R - Shrink sleeve
Oct 17, 2023,
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com