Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2816-EP Datasheet (PDF) - Texas Instruments

TPS2816-EP Datasheet PDF - Texas Instruments
Part # TPS2816-EP
Download  TPS2816-EP Download
File Size   753.24 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER

TPS2816-EP Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS2816-EP Datasheet PDF - Texas Instruments

Part # TPS2816-EP
Download  TPS2816-EP Click to download

File Size   753.24 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER

TPS2816-EP Datasheet (HTML) - Texas Instruments


TPS2816-EP Product details

1FEATURES
· Controlled Baseline
– One Assembly Site
– One Test Site
– One Fabrication Site
· Extended Temperature Performance of –55°C
to 125°C
· Enhanced Diminishing Manufacturing Sources
(DMS) Support
· Enhanced Product-Change Notification
· Qualification Pedigree (1)
· Low-Cost Single-Channel High-Speed MOSFET
Driver
· ICC . . . 15 mA Max (TPS2828, TPS2829)
· 25 ns Max Rise/Fall Times and 40 ns Max
Propagation Delay . . . 1 nF Load
· 2 A Peak Output Current
· 4 V to 14 V Driver Supply Voltage Range;
Internal Regulator Extends Range to 40 V
(TPS2816, TPS2817, TPS2818, TPS2819)
· 5-pin SOT-23 Package
· –55°C to 125°C Ambient-Temperature
Operating Range
· Highly Resistant to Latch-ups




Similar Part No. - TPS2816-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2816-EP TI-TPS2816-EP Datasheet
576Kb / 24P
SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
TPS2816-EP TI-TPS2816-EP Datasheet
595Kb / 24P
SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
TPS2816-EP TI-TPS2816-EP_09 Datasheet
595Kb / 24P
SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
TPS2816-EP TI1-TPS2816-EP_15 Datasheet
456Kb / 25P
SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
More results


Similar Description - TPS2816-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2816 TI-TPS2816 Datasheet
371Kb / 20P
SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
logo
Intersil Corporation
EL7104 INTERSIL-EL7104 Datasheet
286Kb / 5P
High Speed, Single Channel, Power MOSFET Driver
May 6, 2005
logo
Linear Technology
LTC1693-5 LINER-LTC1693-5 Datasheet
150Kb / 8P
High Speed Single P-Channel MOSFET Driver
logo
Texas Instruments
TPS2816-EP TI-TPS2816-EP Datasheet
576Kb / 24P
SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
logo
Unisonic Technologies
US2829 UTC-US2829 Datasheet
154Kb / 4P
SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
logo
Texas Instruments
TPS2816-EP TI-TPS2816-EP_09 Datasheet
595Kb / 24P
SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
logo
Unisonic Technologies
US2829 UTC-US2829_11 Datasheet
146Kb / 4P
SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
logo
Linear Technology
LTC1693-5 LINER-LTC1693-5_15 Datasheet
161Kb / 8P
High Speed Single P-Channel MOSFET Driver
logo
Unisonic Technologies
US2829 UTC-US2829_15 Datasheet
146Kb / 4P
SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
logo
Texas Instruments
TPS2816-EP TI1-TPS2816-EP_15 Datasheet
456Kb / 25P
SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com