Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS73101DBVRG4 Datasheet (PDF) - Texas Instruments

TPS73101DBVRG4 Datasheet PDF - Texas Instruments
Part # TPS73101DBVRG4
Download  TPS73101DBVRG4 Download
File Size   770.68 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS731xx Capacitor-Free, NMOS, 150-mA Low Dropout Regulator With Reverse Current Protection

TPS73101DBVRG4 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS73101DBVRG4 Datasheet PDF - Texas Instruments

Part # TPS73101DBVRG4
Download  TPS73101DBVRG4 Click to download

File Size   770.68 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS731xx Capacitor-Free, NMOS, 150-mA Low Dropout Regulator With Reverse Current Protection

TPS73101DBVRG4 Datasheet (HTML) - Texas Instruments


TPS73101DBVRG4 Product details

1 Features
1• Stable With or Without Capacitors of All Types
• Input Voltage Range of 1.7 V to 5.5 V
• Ultralow Dropout Voltage: 30 mV Typical (150-mA
Load)
• Excellent Load Transient Response—With or
Without Optional Output Capacitor
• New NMOS Topology Provides Low Reverse
Leakage Current
• Low Noise: 30 μV RMS Typical (10 kHz to 100 kHz)
• 0.5% Initial Accuracy
• 1% Overall Accuracy Over Line, Load, and
Temperature
• Less Than 1-μA Maximum I Q in Shutdown Mode
• Thermal Shutdown and Specified Minimum and
Maximum Current Limit Protection
• Available in Multiple Output Voltage Versions
– Fixed Outputs of 1.20 V to 5 V
– Adjustable Outputs from 1.2 V to 5.5 V
– Custom Outputs Available.

2 Applications
• Smart Grid and Energy
• Building Automation
• Set-Top Boxes
• Medical Equipment
• Test and Measurement
• Point-of-Sale Terminals
• Wireless Infrastructure

3 Description
The TPS731xx family of low-dropout (LDO) linear
voltage regulators uses a new topology: an NMOS pass element in a voltage-follower configuration. This
topology is stable using output capacitors with low
equivalent series resistance (ESR), and even allows
operation without a capacitor. The device also
provides high reverse blockage (low reverse current)
and ground pin current that is nearly constant over all
values of output current.
The TPS731xx uses an advanced BiCMOS process
to yield high precision while delivering very low
dropout voltages and low ground pin current. Current
consumption, when not enabled, is less than 1 μA
and ideal for portable applications. The extremely low
output noise (30 μVRMS with 0.1-μF CNR) is ideal for
powering VCOs. These devices are protected by
thermal shutdown and foldback current limit.




Similar Part No. - TPS73101DBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73101DBVRG4 TI-TPS73101DBVRG4 Datasheet
300Kb / 18P
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
TPS73101DBVRG4 TI1-TPS73101DBVRG4 Datasheet
1Mb / 30P
Low Dropout Regulator
TPS73101DBVRG4 TI1-TPS73101DBVRG4 Datasheet
766Kb / 30P
TPS731xx Capacitor-Free, NMOS, 150-mA Low Dropout Regulator With Reverse Current Protection
DECEMBER 2015
TPS73101DBVRG4 TI2-TPS73101DBVRG4 Datasheet
1Mb / 34P
TPS731 Capacitor-Free, NMOS, 150mA, Low-Dropout Regulator With Reverse Current Protection
REVISED APRIL 2026
TPS73101DBVRG4.A TI2-TPS73101DBVRG4.A Datasheet
1Mb / 34P
TPS731 Capacitor-Free, NMOS, 150mA, Low-Dropout Regulator With Reverse Current Protection
REVISED APRIL 2026
More results


Similar Description - TPS73101DBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73101-EP TI1-TPS73101-EP Datasheet
623Kb / 22P
CAP-FREE NMOS 150 mA LOW DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS73201-EP TI1-TPS73201-EP Datasheet
567Kb / 21P
CAP-FREE NMOS 250-mA LOW DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS73201-Q1 TI1-TPS73201-Q1 Datasheet
1Mb / 26P
CAP-FREE NMOS 250-mA LOW-DROPOUT REGULATOR WITH REVERSE-CURRENT PROTECTION
TPS73250-Q1 TI1-TPS73250-Q1 Datasheet
732Kb / 20P
Cap-Free, NMOS, 250-mA Low-Dropout Regulator with Reverse Current Protection
TPS73115-EP TI-TPS73115-EP_15 Datasheet
503Kb / 23P
CAP-FREE NMOS 150 mA LOW DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS736 TI-TPS736_15 Datasheet
1Mb / 39P
TPS736xx Cap-Free, NMOS, 400-mA Low-Dropout Regulator with Reverse Current Protection
TPS732-Q1 TI1-TPS732-Q1 Datasheet
1Mb / 31P
Cap-Free NMOS 250-mA Low-Dropout Regulator With Reverse-Current Protection
TPS73101-EP TI1-TPS73101-EP_15 Datasheet
605Kb / 23P
CAP-FREE NMOS 150 mA LOW DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS73201-EP TI1-TPS73201-EP_15 Datasheet
918Kb / 22P
CAP-FREE NMOS 250-mA LOW DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS73601-Q1 TI1-TPS73601-Q1_16 Datasheet
1Mb / 28P
TPS736xx-Q1, Cap-Free, NMOS, 400-mA Low-Dropout Regulator With Reverse Current Protection
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com