Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS72615 Datasheet (PDF) - Texas Instruments

TPS72615 Datasheet PDF - Texas Instruments
Part # TPS72615
Download  TPS72615 Download
File Size   727.94 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR

TPS72615 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS72615 Datasheet PDF - Texas Instruments

Part # TPS72615
Download  TPS72615 Click to download

File Size   727.94 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR

TPS72615 Datasheet (HTML) - Texas Instruments


TPS72615 Product details

1FEATURES
• 1-A Low-Dropout Regulator Supports Input
Voltages Down to 1.8-V
• Available in 1.26-V, 1.5-V, 1.6-V, 1.8-V, 2.5-V
• Stable With Any Type/Value Output Capacitor
• ±2% Output Voltage Tolerance Over Line,
Load, and Temperature (–40°C to +125°C)
• Integrated Supervisor (SVS) With 200-ms
RESET Delay Time
• Low 170-mV Dropout Voltage at 1 A
(TPS72625)
• Low 210-mA Ground Current at Full Load
• Less than 1-mA Standby Current
• Integrated UVLO with Thermal and
Overcurrent Protection
• 5-Lead SOT223 or DDPAK Surface-Mount
Package

APPLICATIONS
• PCI Cards
• Modem Banks and Telecom Boards
• DSP, FPGA, and Microprocessor Power
Supplies
• Portable, Battery-Powered Applications
• 1.26-V Core Voltage for the Following DSPs:
– TMS320vC5501
– TMS320vC5502

DESCRIPTION
The TPS726xx family of 1-A low-dropout (LDO) linear
regulators has fixed voltage options available that are
commonly used to power the latest DSPs, FPGAs,
and microcontrollers. The integrated supervisory
circuitry provides an active low RESET signal when
the output falls out of regulation. The no
capacitor/any capacitor feature allows the customer
to tailor output transient performance as needed.
Therefore, compared to other regulators capable of providing the same output current, this family of
regulators can provide a stand alone power supply
solution or a post regulator for a switch mode power
supply.
These regulators operate over a wide range of input
voltages (1.8 V to 6 V) and have very low dropout
(170 mV at 1-A). Ground current is typically 210 μA at
full load and drops to less than 80 μA at no load.
Standby current is less than 1 μA.
Unlike some regulators that have a minimum current
requirement, the TPS726xx family is stable with no
output load current. The low noise capability of this family, coupled with its high current operation and
ease of power dissipation, make it ideal for telecom
boards, modem banks, and other noise sensitive
applications.
The TPS726xx is available in either a SOT223 or
DDPAK package. The TPS726126 is available in a
SOT223 package only.




Similar Part No. - TPS72615

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS72615 TI-TPS72615 Datasheet
441Kb / 15P
LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS72615 TI-TPS72615 Datasheet
445Kb / 16P
LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS72615 TI-TPS72615 Datasheet
740Kb / 23P
LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS72615 TI1-TPS72615 Datasheet
992Kb / 23P
LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS72615DCQ TI-TPS72615DCQ Datasheet
441Kb / 15P
LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
More results


Similar Description - TPS72615

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS72501 TI-TPS72501 Datasheet
535Kb / 18P
LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS72615 TI-TPS72615 Datasheet
441Kb / 15P
LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS726126 TI-TPS726126 Datasheet
445Kb / 16P
LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS72501 TI-TPS72501_07 Datasheet
716Kb / 22P
LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
logo
ams AG
AS1353 AMSCO-AS1353 Datasheet
80Kb / 2P
Linear Low-Dropout 150mA Voltage Regulators
logo
Texas Instruments
TPS72616DCQRG4 TI-TPS72616DCQRG4 Datasheet
740Kb / 23P
LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
logo
ams AG
AS1353 AMSCO-AS1353_04 Datasheet
726Kb / 14P
Linear Low-Dropout 150mA Voltage Regulators
logo
Texas Instruments
TPS72501 TI-TPS72501_15 Datasheet
1,010Kb / 29P
LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS72501 TI1-TPS72501_16 Datasheet
1Mb / 29P
LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS726126 TI1-TPS726126_16 Datasheet
992Kb / 23P
LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com