Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS75801KC Datasheet (PDF) - Texas Instruments

TPS75801KC Datasheet PDF - Texas Instruments
Part # TPS75801KC
Download  TPS75801KC Download
File Size   559.18 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description FAST-TRANSIENT RESPONSE, 3A, LOW-DROPOUT VOLTAGE REGULATORS

TPS75801KC Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS75801KC Datasheet PDF - Texas Instruments

Part # TPS75801KC
Download  TPS75801KC Click to download

File Size   559.18 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description FAST-TRANSIENT RESPONSE, 3A, LOW-DROPOUT VOLTAGE REGULATORS

TPS75801KC Datasheet (HTML) - Texas Instruments


TPS75801KC Product details

FEATURES
· 3A Low-Dropout Voltage Regulator
· Available in 1.5V, 1.8V, 2.5V, and 3.3V
Fixed-Output and Adjustable Versions
· Dropout Voltage Typically 150mV at 3A
(TPS75833)
· VREF and Pinout Compatible with MIC29302
(TPS758A01)
· Low 125mA Typical Quiescent Current
· Fast Transient Response
· 3% Tolerance Over Specified Conditions for
Fixed-Output Versions
· Available in 5-Pin TO-220 and TO-263
Surface-Mount Packages
· Thermal Shutdown Protection

DESCRIPTION
The TPS758xx family of 3A low dropout (LDO)
regulators contains four fixed voltage option
regulators and an adjustable voltage option
regulator. These devices are capable of supplying 3A
of output current with a dropout of 150mV
(TPS75833). Therefore, the device is capable of
performing a 3.3V to 2.5V conversion.
Quiescent current is 125mA at full load and drops to
less than 1mA when the device is disabled. The
TPS758xx is designed to have fast transient
response for large load current changes.
Because the PMOS device behaves as a low-value
resistor, the dropout voltage is very low (typically
150mV at an output current of 3A for the TPS75833)
and is directly proportional to the output current.
Additionally, since the PMOS pass element is a
voltage-driven device, the quiescent current is very
low and independent of output loading (typically
125mA over the full range of output current). These
two key specifications yield a significant
improvement in operating life for battery-powered
systems.
The device is enabled when EN (enable) is
connected to a high voltage level (> 2V). Applying a
low voltage level (< 0.7V) to EN shuts down the
regulator, reducing the quiescent current to less than
1mA at TJ = +25°C.
The TPS758xx is offered in 1.5V, 1.8V, 2.5V, and
3.3V fixed-voltage versions and in an adjustable
version (programmable over the range of 1.22V to
5V). Output voltage tolerance is specified as a
maximum of 3% over line, load, and temperature
ranges. The TPS758xx family is available in a 5-pin
TO-220 (KC) and TO-263 (KTT) packages.




Similar Part No. - TPS75801KC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75801KC TI-TPS75801KC Datasheet
450Kb / 24P
FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75801KC TI-TPS75801KC Datasheet
916Kb / 26P
FAST-TRANSIENT RESPONSE, 3A, LOW-DROPOUT VOLTAGE REGULATORS
TPS75801KC TI1-TPS75801KC Datasheet
988Kb / 26P
FAST-TRANSIENT RESPONSE, 3A, LOW-DROPOUT VOLTAGE REGULATORS
TPS75801KCG3 TI-TPS75801KCG3 Datasheet
916Kb / 26P
FAST-TRANSIENT RESPONSE, 3A, LOW-DROPOUT VOLTAGE REGULATORS
More results


Similar Description - TPS75801KC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS77701 TI-TPS77701 Datasheet
304Kb / 21P
FAST-TRANSIENT-RESPONSE 750-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS75801 TI-TPS75801 Datasheet
450Kb / 24P
FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815-EP TI-TPS76815-EP Datasheet
362Kb / 21P
FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS775XX TI-TPS775XX Datasheet
807Kb / 28P
FAST-TRANSIENT-RESPONSE 500mA LOW-DROPOUT VOLTAGE REGULATORS
TPS768XXQ TI-TPS768XXQ Datasheet
850Kb / 23P
FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75601KTTTG3 TI-TPS75601KTTTG3 Datasheet
1Mb / 28P
FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75833KCG3 TI-TPS75833KCG3 Datasheet
916Kb / 26P
FAST-TRANSIENT RESPONSE, 3A, LOW-DROPOUT VOLTAGE REGULATORS
TPS75201QPWPQ1 TI1-TPS75201QPWPQ1 Datasheet
979Kb / 32P
FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75801 TI-TPS75801_15 Datasheet
916Kb / 26P
FAST-TRANSIENT RESPONSE, 3A, LOW-DROPOUT VOLTAGE REGULATORS
TPS75801 TI1-TPS75801_16 Datasheet
988Kb / 26P
FAST-TRANSIENT RESPONSE, 3A, LOW-DROPOUT VOLTAGE REGULATORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com