Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS77818D.A Datasheet (PDF) - Texas Instruments

TPS77818D.A Datasheet PDF - Texas Instruments
Part # TPS77818D.A
Download  TPS77818D.A Download
File Size   434.45 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS77701, TPSTTT15, TPST7718, TPS77725, TPSTT733 with RESET OUTPUT TPS77801, TPST7815, TPST7818, TPS77625, TPST7833 with PG OUTPUT FAST-TRANSIENT-RESPONSE 750-mA LOW-DROPOUT LINEAR REGULATORS

TPS77818D.A Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS77818D.A Datasheet PDF - Texas Instruments

Part # TPS77818D.A
Download  TPS77818D.A Click to download

File Size   434.45 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS77701, TPSTTT15, TPST7718, TPS77725, TPSTT733 with RESET OUTPUT TPS77801, TPST7815, TPST7818, TPS77625, TPST7833 with PG OUTPUT FAST-TRANSIENT-RESPONSE 750-mA LOW-DROPOUT LINEAR REGULATORS

TPS77818D.A Datasheet (HTML) - Texas Instruments


TPS77818D.A Product details

Open Drain Power-On Reset With 200 ms
Delay (TPS777xx)
Open Drain Power Good (TPS778xx)
750-mA Low-Dropout Voltage Regulator
Available in 1.5-V, 1.8-V, 2.5-V, 3.3-V Fixed
Output and Adjustable Versions
Dropout Voltage to 260 mV (Typ) at 750 mA
(TPS77x33)
Ultralow 85 A Typical Quiescent Current
Fast Transient Response
2% Tolerance Over Specified Conditions for
Fixed-Output Versions
8-Pin SOIC and 20-Pin TSSOP PowerPAD
(PWP) Package
Thermal Shutdown Protection

description
TPS777xx and TPS778xx are designed to have a
fast transient response and be stable with a 10 μF
low ESR capacitor. This combination provides
high performance at a reasonable cost.




Similar Part No. - TPS77818D.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS77818D TI-TPS77818D Datasheet
304Kb / 21P
FAST-TRANSIENT-RESPONSE 750-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77818D TI-TPS77818D Datasheet
830Kb / 26P
FAST-TRANSIENT-RESPONSE 750mA LOW-DROPOUT LINEAR REGULATORS
TPS77818D TI-TPS77818D Datasheet
830Kb / 26P
FAST-TRANSIENT-RESPONSE 750-mA LOW-DROPOUT LINEAT REGULATORS
TPS77818D TI1-TPS77818D Datasheet
857Kb / 26P
FAST-TRANSIENT-RESPONSE 750-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77818DG4 TI-TPS77818DG4 Datasheet
830Kb / 26P
FAST-TRANSIENT-RESPONSE 750mA LOW-DROPOUT LINEAR REGULATORS
More results


Similar Description - TPS77818D.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS77701 TI-TPS77701 Datasheet
304Kb / 21P
FAST-TRANSIENT-RESPONSE 750-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS752XXQ TI-TPS752XXQ Datasheet
833Kb / 31P
RESET Output, TPS754xxQ with Power Good Output FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75201 TI1-TPS75201 Datasheet
830Kb / 31P
TPS752xxQ with RESET Output, TPS754xxQ with Power Good Output FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS77818DR TI-TPS77818DR Datasheet
830Kb / 26P
FAST-TRANSIENT-RESPONSE 750-mA LOW-DROPOUT LINEAT REGULATORS
TPS77501 TI-TPS77501_15 Datasheet
1Mb / 31P
TPS775xx with RESET Output, TPS776xx with PG Output FAST-TRANSIENT-RESPONSE 500mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77601 TI-TPS77601_15 Datasheet
1Mb / 31P
TPS775xx with RESET Output, TPS776xx with PG Output FAST-TRANSIENT-RESPONSE 500mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77615 TI-TPS77615_15 Datasheet
1Mb / 31P
TPS775xx with RESET Output, TPS776xx with PG Output FAST-TRANSIENT-RESPONSE 500mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77625 TI-TPS77625_15 Datasheet
1Mb / 31P
TPS775xx with RESET Output, TPS776xx with PG Output FAST-TRANSIENT-RESPONSE 500mA LOW-DROPOUT VOLTAGE REGULATORS
TPS775XX TI1-TPS775XX_16 Datasheet
1Mb / 31P
TPS775xx with RESET Output, TPS776xx with PG Output FAST-TRANSIENT-RESPONSE 500mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77701 TI1-TPS77701_16 Datasheet
857Kb / 26P
FAST-TRANSIENT-RESPONSE 750-mA LOW-DROPOUT VOLTAGE REGULATORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com