Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0828015 Datasheet (PDF) - PHOENIX CONTACT

0828015 Datasheet PDF - PHOENIX CONTACT
Part # 0828015
Download  0828015 Download
File Size   187.45 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description UC-WMC 1,9 (15X4) YE CUS - Conductor marker

0828015 Datasheet (PDF)

Go To PDF Page Download Datasheet
0828015 Datasheet PDF - PHOENIX CONTACT

Part # 0828015
Download  0828015 Click to download

File Size   187.45 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description UC-WMC 1,9 (15X4) YE CUS - Conductor marker

0828015 Datasheet (HTML) - PHOENIX CONTACT


0828015 Product details

Conductor marker, can be ordered: by sheet, yellow, labeled according to customer
specifications, cable diameter range: 1.2 ... 1.9 mm, mounting type: clip on, Number of individual
labels: 20, text field height: 4 mm, text field width: 15 mm




Similar Part No. - 0828015

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0828010 PHOENIX-0828010 Datasheet
191Kb / 5P
UC-WMC 1,9 (15X4) BU - Wire marking
0828011 PHOENIX-0828011 Datasheet
190Kb / 5P
UC-WMC 1,9 (15X4) GN - Wire marking
0828012 PHOENIX-0828012 Datasheet
190Kb / 6P
UC-WMC 1,9 (15X4) CUS - Conductor marker
0828013 PHOENIX-0828013 Datasheet
189Kb / 5P
UC-WMC 1,9 (15X4) RD CUS - Conductor marker
0828014 PHOENIX-0828014 Datasheet
189Kb / 5P
UC-WMC 1,9 (15X4) OG CUS - Conductor marker
More results


Similar Description - 0828015

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0818182 PHOENIX-0818182 Datasheet
59Kb / 4P
Conductor marker - UC-WMC 4,4 (15X5,5)
09/11/2020
0818218 PHOENIX-0818218 Datasheet
59Kb / 4P
Conductor marker - UC-WMC 3,1 (23X4)
09/11/2020
0818768 PHOENIX-0818768 Datasheet
58Kb / 3P
Conductor marker - UC-WMC 3,1 (15X4) GN
09/11/2020
0818849 PHOENIX-0818849 Datasheet
60Kb / 4P
Conductor marker - UC-WMC 4,4 (15X5,5) BU
09/11/2020
0818852 PHOENIX-0818852 Datasheet
61Kb / 4P
Conductor marker - UC-WMC 4,4 (15X5,5) RD
09/11/2020
0818865 PHOENIX-0818865 Datasheet
60Kb / 4P
Conductor marker - UC-WMC 4,4 (15X5,5) GN
09/11/2020
0819631 PHOENIX-0819631 Datasheet
59Kb / 4P
Conductor marker - UC-WMC 3,1 (30X4)
09/11/2020
0825373 PHOENIX-0825373 Datasheet
73Kb / 4P
Conductor marker - UC-WMC 4,4 (15X5,5) VT
09/11/2020
0825374 PHOENIX-0825374 Datasheet
73Kb / 4P
Conductor marker - UC-WMC 4,4 (23X5,5) VT
09/11/2020
0818195 PHOENIX-0818195 Datasheet
50Kb / 2P
Conductor marker - UC-WMC 4,4 (23X 5,5)
30.05.2012
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com