Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8372 Datasheet (PDF) - Texas Instruments

ADS8372 Datasheet PDF - Texas Instruments
Part # ADS8372
Download  ADS8372 Download
File Size   864.97 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-BIT, 600-kHz, FULLY DIFFERENTIAL PSEUDO-BIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE

ADS8372 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS8372 Datasheet PDF - Texas Instruments

Part # ADS8372
Download  ADS8372 Click to download

File Size   864.97 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-BIT, 600-kHz, FULLY DIFFERENTIAL PSEUDO-BIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE

ADS8372 Datasheet (HTML) - Texas Instruments


ADS8372 Product details

FEATURES
· 600-kHz Sample Rate
· ±0.35 LSB Typ, ±0.75 LSB Max INL
· ±0.25 LSB Typ, ±0.5 LSB Max DNL
· 16-Bit NMC
· SINAD 93.5 dB, SFDR 120 dB at f i = 1 kHz
· High-Speed Serial Interface up to 40 MHz
· Onboard Reference Buffer
· Onboard 4.096-V Reference
· Pseudo-Bipolar Input, up to ±4.2 V
· Onboard Conversion Clock
· Zero Latency
· Wide Digital Supply
· Low Power
– 110 mW at 600 kHz
– 15 mW During Nap Mode
– 10 mW During Power Down
· 28-Pin 6 × 6 QFN Package
· Pin Compatible With 18-Bit ADS8382

APPLICATIONS
· Medical Instruments
· Optical Networking
· Transducer Interface
· High Accuracy Data Acquisition Systems
· Magnetometers

DESCRIPTION
The ADS8372 is a high performance 16-bit, 600-kHz
A/D converter with fully differential, pseudo-bipolar
input. The device includes an 16-bit capacitor-based
SAR A/D converter with inherent sample and hold.
The ADS8372 offers a high-speed CMOS serial
interface with clock speeds up to 40 MHz.
The ADS8372 is available in a 28 lead 6 × 6 QFN
package and is characterized over the industrial
–40°C to 85°C temperature range.




Similar Part No. - ADS8372

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS8372 BURR-BROWN-ADS8372 Datasheet
782Kb / 29P
16-BIT, 600-kHz, PSEUDO-DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE
ADS8372 BURR-BROWN-ADS8372 Datasheet
1Mb / 30P
16-BIT, 1-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
logo
Texas Instruments
ADS8372 TI1-ADS8372 Datasheet
1Mb / 36P
16-BIT, 600-kHz, FULLY DIFFERENTIAL PSEUDO-BIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE
logo
Burr-Brown (TI)
ADS8372IBRHPR BURR-BROWN-ADS8372IBRHPR Datasheet
1Mb / 36P
16-BIT, 600-kHz, FULLY DIFFERENTIAL PSEUDO-BIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE
logo
Texas Instruments
ADS8372IBRHPR TI1-ADS8372IBRHPR Datasheet
1Mb / 36P
16-BIT, 600-kHz, FULLY DIFFERENTIAL PSEUDO-BIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE
More results


Similar Description - ADS8372

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS8380 BURR-BROWN-ADS8380 Datasheet
1Mb / 29P
18-BIT, 600-kHz, PSEUDO-DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE
ADS8370 BURR-BROWN-ADS8370 Datasheet
782Kb / 29P
16-BIT, 600-kHz, PSEUDO-DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE
ADS8422 BURR-BROWN-ADS8422 Datasheet
1Mb / 25P
16-BIT, 4-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
ADS8472 BURR-BROWN-ADS8472 Datasheet
1Mb / 30P
16-BIT, 1-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
ADS8372 BURR-BROWN-ADS8372_13 Datasheet
1Mb / 36P
16-BIT, 600-kHz, FULLY DIFFERENTIAL PSEUDO-BIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE
logo
Texas Instruments
ADS8422 TI1-ADS8422_14 Datasheet
1Mb / 29P
16-BIT, 4-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE REFERENCE
ADS8370 TI1-ADS8370 Datasheet
1Mb / 35P
16-BIT, 600-kHz, PSEUDO-DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE
ADS8372 TI1-ADS8372 Datasheet
1Mb / 36P
16-BIT, 600-kHz, FULLY DIFFERENTIAL PSEUDO-BIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE
ADS8380 TI1-ADS8380 Datasheet
1Mb / 35P
18-BIT, 600-kHz, PSEUDO-DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE
ADS8382 TI1-ADS8382_16 Datasheet
1Mb / 36P
18-BIT, 600-kHz, FULLY DIFFERENTIAL PSEUDO-BIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com