Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8191197 Datasheet (PDF) - PHOENIX CONTACT

8191197 Datasheet PDF - PHOENIX CONTACT
Part # 8191197
Download  8191197 Download
File Size   190.56 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description WMTB HF (40X12)R RD CUS - Cable marker

8191197 Datasheet (PDF)

Go To PDF Page Download Datasheet
8191197 Datasheet PDF - PHOENIX CONTACT

Part # 8191197
Download  8191197 Click to download

File Size   190.56 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description WMTB HF (40X12)R RD CUS - Cable marker

8191197 Datasheet (HTML) - PHOENIX CONTACT


8191197 Product details

Cable marker, can be ordered: by line, red, labeled according to customer specifications,
mounting type: Assembly with cable ties, cable diameter: ≥ 6 mm, text field height: 12 mm, text
field width: 40 mm




Similar Part No. - 8191197

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
8191198 PHOENIX-8191198 Datasheet
190Kb / 6P
WMTB HF (55X15)R RD CUS - Cable marker
8191199 PHOENIX-8191199 Datasheet
189Kb / 6P
WMTB HF (55X25)R RD CUS - Cable marker
More results


Similar Description - 8191197

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0824585 PHOENIX-0824585 Datasheet
53Kb / 3P
Marker for terminal blocks - UC-TM 5 RD CUS
0824938 PHOENIX-0824938 Datasheet
56Kb / 2P
Zack marker strip - ZB 10/RD CUS
0824972 PHOENIX-0824972 Datasheet
56Kb / 2P
Zack marker strip - ZB 5/RD CUS
0824985 PHOENIX-0824985 Datasheet
50Kb / 2P
Zack marker strip - ZB 6/RD CUS
0825004 PHOENIX-0825004 Datasheet
56Kb / 2P
Zack marker strip - ZB 8/RD CUS
0828376 PHOENIX-0828376 Datasheet
60Kb / 4P
Cable marker - UC-WMTB (44X15)
09/11/2020
0828381 PHOENIX-0828381 Datasheet
61Kb / 4P
Cable marker - UC-WMTB (44X15) BU
09/11/2020
0830524 PHOENIX-0830524 Datasheet
57Kb / 3P
Cable marker - WMTB-AL (40X15)
09/11/2020
0830525 PHOENIX-0830525 Datasheet
56Kb / 3P
Cable marker - WMTB-AL (60X15)
09/11/2020
0830805 PHOENIX-0830805 Datasheet
57Kb / 3P
Cable marker - WMTB-AL (29X8)
09/11/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com