Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PXF Datasheet (PDF) - TDK Electronics

PXF Datasheet PDF - TDK Electronics
Part # PXF
Download  PXF Download
File Size   606.14 Kbytes
Page   5 Pages
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics
Description Single, Dual, Triple Output 40W & 60W DC-DC Converters

PXF Datasheet (PDF)

Go To PDF Page Download Datasheet
PXF Datasheet PDF - TDK Electronics

Part # PXF
Download  PXF Click to download

File Size   606.14 Kbytes
Page   5 Pages
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics
Description Single, Dual, Triple Output 40W & 60W DC-DC Converters

PXF Datasheet (HTML) - TDK Electronics


PXF Product details

Key Market Segments & Applications
Telecom
Datacom
Point of Load

Features
• UL, CSA, EN, CE Approvals
• Wide Range Input
• Six Sided Shielding




Similar Part No. - PXF

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
PXF40-12D12 TDK-PXF40-12D12 Datasheet
169Kb / 2P
DC-DC Converters
May 11, 2022
PXF40-12D15 TDK-PXF40-12D15 Datasheet
169Kb / 2P
DC-DC Converters
May 11, 2022
PXF40-12S05 TDK-PXF40-12S05 Datasheet
169Kb / 2P
DC-DC Converters
May 11, 2022
PXF40-12S12 TDK-PXF40-12S12 Datasheet
169Kb / 2P
DC-DC Converters
May 11, 2022
PXF40-12S15 TDK-PXF40-12S15 Datasheet
169Kb / 2P
DC-DC Converters
May 11, 2022
More results


Similar Description - PXF

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
C4000ERW MPD-C4000ERW Datasheet
250Kb / 2P
Compact, 2:1 Input 40W, Single Output DC/DC Converters
logo
Intronics Power, Inc.
DC1800 INTRONICS-DC1800 Datasheet
182Kb / 1P
25 Watt Single Dual Triple & 3.3V Output DC-DC Converters
logo
TDK Electronics
DPX6024S12 TDK-DPX6024S12 Datasheet
543Kb / 2P
Single, Dual Triple Output 40W to 60W DIN Mount DC-DC Converters
logo
Delta Electronics, Inc.
S24SP05008 DELTA-S24SP05008 Datasheet
628Kb / 6P
40W Single Output DC/DC Converter
S24SP12004 DELTA-S24SP12004 Datasheet
636Kb / 6P
40W Single Output DC/DC Converter
S24SP15003 DELTA-S24SP15003 Datasheet
668Kb / 6P
40W Single Output DC/DC Converter
S24SP24002 DELTA-S24SP24002 Datasheet
655Kb / 6P
40W Single Output DC/DC Converter
logo
CINCON ELECTRONICS Corp...
CFM40D CINCON-CFM40D Datasheet
450Kb / 3P
40W DUAL/TRIPLE OUTPUT AC-DC OPEN FRAME
logo
TDK Electronics
PXD40 TDK-PXD40 Datasheet
1Mb / 7P
40W Single and Dual Output DC-DC converters
April 20, 2022 V1
PXD60 TDK-PXD60 Datasheet
2Mb / 7P
60W Single and Dual Output DC-DC converters
April 13th, 2022 V2
More results




About TDK Electronics


TDK Electronics is a subsidiary of TDK Corporation, a multinational electronics company based in Japan.
TDK Electronics specializes in the design and manufacture of electronic components such as capacitors, inductors, and ferrite beads for use in a wide range of applications including consumer electronics, automobiles, and industrial systems.
The company is known for its high-quality products and innovative solutions, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com