Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ77PL900 Datasheet (PDF) - Texas Instruments

BQ77PL900 Datasheet PDF - Texas Instruments
Part # BQ77PL900
Download  BQ77PL900 Download
File Size   844.17 Kbytes
Page   62 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Five to Ten Series Cell Lithium-Ion or Lithium-Polymer Battery Protector and Analog Front End

BQ77PL900 Datasheet (PDF)

Go To PDF Page Download Datasheet
BQ77PL900 Datasheet PDF - Texas Instruments

Part # BQ77PL900
Download  BQ77PL900 Click to download

File Size   844.17 Kbytes
Page   62 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Five to Ten Series Cell Lithium-Ion or Lithium-Polymer Battery Protector and Analog Front End

BQ77PL900 Datasheet (HTML) - Texas Instruments


BQ77PL900 Product details

1FEATURES
· 5, 6, 7, 8, 9, or 10 Series-Cell Primary
Protection
· PMOS FET Drive for Charge and Discharge
FETs
· Capable of Operation with 1-mΩ Sense
Resistor
· Supply Voltage Range from 7 V to 50 V
· Low Supply Current of 450 mA Typical
· Integrated 5-V, 25-mA LDO
· Integrated 3.3-V, 25-mA LDO
· Stand-Alone Mode
– Pack Protection Control and Recovery
– Individual Cell Monitoring
– Integrated Cell Balancing
– Programmable Threshold and Delay Time
for
– Overvoltage
– Undervoltage
– Overcurrent in Discharge
– Short Circuit in Discharge
– Fixed Overtemperature Protection
· Host Control Mode
– I2C Interface to Host Controller
– Analog Interface for Host Cell Measurement
and System Charge/Discharge Current
– Host-Controlled Protection Recovery
– Host-Controlled Cell Balancing

APPLICATIONS
· Cordless Power Tools
· Power Assisted Bicycle/Scooter
· Uninterruptible Power Supply (UPS) Systems
· Medical Equipment
· Portable Test Equipment

DESCRIPTION
The bq77PL900 is a five to ten series cell lithium-ion
battery pack protector. The integrated I2C
communications interface allows the bq77PL900 also
to be as an analog front end (AFE) for a Host
controller. Two LDOs, one 5-V, 25-mA and one 3.3-V, 25-mA, are also included and may be used to power
a host controller or support circuitry.
The bq77PL900 integrates a voltage translation
system to extract battery parameters such as
individual cell voltages and charge/discharge current.
Variables such as voltage protection thresholds and detection delay times can be programmed by using
the internal EEPROM.
The bq77PL900 can act as a stand-alone
self-contained battery protection system (stand-alone
mode). It can alternatively be combined with a host
microcontroller to offer fuel gauge or other battery
management capabilities to the host system
(host-control mode).
The bq77PL900 provides full safety protection for
overvoltage, undervoltage, overcurrent in discharge,
and short circuit in discharge conditions. When the
EEPROM programmable safety thresholds are
reached, the bq77PL900 turns off the FET drive
autonomously. No external components are needed
to configure the protection features.
The analog front end (AFE) outputs allow a host
controller to observe individual cell voltages and
charge/discharge currents. The host controller’s
analog-to-digital converter connects to the bq77PL900 to acquire these values.
Cell balancing can be performed autonomously, or
the host controller can activate it individually via a cell
bypass path integrated into the bq77PL900. Internal control registers accessible via the I2C interface
configure this operation. The maximum balancing
bypass current is set via an external series resistor
and the internal FET-on resistance (typically 400 Ω).
Optionally, external bypass cell balance FETs can be
used for increased current capability.




Similar Part No. - BQ77PL900

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ77PL900 TI-BQ77PL900 Datasheet
746Kb / 57P
Five to Ten Series Cell Lithium-Ion or Lithium-Polymer Battery Protector and Analog Front End
BQ77PL900 TI-BQ77PL900 Datasheet
866Kb / 57P
Five to Ten Series Cell Lithium-Ion or Lithium-Polymer Battery Protector and Analog Front End
BQ77PL900 TI-BQ77PL900 Datasheet
862Kb / 60P
Five to Ten Series Cell Lithium-Ion or Lifthium-Polymer Battery Protector and Analog Front End
BQ77PL900DL TI-BQ77PL900DL Datasheet
746Kb / 57P
Five to Ten Series Cell Lithium-Ion or Lithium-Polymer Battery Protector and Analog Front End
BQ77PL900DL TI-BQ77PL900DL Datasheet
866Kb / 57P
Five to Ten Series Cell Lithium-Ion or Lithium-Polymer Battery Protector and Analog Front End
More results


Similar Description - BQ77PL900

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ29311 TI-BQ29311 Datasheet
242Kb / 19P
THREE AND FOUR CELL LITHIUM ION OR LITHIUM POLYMER BATTERY PROTECTION IC
BQ29312A TI-BQ29312A Datasheet
1Mb / 35P
TWO-CELL, THREE-CELL, AND FOUR-CELL LITHIUM-ION OR LITHIUM-POLYMER BATTERY PROTECTION AFE
BQ29330 TI-BQ29330 Datasheet
1Mb / 26P
2-,3-,AND 4-CELL LITHIUM-ION OR LITHIUM-POLYMER BATTERY PROTECTION AFE
BQ77PL900 TI-BQ77PL900 Datasheet
746Kb / 57P
Five to Ten Series Cell Lithium-Ion or Lithium-Polymer Battery Protector and Analog Front End
BQ77PL900 TI-BQ77PL900_1 Datasheet
866Kb / 57P
Five to Ten Series Cell Lithium-Ion or Lithium-Polymer Battery Protector and Analog Front End
BQ77PL900 TI-BQ77PL900_2 Datasheet
862Kb / 60P
Five to Ten Series Cell Lithium-Ion or Lifthium-Polymer Battery Protector and Analog Front End
BQ76925 TI1-BQ76925 Datasheet
743Kb / 29P
Host Controlled Analog Front End for 3 to 6 Series Cell Lithium-Ion/ Polymer Battery
BQ77908A TI-BQ77908A Datasheet
943Kb / 52P
Multi-Cell Lithium-Ion/Polymer Precision Protector
BQ77910ADBT TI1-BQ77910ADBT Datasheet
856Kb / 52P
Multi-Cell Lithium-Ion/Polymer Precision Protector
logo
Unisonic Technologies
UB2421 UTC-UB2421_15 Datasheet
232Kb / 11P
ONE CELL LITHIUM-ION POLYMER BATTERY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com