Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1938 Datasheet (PDF) - Adafruit Industries

1938 Datasheet PDF - Adafruit Industries
Part # 1938
Download  1938 Download
File Size   164.19 Kbytes
Page   3 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description NeoPixel Diffused 5mm Through-Hole LED - 5 Pack

1938 Datasheet (PDF)

Go To PDF Page Download Datasheet
1938 Datasheet PDF - Adafruit Industries

Part # 1938
Download  1938 Click to download

File Size   164.19 Kbytes
Page   3 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description NeoPixel Diffused 5mm Through-Hole LED - 5 Pack

1938 Datasheet (HTML) - Adafruit Industries




Similar Part No. - 1938

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1938 ETC2-1938 Datasheet
297Kb / 1P
SPACERS , STANDOFFS
logo
Keystone Electronics Co...
1938 KEYSTONE-1938 Datasheet
282Kb / 1P
SPACERS & STANDOFFS
31-07 20th
logo
Mill-Max Mfg. Corp.
1938-0-00-XX-00-00-03-0 MILL-MAX-1938-0-00-XX-00-00-03-0 Datasheet
210Kb / 1P
PRINTED CIRCUIT PINS
logo
Alpha Wire
1938/3 ALPHAWIRE-1938/3 Datasheet
98Kb / 4P
Customer Specification
12/12/2022
1938/4 ALPHAWIRE-1938/4 Datasheet
98Kb / 4P
Customer Specification
12/12/2022
More results


Similar Description - 1938

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE3018 NTE-NTE3018 Datasheet
55Kb / 2P
Light Emitting Diode (LED) Red Diffused, 5mm
logo
Dialight Corporation
521-9320 DIALIGHT-521-9320 Datasheet
17Kb / 1P
5mm Discrete LED Low Current, 2mA Diffused
521-9320 DIALIGHT-521-9320 Datasheet
17Kb / 1P
5mm Discrete LED Low Current, 2mA Diffused
logo
List of Unclassifed Man...
QBOL5R50D ETC1-QBOL5R50D Datasheet
554Kb / 10P
5mm Oval Through Hole Lamp
logo
LUMEX INC.
SSL-LX5579IGW LUMEX-SSL-LX5579IGW Datasheet
56Kb / 1P
5 X 5mm SQUARE LED, BICOLOR RED/GREEN MILKY WHITE DIFFUSED
SSI-LX5093GD-150 LUMEX-SSI-LX5093GD-150 Datasheet
57Kb / 1P
T-5mm LED GREEN DIFFUSED
SSI-LX5093LGD-380 LUMEX-SSI-LX5093LGD-380 Datasheet
58Kb / 1P
T-5mm LED, GREEN DIFFUSED LED
SSI-LX5093LID-380 LUMEX-SSI-LX5093LID-380 Datasheet
92Kb / 1P
T-5mm LED, RED DIFFUSED LED
SSI-LX5093LYD-380 LUMEX-SSI-LX5093LYD-380 Datasheet
84Kb / 1P
T-5mm LED, YELLOW DIFFUSED LED
logo
SparkFun Electronics
COM-14977 SPARKFUN-COM-14977 Datasheet
245Kb / 2P
LED - Assorted with Resistor 5mm (20 pack)
10-29-18
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com