Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM0912-080 Datasheet (PDF) - STMicroelectronics

AM0912-080 Datasheet PDF - STMicroelectronics
Part # AM0912-080
Download  AM0912-080 Download

File Size   65.73 Kbytes
Page   3 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS

AM0912-080 Datasheet (PDF)

Go To PDF Page Download Datasheet
AM0912-080 Datasheet PDF - STMicroelectronics

Part # AM0912-080
Download  AM0912-080 Click to download

File Size   65.73 Kbytes
Page   3 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS

AM0912-080 Datasheet (HTML) - STMicroelectronics

AM0912-080 Datasheet HTML 1Page - STMicroelectronics AM0912-080 Datasheet HTML 2Page - STMicroelectronics AM0912-080 Datasheet HTML 3Page - STMicroelectronics

AM0912-080 Product details

DESCRIPTION
The AM0912-080 Avionics power transistor is a broadband, high peak pulse power device specifically designed for avionics applications requiring broad bandwidth with moderate duty cycle and pulse width constraints such as ground/ship based DME/TACAN.
This device is also designed for specialized applications including JTIDS where reduced power provided under pulse formats utilizing short pulse widths and high burst or overall duty cycles.
The AM0912-080 is housed in the unique AMPAC™ Hermetic Metal/Ceramic package with internal Input/Output matching structures.

■ REFRACTORY/GOLD METALLIZATION
■ EMITTER SITE BALLASTED
■ LOW THERMAL RESISTANCE
■ INPUT/OUTPUT MATCHING
■ OVERLAY GEOMETRY
■ METAL/CERAMIC HERMETIC PACKAGE
■ POUT = 90 W MIN. WITH 13 dB GAIN
■ BANDWIDTH 225 MHz




Similar Part No. - AM0912-080

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
AM0912-080 ASI-AM0912-080 Datasheet
101Kb / 2P
   RF POWER TRANSISTOR
More results


Similar Description - AM0912-080

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD1540-08 STMICROELECTRONICS-SD1540-08 Datasheet
72Kb / 5P
   RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
AM80912-085 STMICROELECTRONICS-AM80912-085 Datasheet
66Kb / 5P
   AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
MSC1000M STMICROELECTRONICS-MSC1000M Datasheet
100Kb / 5P
   AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
MSC81325M STMICROELECTRONICS-MSC81325M Datasheet
73Kb / 3P
   RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
MSC81400M STMICROELECTRONICS-MSC81400M Datasheet
65Kb / 3P
   RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
AM0608-450 STMICROELECTRONICS-AM0608-450 Datasheet
82Kb / 3P
   AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
AM80912-015 STMICROELECTRONICS-AM80912-015 Datasheet
94Kb / 6P
   AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
logo
Microsemi Corporation
MS2209 MICROSEMI-MS2209_08 Datasheet
128Kb / 4P
   RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
logo
New Jersey Semi-Conduct...
SD1540 NJSEMI-SD1540 Datasheet
111Kb / 3P
   RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
logo
Advanced Power Technolo...
MS2290 ADPOW-MS2290 Datasheet
94Kb / 3P
   RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
MS2554 ADPOW-MS2554 Datasheet
91Kb / 3P
   RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com