Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC3901D Datasheet (PDF) - Texas Instruments

UC3901D Datasheet PDF - Texas Instruments
Part # UC3901D
Download  UC3901D Download
File Size   538.81 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Isolated Feedback Generator

UC3901D Datasheet (PDF)

Go To PDF Page Download Datasheet
UC3901D Datasheet PDF - Texas Instruments

Part # UC3901D
Download  UC3901D Click to download

File Size   538.81 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Isolated Feedback Generator

UC3901D Datasheet (HTML) - Texas Instruments


UC3901D Product details

FEATURES
· An Amplitude-Modulation System for
Transformer Coupling an Isolated
Feedback Error Signal
· Low-Cost Alternative to Optical
Couplers
· Internal 1% Reference and Error
Amplifier
· Internal Carrier Oscillator Usable to
5MHz
· Modulator Synchronizable to an
External Clock
· Loop Status Monitor

DESCRIPTION
The UC1901 family is designed to solve many of the problems associated
with closing a feedback control loop across a voltage isolation
boundary. As a stable and reliable alternative to an optical coupler, these
devices feature an amplitude modulation system which allows a loop error
signal to be coupled with a small RF transformer or capacitor.
The programmable, high-frequency oscillator within the UC1901 series
permits the use of smaller, less expensive transformers which can readily
be built to meet the isolation requirements of today's line-operated power
systems. As an alternative to RF operation, the external clock input to
these devices allows synchronization to a system clock or to the switching
frequency of a SMPS.
An additional feature is a status monitoring circuit which provides an activelow
output when the sensed error voltage is within ±10% of the reference.
The DRIVERA output, DRIVERB output, and STATUS output are disabled
until the input supply has reached a sufficient level to allow proper operation
of the device.
Since these devices can also be used as a DC driver for optical couplers,
the benefits of 4.5 to 40V supply operation, a 1% accurate reference, and a
high gain general purpose amplifier offer advantages even though an AC
system may not be desired.




Similar Part No. - UC3901D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC3901D TI-UC3901D Datasheet
397Kb / 7P
Isolated Feedback Generator
UC3901D TI1-UC3901D Datasheet
599Kb / 12P
Isolated Feedback Generator
UC3901DG4 TI1-UC3901DG4 Datasheet
599Kb / 12P
Isolated Feedback Generator
UC3901DTR TI1-UC3901DTR Datasheet
599Kb / 12P
Isolated Feedback Generator
UC3901DTRG4 TI1-UC3901DTRG4 Datasheet
599Kb / 12P
Isolated Feedback Generator
More results


Similar Description - UC3901D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1901 TI-UC1901 Datasheet
397Kb / 7P
Isolated Feedback Generator
logo
Maxim Integrated Produc...
MAX5058 MAXIM-MAX5058 Datasheet
460Kb / 25P
Parallelable Secondary-Side Synchronous Rectifier Driver and Feedback-Generator Controller ICs
Rev 0; 10/03
logo
Linear Technology
LT1228 LINER-LT1228_12 Datasheet
666Kb / 22P
100MHz Current Feedback
logo
Texas Instruments
UC2901-EP TI1-UC2901-EP Datasheet
249Kb / 9P
ISOLATED FEEDBACK GENERATOR
UC1901 TI1-UC1901_11 Datasheet
599Kb / 12P
Isolated Feedback Generator
UC2901-EP TI-UC2901-EP_15 Datasheet
266Kb / 10P
ISOLATED FEEDBACK GENERATOR
logo
Analog Devices
AD8001 AD-AD8001_17 Datasheet
329Kb / 17P
Current Feedback Amplifier
23-Feb-2017
AD8004 AD-AD8004_17 Datasheet
449Kb / 17P
Current Feedback Amplifier
24-Feb-2017
ADUM3070 AD-ADUM3070_V01 Datasheet
763Kb / 20P
Isolated Switching Regulator With Integrated Feedback
Rev. A
ADUM4070 AD-ADUM4070 Datasheet
561Kb / 20P
Isolated Switching Regulator with Integrated Feedback
Rev. 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com