Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC1835 Datasheet (PDF) - Texas Instruments

UC1835 Datasheet PDF - Texas Instruments
Part # UC1835
Download  UC1835 Download
File Size   482.5 Kbytes
Page   8 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description High Efficiency Regulator Controller

UC1835 Datasheet (PDF)

Go To PDF Page Download Datasheet
UC1835 Datasheet PDF - Texas Instruments

Part # UC1835
Download  UC1835 Click to download

File Size   482.5 Kbytes
Page   8 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description High Efficiency Regulator Controller

UC1835 Datasheet (HTML) - Texas Instruments


UC1835 Product details

FEATURES
· Complete Control for a High Current,
Low Dropout, Linear Regulator
· Fixed 5V or Adjustable Output Voltage
· Accurate 2.5A Current Limiting with
Foldback
· Internal Current Sense Resistor
· Remote Sense for Improved Load
Regulation
· External Shutdown
· Under-Voltage Lockout and Reverse
Voltage Protection
· Thermal Shutdown Protection
· 8 Pin Mini-Dip Package
(Surface Mount also Available)

DESCRIPTION
The UC1835/6 families of linear controllers are optimized for the design
of low cost, low dropout, linear regulators. Using an external pass
element, dropout voltages of less than 0.5V are readily obtained.
These devices contain a high gain error amplifier, a 250mA output
driver, and a precision reference. In addition, current sense with foldback
provides for a 2.5A peak output current dropping to less than
0.5A at short circuit.
These devices are available in fixed, 5V, (UC1835), or adjustable,
(UC1836), versions. In the fixed 5 volt version, the only external parts
required are an external pass element, an output capacitor, and a compensation
capacitor. On the adjustable version the output voltage can
be set anywhere from 2.5V to 35V with two external resistors.
Additional features of these devices include under-voltage lockout for
predictable start-up, thermal shutdown and short circuit current limiting
to protect the driver device. On the fixed voltage version, a reverse
voltage comparator minimizes reverse load current in the event of a
negative input to output differential.




Similar Part No. - UC1835

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1835 TI-UC1835 Datasheet
479Kb / 5P
High Efficiency Regulator Controller
UC1835 TI-UC1835 Datasheet
735Kb / 10P
High Efficiency Regulator Controller
UC1835 TI1-UC1835 Datasheet
735Kb / 10P
High Efficiency Regulator Controller
UC1835 TI-UC1835 Datasheet
731Kb / 10P
High Efficiency Regulator Controller
UC1835J TI1-UC1835J Datasheet
735Kb / 10P
High Efficiency Regulator Controller
More results


Similar Description - UC1835

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1835 TI-UC1835 Datasheet
479Kb / 5P
High Efficiency Regulator Controller
logo
Linear Technology
LT1432 LINER-LT1432 Datasheet
611Kb / 28P
5V High Efficiency Step-Down Switching Regulator Controller
logo
Rohm
BD9775FV ROHM-BD9775FV_11 Datasheet
426Kb / 15P
High Efficiency Step-down Switching Regulator Controller
logo
Texas Instruments
UC3836N TI1-UC3836N Datasheet
735Kb / 10P
High Efficiency Regulator Controller
UC2836D TI-UC2836D Datasheet
735Kb / 10P
High Efficiency Regulator Controller
UC2835N TI1-UC2835N Datasheet
735Kb / 10P
High Efficiency Regulator Controller
UC3836DW TI-UC3836DW Datasheet
731Kb / 10P
High Efficiency Regulator Controller
logo
Analog Devices
ADP1147 AD-ADP1147_15 Datasheet
203Kb / 12P
High Efficiency Step-Down Switching Regulator Controller
REV. 0
logo
Linear Technology
LT1432-3.3 LINER-LT1432-3.3_15 Datasheet
275Kb / 8P
3.3V High Efficiency Step-Down Switching Regulator Controller
logo
ON Semiconductor
LV5068V ONSEMI-LV5068V Datasheet
119Kb / 6P
high efficiency Step-down Switching Regulator Controller
August, 2013
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com