Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC1834 Datasheet (PDF) - Texas Instruments

UC1834 Datasheet PDF - Texas Instruments
Part # UC1834
Download  UC1834 Download
File Size   686.4 Kbytes
Page   11 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description High Efficiency Linear Regulator

UC1834 Datasheet (PDF)

Go To PDF Page Download Datasheet
UC1834 Datasheet PDF - Texas Instruments

Part # UC1834
Download  UC1834 Click to download

File Size   686.4 Kbytes
Page   11 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description High Efficiency Linear Regulator

UC1834 Datasheet (HTML) - Texas Instruments


UC1834 Product details

FEATURES
· Minimum VIN - VOUT Less Than
0.5V At 5A Load With External
Pass Device
· Equally Usable For Either Positive
or Negative Regulator Design
· Adjustable Low Threshold Current
Sense Amplifier
· Under And Over-Voltage Fault Alert
With Programmable Delay
· Over-Voltage Fault Latch With
100mA Crowbar Drive Output

DESCRIPTION
The UC1834 family of integrated circuits is optimized for the design of low
input-output differential linear regulators. A high gain amplifier and 200mA
sink or source drive outputs facilitate high output current designs which use
an external pass device. With both positive and negative precision references,
either polarity of regulator can be implemented. A current sense amplifier
with a low, adjustable, threshold can be used to sense and limit
currents in either the positive or negative supply lines.
In addition, this series of parts has a fault monitoring circuit which senses
both under and over-voltage fault conditions. After a user defined delay for
transient rejection, this circuitry provides a fault alert output for either fault
condition. In the over-voltage case, a 100mA crowbar output is activated.
An over-voltage latch will maintain the crowbar output and can be used to
shutdown the driver outputs. System control to the device can be accommodated
at a single input which will act as both a supply reset and remote
shutdown terminal. These die are protected against excessive power dissipation
by an internal thermal shutdown function.




Similar Part No. - UC1834

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1834 TI-UC1834 Datasheet
676Kb / 9P
High Efficiency Linear Regulator
UC1834 TI-UC1834 Datasheet
1Mb / 12P
High Efficiency Linear Regulator
UC1834 TI2-UC1834 Datasheet
270Kb / 6P
UC1834-DIE High Efficiency Linear Regulator
NOVEMBER 2014
UC1834-DIE TI-UC1834-DIE Datasheet
199Kb / 6P
High Efficiency Linear Regulator
UC1834-DIE TI2-UC1834-DIE Datasheet
270Kb / 6P
UC1834-DIE High Efficiency Linear Regulator
NOVEMBER 2014
More results


Similar Description - UC1834

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1834 TI-UC1834 Datasheet
676Kb / 9P
High Efficiency Linear Regulator
logo
List of Unclassifed Man...
A6155 ETC1-A6155 Datasheet
462Kb / 15P
High Efficiency Linear Power Supply
A6300 ETC1-A6300 Datasheet
196Kb / 8P
High Efficiency Linear Power Supply
logo
Texas Instruments
UC1834J TI-UC1834J Datasheet
1Mb / 12P
High Efficiency Linear Regulator
UC3836DW TI-UC3836DW Datasheet
731Kb / 10P
High Efficiency Regulator Controller
logo
Torex Semiconductor
XB1085-12 TOREX-XB1085-12 Datasheet
178Kb / 11P
High efficiency linear regulators
XB1086-12 TOREX-XB1086-12 Datasheet
178Kb / 11P
High efficiency linear regulators
logo
Texas Instruments
UC1834-DIE TI-UC1834-DIE_15 Datasheet
199Kb / 6P
High Efficiency Linear Regulator
logo
Advanced Monolithic Sys...
AMS1084CT ADMOS-AMS1084CT Datasheet
133Kb / 9P
High Efficiency Linear Regulators
logo
Shenzhen Huazhimei Semi...
HM2940 HMSEMI-HM2940 Datasheet
266Kb / 4P
High Efficiency Linear Regulators
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com