Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC2895-EP Datasheet (PDF) - Texas Instruments

UCC2895-EP Datasheet PDF - Texas Instruments
Part # UCC2895-EP
Download  UCC2895-EP Download
File Size   626.22 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description UCC2895-EP BiCMOS Advanced Phase-Shift PWM Controller

UCC2895-EP Datasheet (PDF)

Go To PDF Page Download Datasheet
UCC2895-EP Datasheet PDF - Texas Instruments

Part # UCC2895-EP
Download  UCC2895-EP Click to download

File Size   626.22 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description UCC2895-EP BiCMOS Advanced Phase-Shift PWM Controller

UCC2895-EP Datasheet (HTML) - Texas Instruments


UCC2895-EP Product details

1 Features
1• Programmable Output Turnon Delay
• Adaptive Delay Set
• Bidirectional Oscillator Synchronization
• Capability for Voltage-Mode or Current-Mode
Control
• Programmable Soft Start/Soft Stop and Chip
Disable Via a Single Pin
• 0% to 100% Duty-Cycle Control
• 7-MHz Error Amplifier
• Operation to 1 MHz
• Low-Active Current Consumption (5-mA Typ at
500 kHz)
• Very-Low-Current Consumption During
Undervoltage Lockout (150-μA Typ)

• Supports Defense, Aerospace, and Medical
Applications:
– Controlled Baseline
– One Assembly/Test Site
– One Fabrication Site
– Available in Military (–55°C to 125°C)
Temperature Range
– Extended Product Life Cycle
– Extended Product-Change Notification
– Product Traceability

2 Description
The UCC2895-EP is a phase-shift pulse-width
modulation (PWM) controller that implements control
of a full-bridge power stage by phase shifting the
switching of one half bridge with respect to the other.
It allows constant frequency PWM in conjunction with
resonant zero-voltage switching to provide high
efficiency at high frequencies. The device can be
used either as a voltage-mode or current-mode
controller.
While the UCC2895-EP maintains the functionality of
the UC2875/6/7/8 family, it improves on that controller
family with additional features, such as enhanced
control logic, adaptive delay set, and shutdown
capability. Since the device is built in BCDMOS, it
operates with dramatically less supply current than its
bipolar counterparts. The UCC2895-EP can operate
with a maximum clock frequency of 1 MHz.
The M-temp UCC2895-EP device is offered in the 20-
pin SOIC (DW) package.




Similar Part No. - UCC2895-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2895-EP TI1-UCC2895-EP Datasheet
623Kb / 20P
BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC2895-EP TI-UCC2895-EP_15 Datasheet
795Kb / 21P
BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
More results


Similar Description - UCC2895-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1895 TI-UCC1895 Datasheet
291Kb / 14P
BiCMOS Advanced Phase Shift PWM Controller
UCC28500 TI-UCC28500 Datasheet
571Kb / 31P
BICMOS PFC/PWM COMBINATION CONTROLLER
UCC1895 TI-UCC1895_08 Datasheet
667Kb / 25P
BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC2895-EP TI1-UCC2895-EP Datasheet
623Kb / 20P
BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC2895-Q1 TI1-UCC2895-Q1 Datasheet
349Kb / 22P
BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC28500-12 TI1-UCC28500-12 Datasheet
914Kb / 35P
BiCMOS PFC/PWM COMBINATION CONTROLLER
UCC1895 TI1-UCC1895_13 Datasheet
609Kb / 28P
BiCMOS Advanced Phase-Shift PWM Controller
UCC2818A-Q1 TI-UCC2818A-Q1_15 Datasheet
858Kb / 21P
BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC2895-EP TI-UCC2895-EP_15 Datasheet
795Kb / 21P
BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC2895-Q1 TI-UCC2895-Q1_15 Datasheet
838Kb / 24P
BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com