Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC25705D Datasheet (PDF) - Texas Instruments

UCC25705D Datasheet PDF - Texas Instruments
Part # UCC25705D
Download  UCC25705D Download
File Size   654.9 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description HIGH-SPEED VOLTAGE MODE PULSE WIDTH MODULATOR

UCC25705D Datasheet (PDF)

Go To PDF Page Download Datasheet
UCC25705D Datasheet PDF - Texas Instruments

Part # UCC25705D
Download  UCC25705D Click to download

File Size   654.9 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description HIGH-SPEED VOLTAGE MODE PULSE WIDTH MODULATOR

UCC25705D Datasheet (HTML) - Texas Instruments


UCC25705D Product details

Greater Than 4-MHz Operation
Integrated Oscillator / Voltage Feed Forward
Compensation
>4:1 Input Voltage Range
25-ns Current Limit Delay
Programmable Maximum Duty Cycle Clamp
Optocoupler Interface
50-μA Start-Up Current
4.2-mA Operating Current @ 1 MHz
Smallest Footprint of the 8-pin MSOP
Package Minimizes Board Area and Height

description
The UCC35705 and UCC35706 devices are 8-pin voltage mode primary side controllers with fast over-current
protection. These devices are used as core high-speed building blocks in high performance isolated and non-isolated
power converters.
UCC35705/UCC35706 devices feature a high speed oscillator with integrated feed-forward compensation for
improved converter performance. A typical current sense to output delay time of 25 ns provides fast response to
overload conditions. The IC also provides an accurate programmable maximum duty cycle clamp for increased
protection which can also be disabled for the oscillator to run at maximum possible duty cycle.
Two UVLO options are offered. The UCC35705 with lower turn-on voltage is intended for dc-to-dc converters while
the higher turn-on voltage and the wider UVLO range of the UCC35706 is better suited for offline applications.
The UCC35705/UCC35706 family is offered in 8-pin MSOP (DGK), SOIC (D) and PDIP (P) packages.




Similar Part No. - UCC25705D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC25705D TI-UCC25705D Datasheet
353Kb / 12P
HIGH - SPEED VOLTAGE MODE PULSE MODE WIDTH MODULATOR
UCC25705DG4 TI1-UCC25705DG4 Datasheet
801Kb / 22P
HIGH--SPEED VOLTAGE MODE PULSE WIDTH MODULATOR
UCC25705DGK TI-UCC25705DGK Datasheet
353Kb / 12P
HIGH - SPEED VOLTAGE MODE PULSE MODE WIDTH MODULATOR
UCC25705DGKG4 TI1-UCC25705DGKG4 Datasheet
801Kb / 22P
HIGH--SPEED VOLTAGE MODE PULSE WIDTH MODULATOR
UCC25705DGKTR TI-UCC25705DGKTR Datasheet
353Kb / 12P
HIGH - SPEED VOLTAGE MODE PULSE MODE WIDTH MODULATOR
More results


Similar Description - UCC25705D

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66244FP MITSUBISHI-M66244FP Datasheet
78Kb / 15P
High Speed Monolithic Pulse Width Modulator
logo
Texas Instruments
UCC15701 TI-UCC15701 Datasheet
163Kb / 10P
Advanced Voltage Mode Pulse Width Modulator
UCC25705 TI-UCC25705 Datasheet
353Kb / 12P
HIGH - SPEED VOLTAGE MODE PULSE MODE WIDTH MODULATOR
UCC15701 TI-UCC15701_05 Datasheet
646Kb / 21P
Advanced Voltage Mode Pulse Width Modulator
logo
Microchip Technology
MCP1631 MICROCHIP-MCP1631 Datasheet
594Kb / 34P
High-Speed, Pulse Width Modulator
2008
logo
Texas Instruments
UCC25706-Q1 TI1-UCC25706-Q1 Datasheet
589Kb / 18P
HIGH-SPEED VOLTAGE MODE PULSE WIDTH MODULATOR
UCC25702D TI1-UCC25702D Datasheet
1Mb / 24P
Advanced Voltage Mode Pulse Width Modulator
UCC35701 TI1-UCC35701_13 Datasheet
1Mb / 24P
Advanced Voltage Mode Pulse Width Modulator
UCC25705-Q1 TI-UCC25705-Q1_15 Datasheet
771Kb / 19P
HIGH-SPEED VOLTAGE MODE PULSE WIDTH MODULATOR
UCC25705 TI1-UCC25705_14 Datasheet
801Kb / 22P
HIGH--SPEED VOLTAGE MODE PULSE WIDTH MODULATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com