Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC1581 Datasheet (PDF) - Texas Instruments

UCC1581 Datasheet PDF - Texas Instruments
Part # UCC1581
Download  UCC1581 Download
File Size   517.21 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Micropower Voltage Mode PWM

UCC1581 Datasheet (PDF)

Go To PDF Page Download Datasheet
UCC1581 Datasheet PDF - Texas Instruments

Part # UCC1581
Download  UCC1581 Click to download

File Size   517.21 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Micropower Voltage Mode PWM

UCC1581 Datasheet (HTML) - Texas Instruments


UCC1581 Product details

FEATURES
• Low 85μA Startup Current
• Low 300μA Operating Current
• Automatically Disabled
Startup Preregulator
• Programmable Minimum Duty
Cycle with Cycle Skipping
• Programmable Maximum
Duty Cycle
• Output Current 1A Peak
Source and Sink
• Programmable Soft Start
• Programmable Oscillator
Frequency
• External Oscillator
Synchronization Capability

DESCRIPTION
The UCC3581 voltage mode pulse width modulator is designed
to control low power isolated DC - DC converters
in applications such as Subscriber Line Power (ISDN
I.430). Primarily used for single switch forward and
flyback converters, the UCC3581 features BiCMOS circuitry
for low startup and operating current, while maintaining
the ability to drive power MOSFETs at
frequencies up to 100kHz. The UCC3581 oscillator allows
the flexibility to program both the frequency and the
maximum duty cycle with two resistors and a capacitor. A
TTL level input is also provided to allow synchronization
to an external frequency source.
The UCC3581 includes programmable soft start circuitry,
overcurrent detection, a 7.5V linear preregulator to control
chip VDD during startup, and an on-board 4.0V logic
supply.
The UCC3581 provides functions to maximize light load
efficiency that are not normally found in PWM controllers.
A linear preregulator driver in conjunction with an external
depletion mode N-MOSFET provides initial controller
power. Once the bootstrap supply is functional, the
preregulator is shut down to conserve power. During light
load, power is saved by providing a programmable minimum
duty cycle clamp. When a duty cycle below the
minimum is called for, the modulator skips cycles to provide
the correct average duty cycle required for output
regulation. This effectively reduces the switching frequency,
saving significant gate drive and power stage
losses.
The UCC3581 is available in 14-pin plastic and ceramic
dual-in-line packages and in a 14-pin narrow body small
outline IC package (SOIC). The UCC1581 is specified for
operation from −55°C to +125°C, the UCC2581 is specified
for operation from −40°C to +85°C, and the
UCC3581 is specified for operation from 0°C to +70°C.




Similar Part No. - UCC1581

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1581 TI-UCC1581 Datasheet
220Kb / 9P
Micropower Voltage Mode PWM
UCC1581 TI1-UCC1581 Datasheet
934Kb / 16P
Micropower Voltage Mode PWM
UCC1581J TI1-UCC1581J Datasheet
934Kb / 16P
Micropower Voltage Mode PWM
UCC1581 TI1-UCC1581_13 Datasheet
934Kb / 16P
Micropower Voltage Mode PWM
More results


Similar Description - UCC1581

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1581 TI-UCC1581 Datasheet
220Kb / 9P
Micropower Voltage Mode PWM
logo
Semtech Corporation
SC1101 SEMTECH-SC1101 Datasheet
96Kb / 8P
VOLTAGE MODE PWM CONTROLLER
logo
Fairchild Semiconductor
FAN7556 FAIRCHILD-FAN7556 Datasheet
243Kb / 10P
Voltage Mode PWM Controller
logo
Microsemi Corporation
LX1681 MICROSEMI-LX1681 Datasheet
125Kb / 9P
VOLTAGE - MODE PWM CONTROLLERS
logo
List of Unclassifed Man...
AP494 ETC-AP494 Datasheet
175Kb / 8P
VOLTAGE MODE PWM CONTROLLER
logo
Microsemi Corporation
LX1684 MICROSEMI-LX1684 Datasheet
294Kb / 12P
Voltage-Mode PWM Controller
logo
Taiwan Semiconductor Co...
TS494 TSC-TS494 Datasheet
138Kb / 7P
Voltage Mode PWM Controller
logo
Microsemi Corporation
LX1681 MICROSEMI-LX1681_05 Datasheet
205Kb / 9P
Voltage-Mode PWM Controllers
logo
Texas Instruments
UCC1581 TI1-UCC1581_13 Datasheet
934Kb / 16P
Micropower Voltage Mode PWM
logo
Shaoxing Devechip Micro...
SDC2921 SDC-SDC2921 Datasheet
402Kb / 13P
Voltage Mode PWM Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com