Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC2585M Datasheet (PDF) - Texas Instruments

UCC2585M Datasheet PDF - Texas Instruments
Part # UCC2585M
Download  UCC2585M Download
File Size   760.99 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LOW-VOLTAGE SYNCHRONOUS BUCK CONTROLLER

UCC2585M Datasheet (PDF)

Go To PDF Page Download Datasheet
UCC2585M Datasheet PDF - Texas Instruments

Part # UCC2585M
Download  UCC2585M Click to download

File Size   760.99 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LOW-VOLTAGE SYNCHRONOUS BUCK CONTROLLER

UCC2585M Datasheet (HTML) - Texas Instruments


UCC2585M Product details

FEATURES
VOUT Resistor Programmable Down to 0.9 V
3.3-V or 5.0-V Input Supply
1% DC Accuracy
High Efficiency Synchronous Switching
Drives P-Channel (High Side) and N-Channel
(Low Side) MOSFETs
Lossless Programmable Current Limit
Logic Compatible Shutdown

APPLICATIONS
Local Microprocessor Core Voltage Power
Supplies for Desktop and Notebook
Computers
DSP Core or I/O Powering
High-Speed GTL Bus Regulation

DESCRIPTION
The UCC3585 synchronous buck controller
provides flexible high efficiency power conversion
for output voltages as low as 0.9 V with ensured
±1% dc accuracy. With an input voltage range of
3.0 V to 5.5 V, it is the ideal choice for 3.3 V only,
5.0 V only, or other low voltage systems. The fixed
frequency oscillator is capable of providing
practical PWM operation to 500 kHz.
The UCC3585 drives a complementary pair of
power MOSFET transistors. A P-channel on the
high side, and an N-channel on the low side step
down the input voltage at up to 90% efficiency.
A programmable two-level current limiting
function is provided by sensing the voltage drop
across the high side P-channel MOSFET. This
circuit can be configured to provide pulseby-
pulse limiting, timed shutdown after seven
consecutive faults, or latch-off after fault detection,
allowing maximum application flexibility. The
current limit threshold can be programmed over a
wide range with a single resistor.




Similar Part No. - UCC2585M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2585M TI1-UCC2585M Datasheet
1Mb / 20P
LOW-VOLTAGE SYNCHRONOUS BUCK CONTROLLER
More results


Similar Description - UCC2585M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1571 ONSEMI-NCP1571 Datasheet
104Kb / 16P
Low Voltage Synchronous Buck Controller
October, 2004 ??Rev. 4
NCP1570 ONSEMI-NCP1570 Datasheet
279Kb / 14P
Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 5
CS5212 ONSEMI-CS5212_06 Datasheet
321Kb / 13P
Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 4
NCP1586 ONSEMI-NCP1586 Datasheet
80Kb / 8P
Low Voltage Synchronous Buck Controller
March, 2007 ??Rev. 0
logo
Texas Instruments
UCC3585M TI1-UCC3585M Datasheet
802Kb / 21P
LOW-VOLTAGE SYNCHRONOUS BUCK CONTROLLER
logo
Unisonic Technologies
UCS1201 UTC-UCS1201 Datasheet
166Kb / 5P
LOW VOLTAGE SYNCHRONOUS BUCK CONTROLLER
logo
ON Semiconductor
NCP81046 ONSEMI-NCP81046 Datasheet
157Kb / 10P
Low Voltage Synchronous Buck Controller
June, 2012 ??Rev. P0
NCP1579 ONSEMI-NCP1579_13 Datasheet
148Kb / 11P
Low Voltage Synchronous Buck Controller
April, 2013 ??Rev. 3
NCP1589D ONSEMI-NCP1589D_17 Datasheet
89Kb / 8P
Low Voltage Synchronous Buck Controller
January, 2017 ??Rev. 2
NCP1588 ONSEMI-NCP1588_V01 Datasheet
199Kb / 12P
Low Voltage Synchronous Buck Controller
January, 2008 - Rev. 4
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com