Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC3889D Datasheet (PDF) - Texas Instruments

UCC3889D Datasheet PDF - Texas Instruments
Part # UCC3889D
Download  UCC3889D Download
File Size   725.31 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Off-line Power Supply Controller

UCC3889D Datasheet (PDF)

Go To PDF Page Download Datasheet
UCC3889D Datasheet PDF - Texas Instruments

Part # UCC3889D
Download  UCC3889D Click to download

File Size   725.31 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Off-line Power Supply Controller

UCC3889D Datasheet (HTML) - Texas Instruments


UCC3889D Product details

FEATURES
· Transformerless Off-line
Applications
· Ideal Primary-side Bias Supply
· Efficient BiCMOS Design
· Wide Input Range
· Fixed or Adjustable
Low Voltage Output
· Uses Low Cost SMD Inductors
· Short Circuit Protected
· Optional Isolation Capability

DESCRIPTION
The UCC1889 controller is optimized for use as an off-line, low power, low voltage,
regulated bias supply. The unique circuit topology utilized in this device can be
visualized as two cascaded flyback converters, each operating in the discontinuous
mode, and both driven from a single external power switch. The significant
benefit of this approach is the ability to achieve voltage conversion ratios of 400V
to 12V with no transformer and low internal losses.
The control algorithm utilized by the UCC1889 is to force the switch on time to be
inversely proportional to the input line voltage while the switch off time is made inversely
proportional to the output voltage. This action is automatically controlled by
an internal feedback loop and reference. The cascaded configuration allows a voltage
conversion from 400V to 12V to be achieved with a switch duty cycle greater
than 10%. This topology also offers inherent short circuit protection since as the
output voltage falls to zero, the switch off time approaches infinity.
The output voltage can be easily set to 12V or 18V. Moreover, it can be programmed
for other output voltages less than 18V with a few additional components.
An isolated version can be achieved with this topology as described further
in Unitrode Application Note U-149.

OPERATION
With reference to the application diagram below, when input voltage is first applied,
the RON current into TON is directed to VCC where it charges the external capacitor,
C3, connected to VCC. As voltage builds on VCC, an internal undervoltage lockout
holds the circuit off and the output at DRIVE low until VCC reaches 8.4V. At this
time, DRIVE goes high turning on the power switch, Q1, and redirecting the current
into TON to the timing capacitor, CT. CT charges to a fixed threshold with a current
ICHG=0.8 · (VIN - 4.5V)/RON. Since DRIVE will only be high for as long as CT
charges, the power switch on time will be inversely proportional to line voltage.
This provides a constant line voltage-switch on time product.




Similar Part No. - UCC3889D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3889D TI1-UCC3889D Datasheet
1Mb / 14P
Off-line Power Supply Controller
UCC3889DG4 TI1-UCC3889DG4 Datasheet
1Mb / 14P
Off-line Power Supply Controller
UCC3889DTR TI1-UCC3889DTR Datasheet
1Mb / 14P
Off-line Power Supply Controller
UCC3889DTRG4 TI1-UCC3889DTRG4 Datasheet
1Mb / 14P
Off-line Power Supply Controller
More results


Similar Description - UCC3889D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1888 TI-UCC1888 Datasheet
299Kb / 6P
Off-line Power Supply Controller
UCC1889 TI-UCC1889 Datasheet
454Kb / 7P
Off-line Power Supply Controller
UCC1889 TI1-UCC1889_13 Datasheet
1Mb / 14P
Off-line Power Supply Controller
UCC2888 TI1-UCC2888 Datasheet
350Kb / 9P
OFF-LINE POWER SUPPLY CONTROLLER
logo
Dialog Semiconductor
IW1689 DIALOG-IW1689 Datasheet
973Kb / 17P
Low-Power Off-line Digital PWM Controller
IW1690 DIALOG-IW1690 Datasheet
879Kb / 13P
Low-Power Off-line Digital PWM Controller
IW1692 DIALOG-IW1692 Datasheet
1Mb / 18P
Low-Power Off-line Digital PWM Controller
logo
Shenzhen Xinmao Microel...
LP3773 LANDP-LP3773 Datasheet
665Kb / 9P
Low-Power off-line / PSR controller
logo
Linkage Goston Electron...
DK124 LINKAGE-DK124 Datasheet
4Mb / 7P
24 W off-line switch power supply
LNK315D LINKAGE-LNK315D Datasheet
4Mb / 7P
24 W off-line switch power supply
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com