Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC3921 Datasheet (PDF) - Texas Instruments

UCC3921 Datasheet PDF - Texas Instruments
Part # UCC3921
Download  UCC3921 Download
File Size   813.12 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Latchable Negative Floating Hot Swap Power Manager

UCC3921 Datasheet (PDF)

Go To PDF Page Download Datasheet
UCC3921 Datasheet PDF - Texas Instruments

Part # UCC3921
Download  UCC3921 Click to download

File Size   813.12 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Latchable Negative Floating Hot Swap Power Manager

UCC3921 Datasheet (HTML) - Texas Instruments


UCC3921 Product details

FEATURES
· Precision Fault Threshold
· Programmable:
Average Power Limiting, Linear
Current Control, Overcurrent Limit
and Fault Time
· Fault Output Indication Signal
· Automatic Retry Mode or Latched
Operation Mode
· Shutdown Control
· Undervoltage Lockout
· 250ms Glitch Filter on the SDFLTCH
pin
· 8-Pin DIL and SOIC

DESCRIPTION
The UCC3921 family of negative floating hot swap power managers provides
complete power management, hot swap, and fault handling capability.
The IC is referenced to the negative input voltage and is powered
through an external resistor connected to ground, which is essentially a
current drive as opposed to the traditional voltage drive. The onboard
10V shunt regulator protects the IC from excess voltage and serves as a
reference for programming the maximum allowable output sourcing current
during a fault. All control and housekeeping functions are integrated
and externally programmable. These include the fault current level, maximum
output sourcing current, maximum fault time, selection of Retry or
Latched mode, soft start time, and average power limiting. In the event of
a constant fault, the internal timer will limit the on time from less than
0.1% to a maximum of 3% duty cycle. The duty cycle modulation depends
on the current into PL, which is a function of the voltage across
the FET, thus limiting average power dissipation in the FET. The fault
level is fixed at 50mV across the current sense amplifier to minimize total
dropout. The fault current level is set with an external
current sense resistor, while the maximum allowable
sourcing current is programmed with a voltage divider
from VDD to generate a fixed voltage on IMAX. The current
level, when the output acts as a current source, is
equal to VIMAX/RSENSE. If desired, a controlled current
start up can be programmed with a capacitor on IMAX.
When the output current is below the fault level, the output
device is switched on. When the output current exceeds
the fault level, but is less than the maximum
sourcing level programmed by IMAX, the output remains
switched on, and the fault timer starts charging CT. Once
CT charges to 2.5V, the output device is turned off and
performs a retry some time later (provided that the selected
mode of operation is Automatic Retry Mode).
When the output current reaches the maximum sourcing
current level, the output acts as a current source, limiting
the output current to the set value defined by IMAX.
Other features of the UCC3921 include undervoltage
lockout, 8-pin Small Outline (SOIC) and Dual-In-Line
(DIL) packages, and a Latched Operation Mode option,
in which the output is latched off once CT charges to
2.5V and stays off until either SDFLTCH is toggled (for
greater than 1ms) or the IC is powered down and then
back up.




Similar Part No. - UCC3921

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3921 TI-UCC3921 Datasheet
497Kb / 11P
Latchable Negative Floating Hot Swap Power Manager
UCC3921D TI1-UCC3921D Datasheet
1Mb / 16P
Latchable Negative Floating Hot Swap Power Manager
UCC3921D/81143 TI1-UCC3921D/81143 Datasheet
1Mb / 16P
Latchable Negative Floating Hot Swap Power Manager
UCC3921D/81143G4 TI1-UCC3921D/81143G4 Datasheet
1Mb / 16P
Latchable Negative Floating Hot Swap Power Manager
UCC3921DG4 TI1-UCC3921DG4 Datasheet
1Mb / 16P
Latchable Negative Floating Hot Swap Power Manager
More results


Similar Description - UCC3921

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1913 TI-UCC1913 Datasheet
123Kb / 9P
Negative Voltage Hot Swap Power Manager
UCC1917 TI-UCC1917 Datasheet
228Kb / 9P
Positive Floating Hot Swap Power Manager
UCC1921 TI-UCC1921 Datasheet
497Kb / 11P
Latchable Negative Floating Hot Swap Power Manager
UCC3912 TI-UCC3912 Datasheet
148Kb / 6P
Programmable Hot Swap Power Manager
UCC2913 TI-UCC2913 Datasheet
314Kb / 17P
NEGATIVE VOLTAGE HOT SWAP POWER MANAGER
TPS2345 TI1-TPS2345 Datasheet
480Kb / 30P
CompactPCI짰 HOT SWAP POWER MANAGER
UCC3921DTR TI1-UCC3921DTR Datasheet
1Mb / 16P
Latchable Negative Floating Hot Swap Power Manager
UCC3917D TI1-UCC3917D Datasheet
1Mb / 25P
Positive Floating Hot-Swap Power Manager
UCC2913 TI1-UCC2913_15 Datasheet
914Kb / 21P
NEGATIVE VOLTAGE HOT SWAP POWER MANAGER
UCC2917 TI1-UCC2917 Datasheet
1Mb / 25P
Positive Floating Hot-Swap Power Manager
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com