Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSP5610 Datasheet (PDF) - Texas Instruments

VSP5610 Datasheet PDF - Texas Instruments
Part # VSP5610
Download  VSP5610 Download
File Size   743.16 Kbytes
Page   49 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-Bit, 4-Channel, CCD/CMOS Sensor Analog Front-End with Timing Generator

VSP5610 Datasheet (PDF)

Go To PDF Page Download Datasheet
VSP5610 Datasheet PDF - Texas Instruments

Part # VSP5610
Download  VSP5610 Click to download

File Size   743.16 Kbytes
Page   49 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-Bit, 4-Channel, CCD/CMOS Sensor Analog Front-End with Timing Generator

VSP5610 Datasheet (HTML) - Texas Instruments


VSP5610 Product details

1FEATURES
23• Four-Channel CCD/CMOS Signal: 2-Channel,
3-Channel, and 4-Channel Selectable
• Power Supply: 3.3 V Only, Typ
(Built-in LDO, 3.3 V to 1.8 V)
• Maximum Conversion Rate:
– VSP5610: 35 MSPS
– VSP5611: 50 MSPS
– VSP5612: 70 MSPS
• 16-Bit Resolution
• CDS/SH Selectable
• Maximum Input Signal Range: 2.0 V
• Analog and Digital Hybrid Gain:
– Analog Gain: 0.5 V/V to 3.5 V/V in
3/64-V/V Steps
– Digital Gain: 1 V/V to 2 V/V in
1/256-V/V Steps
• Offset Correction DAC: ±250 mV, 8-Bit
• Standard LVDS/CMOS Selectable Output:
– LVDS:
– Data Channel: 2-Channel, 3-Channel
– Clock Channel: 1-Channel
– 8-Bit/7-Bit Serializer Selectable
– CMOS: 4 Bits × 4, 8 Bits × 2
• Timing Generator:
– Fast Transfer Clock: Eight Signals
– Slow Transfer Clock: Six Signals
• Timing Adjustment Resolution: tMCLK/48
• Input Clamp/Input Reference Level
Internal/External Selectable
• Reference DAC: 0.5 V, 1.1 V, 1.5 V, 2 V
• SPI™: Three-Wire Serial
• GPIO: Four-Port

APPLICATIONS
• Copiers
• Facsimile Machines
• Scanners

DESCRIPTION
The VSP5610/11/12 are high-speed,
high-performance, 16-bit analog-to-digital-converters
(ADCs) that have four independent sampling circuit
channels for multi-output charge-coupled device (CCD) and complementary metal oxide
semiconductor (CMOS) line sensors. Pixel data from
the sensor are sampled by the sample/hold (SH) or
correlated double sampler (CDS) circuit, and are then
converted to digital data by an ADC. Data output is
selectable in low-voltage differential signaling (LVDS)
or CMOS modes.
The VSP5610/11/12 include a programmable gain to
support the pixel level inflection caused by luminance.
The integrated digital-to-analog-converter (DAC) can
be used to adjust the offset level for the analog input
signal. Furthermore, the timing generator (TG) is
integrated in these devices for the control of sensor
operation.
The VSP5610/11/12 use 1.65 V to 1.95 V for the core
voltage and 3.0 V to 3.6 V for I/Os. The core voltage
is supplied by a built-in low-dropout regulator (LDO).




Similar Part No. - VSP5610

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VSP5610 TI1-VSP5610 Datasheet
793Kb / 47P
16-Bit, 4-Channel, CCD/CMOS Sensor Analog Front-End with Timing Generator
VSP5610RSHR TI1-VSP5610RSHR Datasheet
793Kb / 47P
16-Bit, 4-Channel, CCD/CMOS Sensor Analog Front-End with Timing Generator
More results


Similar Description - VSP5610

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VSP10T21 TI-VSP10T21 Datasheet
284Kb / 21P
3-V, 10-BIT, 21-MSPS, ENHANCED TIMING CONTROL CCD ANALOG FRONT END
logo
National Semiconductor ...
LM98714 NSC-LM98714 Datasheet
598Kb / 12P
Three Channel, 16-Bit, 45 MSPS Digital Copier Analog Front End with Integrated CCD/CIS Sensor Timing Generator and LVDS Output
LM98725 NSC-LM98725 Datasheet
488Kb / 16P
3 Channel, 16-Bit, 81 MSPS Analog Front End with LVDS/CMOS Output, Integrated CCD/CIS Sensor Timing Generator and SSCG
LM98722 NSC-LM98722 Datasheet
481Kb / 14P
3 Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output, Integrated CCD/CIS Sensor Timing Generator and Spread Spectrum Clock Generation
logo
Texas Instruments
VSP5610 TI1-VSP5610 Datasheet
793Kb / 47P
16-Bit, 4-Channel, CCD/CMOS Sensor Analog Front-End with Timing Generator
VSP5620 TI1-VSP5620 Datasheet
777Kb / 41P
16-Bit, 4-Channel, CCD/CMOS Sensor Analog Front-End with LED Driver
VSP01M01 TI1-VSP01M01 Datasheet
1Mb / 91P
CCD Analog Front-End with Timing Generator and Vertical Driver for Digital Cameras
VSP8133 TI-VSP8133 Datasheet
901Kb / 29P
CCD Analog Front-End with Timing Generator for Digital Cameras
LM98714CCMTX TI-LM98714CCMTX Datasheet
733Kb / 17P
LM98714 Three Channel, 16-Bit, 45 MSPS Digital Copier Analog Front End with Integrated CCD/CIS Sensor Timing Generator and LVDS Output
LM98722 TI1-LM98722_14 Datasheet
708Kb / 20P
3 Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output Integrated CCD/CIS Sensor Timing Generator and Spread Spectrum Clock Generation
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com