Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AU6254 Datasheet (PDF) - List of Unclassifed Manufacturers

AU6254 Datasheet PDF - List of Unclassifed Manufacturers
Part # AU6254
Download  AU6254 Download
File Size   890.65 Kbytes
Page   30 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description USB2.0 Hub Controller

AU6254 Datasheet (PDF)

Go To PDF Page Download Datasheet
AU6254 Datasheet PDF - List of Unclassifed Manufacturers

Part # AU6254
Download  AU6254 Click to download

File Size   890.65 Kbytes
Page   30 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description USB2.0 Hub Controller

AU6254 Datasheet (HTML) - List of Unclassifed Manufacturers


AU6254 Product details

[About Alcor Micro, Corp]



Description

AU6254 is a fully compliant with the USB 2.0 hub specification and is designed to work with USB host as a high-speed hub.Its built-in TT (Transaction Translator) allows system to benefit combinational performance under the unbalanced traffic condition.



Features

•  Fully compliant with USB Hub Specification version 2.0 and is also backward compatible with USB Hub specification 1.1.

•  Single chip USB 2.0 hub controller.

•  Supports four bus-powered/self-powered downstream ports.

•  Supports automatic switching between bus- and self-powered modes.

•  Cost effective design using one transaction translator for all downstream ports.

•  Two-color LED controls available for each downstream port to indicate the status of each device port.

•  Extra low power consumption.

•  On chip internal pull-up and meets USB bus power regain emend pull down resistors for all data line.

•  Built-in USB 2.0 transceiver.

•  Supports individual and gang modes of power management.

•  Built-in power switch control for over current sensing control.

•  Built-in 1.8V regulator for core logic.

•  Embedded in PLL (Phase Lock Loop) circuit for 12MHz operation precision

•  Supports external EEPROM interface for customized PID and VID

•  Available in two different form factors: 48-pin LQFP package and 64-pin LQFP package.




Similar Part No. - AU6254

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AU6320 ETC2-AU6320 Datasheet
522Kb / 19P
USB2.0 CF Card Reader Controller
AU6331 ETC2-AU6331 Datasheet
683Kb / 23P
USB2.0 SD/MMC/MS Single/Dual LUN Card Reader Controller
AU6333 ETC2-AU6333 Datasheet
624Kb / 20P
USB2.0 SD/MMC/MS Single/Dual LUN Card Reader Controller
AU6336 ETC2-AU6336 Datasheet
532Kb / 22P
USB2.0 SD/MMC Single LUN Card Reader Controller
AU6337 ETC2-AU6337 Datasheet
629Kb / 25P
USB2.0 SD/MMC/MS Single/Dual LUN Card Reader controller
More results


Similar Description - AU6254

ManufacturerPart #DatasheetDescription
logo
NEC
UPD720101 NEC-UPD720101 Datasheet
406Kb / 36P
USB2.0 HOST CONTROLLER
logo
SMSC Corporation
20H04 SMSC-20H04 Datasheet
919Kb / 38P
4-PORT USB2.0 HUB CONTROLLER
USB2504 SMSC-USB2504 Datasheet
429Kb / 6P
INTEGRATED USB2.0 COMPATIBLE 4 - PORT HUB
USB2503 SMSC-USB2503 Datasheet
1Mb / 43P
Integrated USB2.0 Compatible 3-Port Hub
logo
ELAN Microelectronics C...
EKF5280 EMC-EKF5280 Datasheet
182Kb / 14P
USB2.0 Flash Controller
logo
Renesas Technology Corp
R8A66593FPBG RENESAS-R8A66593FPBG_15 Datasheet
1Mb / 144P
ASSP (USB2.0 Peripheral Controller)
M66591GP RENESAS-M66591GP_15 Datasheet
1,006Kb / 135P
ASSP (USB2.0 Peripheral Controller)
logo
List of Unclassifed Man...
MA8608 ETC2-MA8608 Datasheet
270Kb / 2P
Leading small power consumption USB2.0 Hub
logo
Renesas Technology Corp
R8A66593 RENESAS-R8A66593 Datasheet
1Mb / 144P
ASSP (USB2.0 Peripheral Controller)
Jun 28,2013
M66592 RENESAS-M66592 Datasheet
1Mb / 129P
ASSP (USB2.0 Peripheral Controller)
2004.10.01
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com