Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AU6984 Datasheet (PDF) - List of Unclassifed Manufacturers

AU6984 Datasheet PDF - List of Unclassifed Manufacturers
Part # AU6984
Download  AU6984 Download
File Size   1435.31 Kbytes
Page   21 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description USB2.0 Universal Flash Disk Controller

AU6984 Datasheet (PDF)

Go To PDF Page Download Datasheet
AU6984 Datasheet PDF - List of Unclassifed Manufacturers

Part # AU6984
Download  AU6984 Click to download

File Size   1435.31 Kbytes
Page   21 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description USB2.0 Universal Flash Disk Controller

AU6984 Datasheet (HTML) - List of Unclassifed Manufacturers


AU6984 Product details

[Alocr Micro, Corp.]

Description
The AU6984 USB 2.0 Flash Disk Controller is the best high performance solutions for SLC (Single- Level Cell), MLC (Multi-Level Cell) NAND and AG-AND with multiple dies data flash. Its high-speed read (30MB/Sec) and write access performance enable users to transfer and backup data effectively. Besides, AU6984 is certified by USB-IF (USB Implementers Forum), WHQL (Window Hardware Quality Labs) and EMI tests to guarantee the quality and reliability for end-users.

Features
● PCBs are pin compatible in AU6980, AU6981, AU6982, AU6983, AU6984.
● Integrate build-in regulator
● Supports SLC and MLC dual channel with high performance
● Supports 4K/Page SLC and MLC dual channel with high performance Integrates hardware DMA engine to tune up the operation performance
● Improve read performance reach 30MB/Sec
● Supports firmware upgrade mechanism(ISP,In-System Programming)
● Integrates hardware DMA engine to tune up the operation performance
● Integrates multi-bit ECC correction mechanism
● Complies with the standards defined in USB v2.0, USB Device Class Definition for Mass Storage and Bulk-Transport v1.0
● Works with default driver under the environments of Windows ME, Windows 2000, Windows XP, Mac 9.2, Mac OS X. Using Alcor Micro’s vendor driver for the environment under Windows 98SE
● Concurrent bus operation using multiple FIFO for better performance
● Integrates into flash memory power control switch
● Supports bad block management
● Supports dynamic serial number modification via mass production software
● Supports software write protection
● Support Auto Run function
● Support erasable and read-only mode AP Disk
● Companion application program with UFD – iStar available for users
    ► To have UFD partition management function
    ► To do password protection for the security in data access
    ► To guard data files with software write protection function
    ► To lock up PC by UFD as the key
● Available in 48-pin LQFP 7x7mm package to support 4CE pin flashx2pcs
● Available in 64-pin LQFP 7x7mm package to support 4CE pin flashx4pcs




Similar Part No. - AU6984

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AU6980 ETC2-AU6980 Datasheet
826Kb / 19P
Universal USB2.0 Flash Disk Controller Technical Reference Manual
AU6981 ETC2-AU6981 Datasheet
2Mb / 22P
Universal USB2.0 Flash Disk Controller
AU6986 ETC2-AU6986 Datasheet
1Mb / 21P
USB2.0 Universal Flash Disk Controller
AU6988 ETC2-AU6988  Datasheet
1Mb / 21P
USB2.0 Universal Flash Disk Controller
AU6989 ETC1-AU6989 Datasheet
1Mb / 2P
AU6998SN - USB 2.0 Universal Flash Disk Controller
More results


Similar Description - AU6984

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EKF5280 EMC-EKF5280 Datasheet
182Kb / 14P
USB2.0 Flash Controller
logo
SONiX Technology Compan...
SN20086APF SONIX-SN20086APF Datasheet
159Kb / 15P
USB2.0 Flash Disk Controller
logo
List of Unclassifed Man...
AU6388 ETC2-AU6388 Datasheet
440Kb / 19P
USB2.0 Flash Disk Controller Technical Reference Manual
AU6980 ETC2-AU6980 Datasheet
826Kb / 19P
Universal USB2.0 Flash Disk Controller Technical Reference Manual
AU6386 ETC2-AU6386 Datasheet
415Kb / 19P
USB2.0 Flash Disk Controller
AU6389 ETC2-AU6389 Datasheet
440Kb / 19P
USB2.0 Flash Disk Controller
AU6981 ETC2-AU6981 Datasheet
2Mb / 22P
Universal USB2.0 Flash Disk Controller
AU6986 ETC2-AU6986 Datasheet
1Mb / 21P
USB2.0 Universal Flash Disk Controller
logo
Apacer Technology Inc.
UDM2A-M-LP-90D APACER-UDM2A-M-LP-90D Datasheet
1Mb / 4P
USB2.0 flash disk module
logo
List of Unclassifed Man...
AU69XX ETC1-AU69XX Datasheet
1Mb / 2P
AU6998SN - USB 2.0 Universal Flash Disk Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com