Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TVP5151 Datasheet (PDF) - Texas Instruments

TVP5151 Datasheet PDF - Texas Instruments
Part # TVP5151
Download  TVP5151 Download
File Size   899.28 Kbytes
Page   86 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Ultralow-Power NTSC/PAL/SECAM Video Decoder

TVP5151 Datasheet (PDF)

Go To PDF Page Download Datasheet
TVP5151 Datasheet PDF - Texas Instruments

Part # TVP5151
Download  TVP5151 Click to download

File Size   899.28 Kbytes
Page   86 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Ultralow-Power NTSC/PAL/SECAM Video Decoder

TVP5151 Datasheet (HTML) - Texas Instruments


TVP5151 Product details

1.1 Features
1
• Accepts NTSC (J, M, 4.43), PAL (B, D, G, H, I,
M, N, Nc), and SECAM (B, D, G, K, K1, L) Video
• Supports ITU-R BT.601 Standard Sampling
• High-Speed 9-Bit Analog-to-Digital Converter
(ADC)
• Two Composite Inputs or One S-Video Input
• Fully Differential CMOS Analog Preprocessing
Channels With Clamping and Automatic Gain
Control (AGC) for Best Signal-to-Noise (S/N)
Performance
• Ultralow Power Consumption
• 48-Terminal PBGA Package (ZQC) or
32-Terminal TQFP Package (PBS)
• Power-Down Mode: <1 mW
• Brightness, Saturation, Hue, and Sharpness
Control Through I2C
• Complementary 4-Line (3-H Delay) Adaptive
Comb Filters for Both Cross-Luminance and
Cross-Chrominance Noise Reduction
• Patented Architecture for Locking to Weak,
Noisy, or Unstable Signals
• Single 27.000-MHz Crystal for All Standards
• Internal Phase-Locked Loop (PLL) for
Line-Locked Clock and Sampling
• Subcarrier Genlock Output for Synchronizing
Color Subcarrier of External Encoder
• Variable Digital I/O Supply Voltage Range from
1.8 V to 3.3 V
• Standard Programmable Video Output Formats
– ITU-R BT.656, 8-Bit 4:2:2 With Embedded
Syncs
– 8-Bit 4:2:2 With Discrete Syncs
• Macrovision™ Copy Protection Detection
• Advanced Programmable Video Output
Formats
– 2× Oversampled Raw Vertical Blanking
Interval (VBI) Data During Active Video
– Sliced VBI Data During Horizontal Blanking
or Active Video
• VBI Modes Supported
– Teletext (NABTS, WST)
– Closed-Caption Decode With FIFO and
Extended Data Services (XDS)
– Wide Screen Signaling, Video Program
System, CGMS-A, Vertical Interval Time
Code
– Gemstar 1x/2x Electronic Program Guide
Compatible Mode
– Custom Configuration Mode That Allows
User to Program Slice Engine for Unique VBI
Data Signals
• Power-On Reset
• Industrial Temperature Range
(TVP5151I): –40°C to 85°C

1.2 Description
The TVP5151 device is an ultralow-power NTSC/PAL/SECAM video decoder. Available in a space-saving
48-terminal PBGA package or a 32-terminal TQFP package, the TVP5151 decoder converts NTSC, PAL,
and SECAM video signals to 8-bit ITU-R BT.656 format. Discrete syncs are also available. The optimized
architecture of the TVP5151 decoder allows for ultralow power consumption. The decoder consumes
138-mW power under typical operating conditions and consumes less than 1 mW in power-down mode,
considerably increasing battery life in portable applications. The decoder uses just one crystal for all
supported standards. The TVP5151 decoder can be programmed using an I2C serial interface.
The TVP5151 decoder converts baseband analog video into digital YCbCr 4:2:2 component video.
Composite and S-video inputs are supported. The TVP5151 decoder includes one 9-bit analog-to-digital
converter (ADC) with 2× sampling. Sampling is ITU-R BT.601 (27.0 MHz, generated from the 27.000-MHz
crystal or oscillator input) and is line locked. The output formats can be 8-bit 4:2:2 or 8-bit ITU-R BT.656
with embedded synchronization.
The TVP5151 decoder utilizes Texas Instruments patented technology for locking to weak, noisy, or
unstable signals. A Genlock/real-time control (RTC) output is generated for synchronizing downstream
video encoders.
Complementary four-line adaptive comb filtering is available for both the luminance and chrominance data
paths to reduce both cross-luminance and cross-chrominance artifacts; a chrominance trap filter is also
available.
Video characteristics including hue, brightness, saturation, and sharpness may be programmed using the
industry standard I2C serial interface. The TVP5151 decoder generates synchronization, blanking, lock,
and clock signals in addition to digital video outputs. The TVP5151 decoder includes methods for
advanced vertical blanking interval (VBI) data retrieval. The VBI data processor slices, parses, and
performs error checking on teletext, closed caption, and other data in several formats.
The TVP5151 decoder detects copy-protected input signals according to the Macrovision™ standard and
detects Type 1, 2, 3, and colorstripe processes.
The main blocks of the TVP5151 decoder include:
• Robust sync detector
• ADC with analog processor
• Y/C separation using four-line adaptive comb filter
• Chrominance processor
• Luminance processor
• Video clock/timing processor and power-down control
• Output formatter
• I2C interface
• VBI data processor
• Macrovision detection for composite and S-video




Similar Part No. - TVP5151

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TVP5151 TI1-TVP5151 Datasheet
1Mb / 85P
Ultralow-Power NTSC/PAL/SECAM Video Decoder
TVP5151IPBS TI1-TVP5151IPBS Datasheet
1Mb / 85P
Ultralow-Power NTSC/PAL/SECAM Video Decoder
TVP5151IPBSR TI1-TVP5151IPBSR Datasheet
1Mb / 85P
Ultralow-Power NTSC/PAL/SECAM Video Decoder
TVP5151IZQC TI1-TVP5151IZQC Datasheet
1Mb / 85P
Ultralow-Power NTSC/PAL/SECAM Video Decoder
TVP5151IZQCR TI1-TVP5151IZQCR Datasheet
1Mb / 85P
Ultralow-Power NTSC/PAL/SECAM Video Decoder
More results


Similar Description - TVP5151

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TVP5150A TI-TVP5150A Datasheet
375Kb / 79P
ULTRALOW POWER NTSC/PAL/SECAM VIDEO DECODER WITH REBUST SYNC DETECTOR
logo
Asahi Kasei Microsystem...
AK8851 AKM-AK8851 Datasheet
803Kb / 80P
NTSC/PAL/SECAM Digital Video Decoder
logo
Texas Instruments
TVP5150AM1-EP TI-TVP5150AM1-EP Datasheet
901Kb / 79P
Ultralow-Power NTSC/PAL/SECAM Video Decoder
logo
Asahi Kasei Microsystem...
AK8853XQ AKM-AK8853XQ Datasheet
616Kb / 70P
NTSC/PAL/SECAM Digital Video Decoder
AK8859VN AKM-AK8859VN Datasheet
704Kb / 72P
NTSC/PAL/SECAM Digital Video Decoder
AK8859VQ AKM-AK8859VQ Datasheet
703Kb / 73P
NTSC/PAL/SECAM Digital Video Decoder
logo
Texas Instruments
TVP5151 TI1-TVP5151 Datasheet
1Mb / 85P
Ultralow-Power NTSC/PAL/SECAM Video Decoder
TVP5150PBS TI1-TVP5150PBS Datasheet
1Mb / 68P
Ultralow-Power NTSC/PAL Video Decoder
TVP5150AM1IPBSR TI1-TVP5150AM1IPBSR Datasheet
1Mb / 88P
Ultralow-Power NTSC,PAL,SECAM Video Decoder
TVP5150AM1 TI1-TVP5150AM1 Datasheet
1Mb / 88P
Ultralow-Power NTSC/PAL/SECAM Video Decoder
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com