Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TX75E16 Datasheet (PDF) - Texas Instruments

TX75E16 Datasheet PDF - Texas Instruments
Part # TX75E16
Download  TX75E16 Download
File Size   458.7 Kbytes
Page   7 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TX75E16 5-Level, 16-Channel Transmitter with T/R Switch, On-Chip Beamformer, and Enhanced Load Damping Features

TX75E16 Datasheet (PDF)

Go To PDF Page Download Datasheet
TX75E16 Datasheet PDF - Texas Instruments

Part # TX75E16
Download  TX75E16 Click to download

File Size   458.7 Kbytes
Page   7 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TX75E16 5-Level, 16-Channel Transmitter with T/R Switch, On-Chip Beamformer, and Enhanced Load Damping Features

TX75E16 Datasheet (HTML) - Texas Instruments


TX75E16 Product details

1 Features
• Transmitter supports:
– 16-channel 5-level pulser and active transmit/
receive (T/R) switch
• 5-level pulser:
– Maximum output voltage: ±100 V
– Minimum output voltage: ±1 V
– Maximum output current: 2 A
– Supports 4-A output current mode.
– True return to zero to discharge output to
ground
– Second harmonic of –45 dBc at 5 MHz
– –3-dB Bandwidth with 1-kΩ || 240-pF load
• 20 MHz for a ±100-V supply
• 25 MHz for a ±70-V supply
• 35 MHz for a ±100-V supply in 4-A mode
– Integrated jitter: 100 fs measured from 100 Hz
to 20 kHz
– CW mode close-in phase noise: –154 dBc/Hz
at 1-kHz offset for 5-MHz signal
– Very low receive power: 1 mW/ch
– Programmable load damp resistor: 200 Ω, 100
Ω or 67 Ω
• Active transmit/receive (T/R) switch with:
– Turn-on resistance: 8 Ω
– Turn-on and turn-off time: 100 ns
– Transient glitch: 10 mVPP
• On-chip beam former with:
– Channel based T/R switch on and off controls
– Delay resolution: half beamformer clock period,
minimum 2 ns
– Maximum delay: 214 beamformer clock period
– Maximum beamformer clock speed: 320 MHz
– Per channel pattern control with 2K distinct
level
– Global and local repeat pattern, enabling long
duration patterns for Shear Wave imaging
– Supports 120 delay profiles
• High-speed (400 MHz maximum), 2-lane LVDS
serial programming interface.
– Low programming time: < 500 ns for delay
profile update
– 32-bit checksum feature to detect wrong SPI
writes
• Supports CMOS serial programming interface (50
MHz maximum)
• Internal temperature sensor and automatic thermal
shutdown
• No specific power sequencing requirement
• Error flag register to detect faulty conditions
• Integrated passives for the floating supplies and
bias voltages
• Small package: FC-BGA-144 (10 mm × 10 mm)
with 0.8-mm pitch

2 Applications
• Ultrasound scanners
• Piezo drivers
• Ultrasound smart probes

3 Description
The TX75E16 is a highly integrated, high-performance
transmitter for ultrasound imaging system. The device
has total 16 pulser circuits, 16 transmit/receive
switches (referred as T/R or TR switches), and
supports on-chip beamformer (TxBF). The device also
integrates on-chip floating power supplies that reduce
the number of required high voltage power supplies.
The TX75E16 has a pulser circuit that generates fivelevel
high voltage pulses (up to ±100 V) that is used to
excite multiple channels of an ultrasound transducer.
The device supports total 16 outputs. The maximum
output current is 2 A.
The device can be used as a transmitter for many
applications like ultrasound imaging, non-destructive
testing, SONAR, LIDAR, marine navigation system,
brain imaging systems and so on.
The TX75E16 (referred as device in this data sheet)
is highly integrated transmitter targeted for exciting
ultrasound transducers. Device integrates 16 pulsers
and 16 T/R switches, on-chip beamformer, and
pattern generator.
The device integrates all the decoupling capacitors
required for the floating supplies and internal bias
voltages. This integration significantly reduces the
required number of external capacitors. The TX75E16
is available in a 10-mm × 10-mm 144-pin FC-BGA
package (ALH package) and is specified for operation
from 0°C to 70°C.




Similar Part No. - TX75E16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TX75E16 TI1-TX75E16 Datasheet
480Kb / 6P
TX75E16 5-Level, 16-Channel Transmitter with T/R Switch, On-Chip Beamformer, and Enhanced Load Damping Features
DECEMBER 2023
TX75E16ALH TI1-TX75E16ALH Datasheet
480Kb / 6P
TX75E16 5-Level, 16-Channel Transmitter with T/R Switch, On-Chip Beamformer, and Enhanced Load Damping Features
DECEMBER 2023
More results


Similar Description - TX75E16

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4704DY VISHAY-SI4704DY Datasheet
51Kb / 4P
Load Switch with Level-Shift
05-Aug-02
SI3865BDV VISHAY-SI3865BDV Datasheet
89Kb / 6P
Load Switch with Level-Shift
14-Jun-04
logo
Union Semiconductor, In...
UM3865P UNIONSEMI-UM3865P Datasheet
231Kb / 6P
Load Switch with Level-Shift
logo
Vishay Siliconix
SI3865CDV VISHAY-SI3865CDV Datasheet
221Kb / 10P
Load Switch with Level-Shift
20-Sep-10
logo
Texas Instruments
TX7332 TI1-TX7332 Datasheet
411Kb / 9P
Three-level, 32-channel transmitter with 1.2-A pulser, T/R switch, and integrated transmit beamformer
TX7316 TI1-TX7316 Datasheet
274Kb / 7P
Three-level, 16-channel or five-level, 8-channel transmitter with 2.4-A pulser, T/R switch, and integrated transmit beamformer
TX7516 TI-TX7516 Datasheet
594Kb / 8P
TX7516 Five-Level, 16-Channel Transmitter with T/R Switch, and On-Chip Beamformer
TX7516 TI-TX7516_V01 Datasheet
626Kb / 9P
TX7516 Five-Level, 16-Channel Transmitter with T/R Switch, and On-Chip Beamformer
MARCH 2022
logo
STMicroelectronics
STHV1600 STMICROELECTRONICS-STHV1600 Datasheet
1Mb / 4P
16 channel ±100 V, ±2/±4 A, 5/3 level with RTZ, T/R switch, high-speed ultrasound pulser with integrated transmit beamformer
May 2020 Rev 2
logo
Texas Instruments
TX75E16 TI1-TX75E16 Datasheet
480Kb / 6P
TX75E16 5-Level, 16-Channel Transmitter with T/R Switch, On-Chip Beamformer, and Enhanced Load Damping Features
DECEMBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com