Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TXS4555RUTR Datasheet (PDF) - Texas Instruments

TXS4555RUTR Datasheet PDF - Texas Instruments
Part # TXS4555RUTR
Download  TXS4555RUTR Download
File Size   893.3 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 1.8V/3V SIM Card Power Supply With Level Translator

TXS4555RUTR Datasheet (PDF)

Go To PDF Page Download Datasheet
TXS4555RUTR Datasheet PDF - Texas Instruments

Part # TXS4555RUTR
Download  TXS4555RUTR Click to download

File Size   893.3 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 1.8V/3V SIM Card Power Supply With Level Translator

TXS4555RUTR Datasheet (HTML) - Texas Instruments


TXS4555RUTR Product details

1FEATURES
• Level Translator
– VCC Range of 1.65 V to 3.3 V
– VBATT Range from 2.3 to 5.5V
• Low-Dropout (LDO) Regulator
– 50-mA LDO Regulator With Enable
– 1.8-V or 2.95-V Selectable Output Voltage
– 2.3-V to 5.5-V Input Voltage Range
– Very Low Dropout: 100mV (Max) at 50mA
• Incorporates Shutdown Feature for the SIM
Card Signals According to ISO-7816-3
• ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-B)
– 500-V Charged-Device Model (C101)
– 8kV HBM for SIM Pins
• Package
– 16-Pin QFN (3 mm x 3 mm)
– 12-Pin QFN (2mm x 1.7mm)

DESCRIPTION
The TXS4555 is a complete Smart Identity Module
(SIM) card solution for interfacing wireless baseband
processors with a SIM card to store I/O for mobile
handset applications. The device complies with
ISO/IEC Smart-Card Interface requirements as well
as GSM and 3G mobile standards. It includes a highspeed
level translator capable of supporting Class-B
(2.95 V) and Class-C (1.8 V) interfaces, a lowdropout
(LDO) voltage regulator that has output
voltages that are selectable between 2.95-V Class-B
and 1.8-V Class-C interfaces.
The device has two supply voltage pins. VCC can be operated over the full range of 1.65 V to 3.3 V and VBATT
from 2.3 to 5.5 V. VPWR is set to either 1.8 V or 2.95 V and is supplied by an internal LDO. The integrated LDO
accepts input voltages as high as 5.5 V and outputs either 1.8 V or 2.95 V at 50 mA to the B-side circuitry and to
the external SIM card. The TXS4555 enables system designers to easily interface low-voltage microprocessors
to SIM cards operating at 1.8 V or 2.95 V.
The TXS4555 also incorporates shutdown sequence for the SIM card pins based on the ISO 7816-3 specification
for SIM cards. Proper shutdown of the SIM card signals helps in prevention of corruption of data during
accidental shutdown of the phone. The device also has 8kV HBM protection for the SIM pins and standard 2kV
HBM protection for all the other pins.




Similar Part No. - TXS4555RUTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXS4555RUTR TI1-TXS4555RUTR Datasheet
579Kb / 16P
1.8V/3V SIM Card Power Supply With Level Translator
TXS4555RUTR TI-TXS4555RUTR Datasheet
751Kb / 18P
1.8V/3V SIM Card Power Supply With Level Translator
More results


Similar Description - TXS4555RUTR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCN4555 ONSEMI-NCN4555 Datasheet
102Kb / 12P
1.8V / 3V SIM Card Power Supply and Level Shifter
March, 2006 ??Rev. 1
logo
Linear Technology
LTC4555 LINER-LTC4555 Datasheet
102Kb / 8P
SIM Power Supply and Level Translator
logo
Texas Instruments
TXS4555 TI1-TXS4555 Datasheet
579Kb / 16P
1.8V/3V SIM Card Power Supply With Level Translator
TXS4555_1105 TI-TXS4555_1105 Datasheet
751Kb / 18P
1.8V/3V SIM Card Power Supply With Level Translator
logo
Linear Technology
LTC4555EUD LINER-LTC4555EUD Datasheet
107Kb / 8P
SIM Power Supply and Level Translator
LTC1555L LINER-LTC1555L_15 Datasheet
142Kb / 8P
SIM Power Supply and Level Translator
LTC4555 LINER-LTC4555_15 Datasheet
107Kb / 8P
SIM Power Supply and Level Translator
LTC1555 LINER-LTC1555_15 Datasheet
245Kb / 12P
SIM Power Supply and Level Translator
LTC1556 LINER-LTC1556_15 Datasheet
245Kb / 12P
SIM Power Supply and Level Translator
logo
ON Semiconductor
NCN4555 ONSEMI-NCN4555_10 Datasheet
145Kb / 12P
1.8V / 3V SIM Card Power Supply and Level Shifter
October, 2010 ??Rev. 3
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com