Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC1844AMDREP Datasheet (PDF) - Texas Instruments

UC1844AMDREP Datasheet PDF - Texas Instruments
Part # UC1844AMDREP
Download  UC1844AMDREP Download
File Size   706.22 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CURRENT-MODE PWM CONTROLLER

UC1844AMDREP Datasheet (PDF)

Go To PDF Page Download Datasheet
UC1844AMDREP Datasheet PDF - Texas Instruments

Part # UC1844AMDREP
Download  UC1844AMDREP Click to download

File Size   706.22 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CURRENT-MODE PWM CONTROLLER

UC1844AMDREP Datasheet (HTML) - Texas Instruments


UC1844AMDREP Product details

Controlled Baseline
− One Assembly/Test Site, One Fabrication
Site
Extended Temperature Performance of
−55°C to 125°C
Enhanced Diminishing Manufacturing
Sources (DMS) Support
Enhanced Product Change Notification
Qualification Pedigree†
Optimized for Off-line and DC-to-DC
Converters
Low Start Up Current (<0.5 mA)
Trimmed Oscillator Discharge Current
Automatic Feed Forward Compensation
Pulse-by-Pulse Current Limiting
Enhanced Load Response Characteristics
Under-Voltage Lockout With Hysteresis
Double Pulse Suppression
High Current Totem Pole Output
Internally Trimmed Bandgap Reference
500 kHz Operation
Low RO Error Amp

description
The UC1842A/3A/4A/5A family of control ICs is a pin-for-pin compatible improved version of the UC3842/3/4/5
family. Providing the necessary features to control current mode switched mode power supplies, this family has
the following improved features. Start up current is guaranteed to be less than 0.5 mA. Oscillator discharge is
trimmed to 8.3 mA. During under voltage lockout, the output stage can sink at least 10 mA at less than 1.2 V
for VCC over 5 V.
The difference between members of this family are shown in the table below.




Similar Part No. - UC1844AMDREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1844AMDREP TI-UC1844AMDREP Datasheet
425Kb / 11P
CURRENT-MODE PWM CONTROLLER
UC1844AMDREP TI1-UC1844AMDREP Datasheet
1,000Kb / 9P
CURRENT-MODE PWM CONTROLLER
More results


Similar Description - UC1844AMDREP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
Current-mode PWM controller
August 31, 1994
logo
Texas Instruments
UC1843 TI-UC1843 Datasheet
937Kb / 3P
Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
CURRENT MODE PWM CONTROLLER
logo
Linear Dimensions Semic...
LND3842 LINEAR_DIMENSIONS-LND3842 Datasheet
158Kb / 10P
Current Mode PWM Controller
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
CURRENT MODE PWM CONTROLLER
UC3844Y TI1-UC3844Y Datasheet
708Kb / 28P
CURRENT MODE PWM CONTROLLER
UC3845D-8 TI-UC3845D-8 Datasheet
693Kb / 28P
CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
Current Mode PWM Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com