Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC1856 Datasheet (PDF) - Texas Instruments

UC1856 Datasheet PDF - Texas Instruments
Part # UC1856
Download  UC1856 Download
File Size   592.85 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description UC1856-SP Improved Current-Mode PWM Controller

UC1856 Datasheet (PDF)

Go To PDF Page Download Datasheet
UC1856 Datasheet PDF - Texas Instruments

Part # UC1856
Download  UC1856 Click to download

File Size   592.85 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description UC1856-SP Improved Current-Mode PWM Controller

UC1856 Datasheet (HTML) - Texas Instruments


UC1856 Product details

1 Features
1• Pin-for-Pin Compatible With the UC1846
• 65-ns Typical Delay From Shutdown to Outputs,
and 50-ns Typical Delay From SYNC to Outputs
• Improved Current-Sense Amplifier With Reduced
Noise Sensitivity
• Differential Current Sense with 3-V Common-
Mode Range
• Trimmed-Oscillator Discharge Current for
Accurate Deadband Control
• Accurate 1-V Shutdown Threshold
• High-Current Dual Totem-Pole Outputs (1.5-A
peak)
• TTL Compatible Oscillator SYNC Pin Thresholds
• 4-kV ESD Protection

2 Applications
• DC-DC Converters
• Supports Various Topologies:
– Push-Pull, Forward, Half-Bridge, Full Bridge
• Available in Military Temperature range (-55°C to
125°C)

3 Description
The UC1856 is a high-performance version of the
popular UC1846 series of current-mode controllers, and is intended for both design upgrades and new
applications where speed and accuracy are
important. All input-to-output delays have been
minimized, and the current sense output is slew-rate
limited to reduce noise sensitivity. Fast 1.5-A peak
output stages have been added to allow rapid switching of power FETs.
A low-impedance TTL-compatible sync output has
been implemented with a TRI-STATE function when used as a sync input.
Internal-chip grounding has been improved to minimize internal noise caused when driving large
capacitive loads. This improvement, in conjunction
with the improved differential current-sense amplifier,
results in enhanced noise immunity.
Other features include a trimmed oscillator current
(8%) for accurate frequency and dead-time control; a
1-V 5% shutdown threshold; and 4-kV minimum
electrostatic discharge (ESD) protection on all pins.




Similar Part No. - UC1856

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1856 TI-UC1856 Datasheet
386Kb / 9P
Improved Current Mode PWM Controller
UC1856 TI-UC1856 Datasheet
3Mb / 14P
Improved Current Mode PWM Controller
UC1856-SP TI1-UC1856-SP Datasheet
563Kb / 24P
Improved Current-Mode PWM Controller
UC1856-SP TI-UC1856-SP_15 Datasheet
454Kb / 23P
UC1856-SP Improved Current-Mode PWM Controller
UC1856J TI1-UC1856J Datasheet
3Mb / 14P
Improved Current Mode PWM Controller
More results


Similar Description - UC1856

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1856 TI-UC1856 Datasheet
386Kb / 9P
Improved Current Mode PWM Controller
UC2856Q TI-UC2856Q Datasheet
260Kb / 12P
IMPROVED CURRENT MODE PWM CONTROLLER
UC2856-Q1 TI-UC2856-Q1 Datasheet
218Kb / 12P
IMPROVED CURRENT-MODE PWM CONTROLLER
UC3856N TI1-UC3856N Datasheet
3Mb / 14P
Improved Current Mode PWM Controller
UC1856 TI1-UC1856_12 Datasheet
3Mb / 14P
Improved Current Mode PWM Controller
UC1856J TI-UC1856J Datasheet
3Mb / 14P
Improved Current Mode PWM Controller
UC1856-SP TI-UC1856-SP_15 Datasheet
454Kb / 23P
UC1856-SP Improved Current-Mode PWM Controller
UC2856Q TI-UC2856Q_15 Datasheet
685Kb / 15P
IMPROVED CURRENT MODE PWM CONTROLLER
UC2856-Q1 TI-UC2856-Q1_15 Datasheet
685Kb / 16P
IMPROVED CURRENT-MODE PWM CONTROLLER
UC1856-SP TI1-UC1856-SP Datasheet
563Kb / 24P
Improved Current-Mode PWM Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com