Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC2909MDWREP.A Datasheet (PDF) - Texas Instruments

UC2909MDWREP.A Datasheet PDF - Texas Instruments
Part # UC2909MDWREP.A
Download  UC2909MDWREP.A Download
File Size   764.56 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SWITCHMODE LEAD-ACID BATTERY CHARGER

UC2909MDWREP.A Datasheet (PDF)

Go To PDF Page Download Datasheet
UC2909MDWREP.A Datasheet PDF - Texas Instruments

Part # UC2909MDWREP.A
Download  UC2909MDWREP.A Click to download

File Size   764.56 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SWITCHMODE LEAD-ACID BATTERY CHARGER

UC2909MDWREP.A Datasheet (HTML) - Texas Instruments


UC2909MDWREP.A Product details

1FEATURES
• Accurate and Efficient Control of Battery
Charging
• Average Current Mode Control from Trickle to
Overcharge
• Resistor Programmable Charge Currents
• Thermistor Interface Tracks Battery
Requirements Over Temperature
• Output Status Bits Report on Four Internal
Charge States
• Undervoltage Lockout Monitors VCC and
VREF

SUPPORTS DEFENSE, AEROSPACE,
AND MEDICAL APPLICATIONS
• Controlled Baseline
• One Assembly/Test Site
• One Fabrication Site
• Available in Military (–55°C/125°C)
Temperature Range(1)
• Extended Product Life Cycle
• Extended Product-Change Notification
• Product Traceability
• Not to Exceed 185.35-KHz Oscillation
Frequency at 125°C

DESCRIPTION
The UC2909 controls lead acid battery charging with a highly efficient average current mode control loop. This
chip combines charge state logic with average current PWM control circuitry. Charge state logic commands
current or voltage control depending on the charge state. The chip includes undervoltage lockout circuitry to
insure sufficient supply voltage is present before output switching starts. Additional circuit blocks include a
differential current sense amplifier, a 1.5% voltage reference, a –3.9-mV/°C thermistor linearization circuit,
voltage and current error amplifiers, a PWM oscillator, a PWM comparator, a PWM latch, charge state decode
bits, and a 100-mA open collector output driver.




Similar Part No. - UC2909MDWREP.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2909MDWREP TI1-UC2909MDWREP Datasheet
716Kb / 18P
SWITCHMODE LEAD-ACID BATTERY CHARGER
UC2909MDWREP TI1-UC2909MDWREP Datasheet
1Mb / 21P
SWITCHMODE LEAD-ACID BATTERY CHARGER
More results


Similar Description - UC2909MDWREP.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2906 TI-UC2906 Datasheet
568Kb / 8P
Sealed Lead-Acid Battery Charger
UC2909 TI-UC2909 Datasheet
401Kb / 10P
Switchmode Lead-Acid Battery Charger
logo
Kasin Electronics Corpo...
KA35S281 KASIN-KA35S281 Datasheet
1Mb / 19P
Lead-Acid Battery Charger
logo
Texas Instruments
UC2909-EP TI1-UC2909-EP Datasheet
716Kb / 18P
SWITCHMODE LEAD-ACID BATTERY CHARGER
UC3906N TI-UC3906N Datasheet
4Mb / 17P
Sealed Lead-Acid Battery Charger
UC2909 TI1-UC2909_13 Datasheet
748Kb / 14P
Switchmode Lead-Acid Battery Charger
UC3909Q TI-UC3909Q Datasheet
748Kb / 14P
Switchmode Lead-Acid Battery Charger
UC2909-EP TI-UC2909-EP_15 Datasheet
968Kb / 20P
SWITCHMODE LEAD-ACID BATTERY CHARGER
logo
CUI INC
DTB120150UC CUI-DTB120150UC Datasheet
1Mb / 6P
LEAD ACID BATTERY CHARGER
logo
Texas Instruments
UC2909-EP TI1-UC2909-EP_16 Datasheet
1Mb / 21P
SWITCHMODE LEAD-ACID BATTERY CHARGER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com