Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC1526 Datasheet (PDF) - Texas Instruments

UC1526 Datasheet PDF - Texas Instruments
Part # UC1526
Download  UC1526 Download
File Size   685.17 Kbytes
Page   11 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Regulating Pulse Width Modulator

UC1526 Datasheet (PDF)

Go To PDF Page Download Datasheet
UC1526 Datasheet PDF - Texas Instruments

Part # UC1526
Download  UC1526 Click to download

File Size   685.17 Kbytes
Page   11 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Regulating Pulse Width Modulator

UC1526 Datasheet (HTML) - Texas Instruments


UC1526 Product details

FEATURES
· 8 To 35V Operation
· 5V Reference Trimmed To ±1%
· 1Hz To 400kHz Oscillator Range
· Dual 100mA Source/Sink Outputs
· Digital Current Limiting
· Double Pulse Suppression
· Programmable Deadtime
· Under-Voltage Lockout
· Single Pulse Metering
· Programmable Soft-Start
· Wide Current Limit Common Mode Range
· TTL/CMOS Compatible Logic Ports
· Symmetry Correction Capability
· Guaranteed 6 Unit Synchronization

DESCRIPTION
The UC1526 is a high performance monolithic pulse width modulator
circuit designed for fixed-frequency switching regulators and other
power control applications. Included in an 18-pin dual-in-line package
are a temperature compensated voltage reference, sawtooth oscillator,
error amplifier, pulse width modulator, pulse metering and
setting logic, and two low impedance power drivers. Also included
are protective features such as soft-start and under-voltage lockout,
digital current limiting, double pulse inhibit, a data latch for single
pulse metering, adjustable deadtime, and provision for symmetry correction
inputs. For ease of interface, all digital control ports are TTL
and B-series CMOS compatible. Active LOW logic design allows
wired-OR connections for maximum flexibility. This versatile device
can be used to implement single-ended or push-pull switching regulators
of either polarity, both transformerless and transformer coupled.
The UC1526 is characterized for operation over the full military
temperature range of -55°C to +125°C. The UC2526 is characterized
for operation from -25°C to +85°C, and the UC3526 is characterized
for operation from 0° to +70°C.




Similar Part No. - UC1526

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1526 TI-UC1526 Datasheet
614Kb / 11P
Regulating Pulse Width Modulator
UC1526 TI-UC1526 Datasheet
757Kb / 13P
Regulating Pulse Width Modulator
UC1526 TI-UC1526 Datasheet
545Kb / 10P
Regulating Pulse Width Modulator
UC1526 TI1-UC1526 Datasheet
615Kb / 10P
Regulating Pulse Width Modulator
UC1526 TI-UC1526 Datasheet
678Kb / 10P
Regulating Pulse Width Modulator
More results


Similar Description - UC1526

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP1526 SEME-LAB-IP1526 Datasheet
59Kb / 6P
REGULATING PULSE WIDTH MODULATOR
logo
Linear Technology
LT1524 LINER-LT1524 Datasheet
726Kb / 8P
Regulating Pulse Width Modulator
LT1526 LINER-LT1526 Datasheet
659Kb / 8P
Regulating Pulse Width Modulator?
logo
Microsemi Corporation
SG1525A MICROSEMI-SG1525A Datasheet
135Kb / 7P
REGULATING PULSE WIDTH MODULATOR
SG1526B MICROSEMI-SG1526B Datasheet
209Kb / 9P
REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
UC1526 TI-UC1526_07 Datasheet
757Kb / 13P
Regulating Pulse Width Modulator
logo
Microsemi Corporation
SG1526 MICROSEMI-SG1526_1 Datasheet
283Kb / 9P
REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
UC1526AJ TI-UC1526AJ Datasheet
545Kb / 10P
Regulating Pulse Width Modulator
logo
Linear Technology
LT1526 LINER-LT1526_15 Datasheet
926Kb / 8P
REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
LM2524D TI-LM2524D_15 Datasheet
1Mb / 29P
Regulating Pulse Width Modulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com