Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC382-3 Datasheet (PDF) - Texas Instruments

UC382-3 Datasheet PDF - Texas Instruments
Part # UC382-3
Download  UC382-3 Download
File Size   446.06 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description FAST LDO LINEAR REGULATOR

UC382-3 Datasheet (PDF)

Go To PDF Page Download Datasheet
UC382-3 Datasheet PDF - Texas Instruments

Part # UC382-3
Download  UC382-3 Click to download

File Size   446.06 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description FAST LDO LINEAR REGULATOR

UC382-3 Datasheet (HTML) - Texas Instruments


UC382-3 Product details

Fast Transient Response
10-mA to 3-A Load Current
Short Circuit Protection
Maximum Dropout of 450-mV at 3-A Load
Current
Separate Bias and VIN Pins
Available in Adjustable or Fixed-Output
Voltages
5-Pin Package Allows Kelvin Sensing of
Load Voltage
Reverse Current Protection

description
The UC382 is a low-dropout-linear regulator providing a quick response to fast load changes. Combined with
its precision onboard reference, the UC382 excels at driving GTL and BTL buses. Due to its fast response to
load transients, the total capacitance required to decouple the regulator’s output can be significantly decreased
when compared to standard LDO linear regulators.
Dropout voltage (VIN to VOUT) is only 450 mV maximum at 100°C and 350 mV typical at 3-A load.
The onboard bandgap reference is stable with temperature and scaled for a 1.2-V input to the internal-power
amplifier. The UC382 is available in fixed-output voltages of 1.5 V, 2.1 V, or 2.5 V. The output voltage of the
adjustable version can be set with two external resistors. If the external resistors are omitted, the output voltage
defaults to 1.2 V.




Similar Part No. - UC382-3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC382-3 TI-UC382-3 Datasheet
141Kb / 13P
FAST LDO LINEAR REGULATOR
UC382-3 TI1-UC382-3 Datasheet
604Kb / 19P
FAST LDO LINEAR REGULATOR
More results


Similar Description - UC382-3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC182 TI-UC182 Datasheet
184Kb / 6P
Fast LDO Linear Regulator
UC282-1 TI-UC282-1 Datasheet
141Kb / 13P
FAST LDO LINEAR REGULATOR
logo
SemiWell Semiconductor
S1117 SEMIWELL-S1117 Datasheet
336Kb / 5P
LDO Linear Regulator
logo
Texas Instruments
UC282-1 TI1-UC282-1_11 Datasheet
604Kb / 19P
FAST LDO LINEAR REGULATOR
UC282-1 TI1-UC282-1_16 Datasheet
869Kb / 16P
Fast LDO LINEAR REGULATOR
UC282-1 TI1-UC282-1_17 Datasheet
890Kb / 18P
FAST LDO LINEAR REGULATOR
logo
DATEL, Inc.
LVR-7815LE DATEL-LVR-7815LE Datasheet
149Kb / 1P
LDO Linear Voltage Regulator
logo
Shenzhen Huazhimei Semi...
HM75XXH HMSEMI-HM75XXH Datasheet
1Mb / 8P
LDO linear regulator
logo
Guangdong Youtai Semico...
HT73XX-A UMW-HT73XX-A Datasheet
4Mb / 7P
LDO Linear Regulator
HT78XX-A UMW-HT78XX-A Datasheet
2Mb / 7P
LDO Linear Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com