Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8225 Datasheet (PDF) - Sealevel Systems, Inc.

8225 Datasheet PDF - Sealevel Systems, Inc.
Part # 8225
Download  8225 Download
File Size   662.93 Kbytes
Page   2 Pages
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.
Description USB to 16 Form C Relay Outputs Digital Interface Adapter

8225 Datasheet (PDF)

Go To PDF Page Download Datasheet
8225 Datasheet PDF - Sealevel Systems, Inc.

Part # 8225
Download  8225 Click to download

File Size   662.93 Kbytes
Page   2 Pages
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.
Description USB to 16 Form C Relay Outputs Digital Interface Adapter

8225 Datasheet (HTML) - Sealevel Systems, Inc.


8225 Product details

Features
• 16 SPDT Form C relays
• Removable screw terminals simplify field wiring
• High-retention USB Type B connector prevents accidental
disconnection of USB cable
• Housed in rugged, attractive plastic enclosure
• Sealevel SeaMAX software supports Microsoft Windows and Linux
operating systems
• 72-inch USB A to B cable included (Item# CA179)
• Includes 5V @ 2.4A wall mount power supply with locking DC
connector (Item# TR127)




Similar Part No. - 8225

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
8225 MALLORY-8225 Datasheet
547Kb / 2P
MSD GM HEI Coil
logo
3M Electronics
8225-6000 3M-8225-6000 Datasheet
501Kb / 4P
3M D Sub Plug
07-Feb-2005
8225-6000 3M-8225-6000 Datasheet
800Kb / 4P
3M D Sub Plug Plug Connector
8225-6003 3M-8225-6003 Datasheet
501Kb / 4P
3M D Sub Plug
07-Feb-2005
8225-6003 3M-8225-6003 Datasheet
800Kb / 4P
3M D Sub Plug Plug Connector
More results


Similar Description - 8225

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
AD6C223 SSOUSA-AD6C223 Datasheet
223Kb / 6P
1 Form C Solid State Relay
logo
IXYS Corporation
LCC110 IXYS-LCC110 Datasheet
148Kb / 9P
1-Form-C OptoMOS Relay
LCC120 IXYS-LCC120 Datasheet
133Kb / 8P
1-Form-C OptoMOS Relay
logo
Texas Instruments
SLLU093 TI1-SLLU093 Datasheet
863Kb / 50P
USB Interface Adapter Evaluation Module
logo
IC-Haus GmbH
IC-TOOLSSC ICHAUS-IC-TOOLSSC Datasheet
3Mb / 9P
SIN/COS INTERFACE ADAPTER TO PC-USB 2.0
logo
Pepperl+Fuchs Inc.
K-ADP-USB PF-K-ADP-USB Datasheet
805Kb / 2P
Adapter with USB Interface
logo
IOGEAR
G2LU3CMF IOGEAR-G2LU3CMF Datasheet
128Kb / 2P
USB-C Male to Female Adapter
GUC3CHD22 IOGEAR-GUC3CHD22 Datasheet
149Kb / 3P
USB-C to Dual 4K Adapter
logo
Pepperl+Fuchs Inc.
PSPA1C1GE PF-PSPA1C1GE Datasheet
311Kb / 1P
USB-C to Ethernet Adapter
S-ADP-USB PF-S-ADP-USB Datasheet
507Kb / 2P
Adapter with USB Interface
2020-09-23
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com