Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSU6721 Datasheet (PDF) - Texas Instruments

TSU6721 Datasheet PDF - Texas Instruments
Part # TSU6721
Download  TSU6721 Download
File Size   983.39 Kbytes
Page   45 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description MCPC Compatible USB Port Multimedia Switch Supports USB, UART, Audio, ID, MIC, and Load Switch

TSU6721 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSU6721 Datasheet PDF - Texas Instruments

Part # TSU6721
Download  TSU6721 Click to download

File Size   983.39 Kbytes
Page   45 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description MCPC Compatible USB Port Multimedia Switch Supports USB, UART, Audio, ID, MIC, and Load Switch

TSU6721 Datasheet (HTML) - Texas Instruments


TSU6721 Product details

FEATURES
• Switch Matrix
– USB and UART Switch support USB 2.0 HS
– Audio Switch with Negative Signal
Capability
– ID Bypass Switch
– VBUS to MIC Switch
– DP to MIC Switch to Support MCPC
• Load Switch
– 100 mΩ Load Switch
– OTG Support
– 28 V VBUS Rating with Over-voltage
Protection
– Programmable Overcurrent
Limiter/Protection
• Charger Detection
– USB BCDv1.2 compliant
– VBUS Detection
– Data Contact Detection
– Primary and Secondary Detection
• Compatible Accessories
– USB Chargers (DCP, CDP)
– Apple Charger
– USB Data Port
– Audio Headset with MIC and Remote
– Docking Support
– Factory Cable
• Additional Features
– I2C Interface with Host Processor
– Switches Controlled by Automatic
Detection or Manual Control
– Interrupts Generated for Plug/Unplug
– Decoupling FET Switch to VBUS Added to
Reduce Degradation on MIC Line
– Support Control Signals used In
Manufacturing (JIG, BOOT)
• ESD Performance Tested Per JESD 22
– 4000-V Human-Body Model (A114-B, Class
II)
– 1500-V Charged-Device Model (C101)
• IEC ESD Performance
– ±8 kV Contact Discharge (IEC 61000-4-2) for
VBUS/DP/DM/ID to GND

APPLICATIONS
• Cell Phones and Smart Phones
• Tablet PCs
• Digital Cameras and Camcorders
• GPS Navigation Systems
• Micro USB Interface with USB/UART/AUDIO

DESCRIPTION
TSU6721 is a high performance USB port multimedia switch featuring automatic switching and accessory
detection. The device connects a common USB port to pass audio, USB data, charging, On The Go (OTG) and
factory mode signals. The audio path has negative signal capability includes left (mono/stereo), right (stereo) as
well as microphone signals. Furthermore, TSU6721 is compatible with the MCPC specification.
TSU6721 features impedance detection which supports the detection of various accessories that are attached
through DP, DM and ID pins of the USB connector. The switch is controlled by automatic switching or manually
through I2C.
TSU6721 has an integrated low resistive Load Switch that is used to isolate the charger from the external
connector. OverVoltage Protection and programmable OverCurrent Limiter/Protection are additional features
included to the Load Switch.
The charger detection satisfies USB charger specification v1.2. In addition to DCP, CDP and SDP, the device
also detects Apple Chargers.
Power for this device is supplied through VBAT of the system or through VBUS when attached. TSU6721
supports factory mode testing when a USB/UART JIG cable is used in development and manufacturing.




Similar Part No. - TSU6721

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSU6721 TI-TSU6721 Datasheet
722Kb / 8P
MCPC Compatible USB Port Multimedia Switch Supports USB, UART, Audio, ID, MIC, and Load Switch
TSU6721YFF TI-TSU6721YFF Datasheet
658Kb / 38P
MCPC Compatible USB Port Multimedia Switch Supports USB, UART, Audio, ID, MIC, and Load Switch
TSU6721YFFR TI-TSU6721YFFR Datasheet
658Kb / 38P
MCPC Compatible USB Port Multimedia Switch Supports USB, UART, Audio, ID, MIC, and Load Switch
TSU6721YFFR TI-TSU6721YFFR Datasheet
722Kb / 8P
MCPC Compatible USB Port Multimedia Switch Supports USB, UART, Audio, ID, MIC, and Load Switch
More results


Similar Description - TSU6721

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSU6712 TI1-TSU6712 Datasheet
738Kb / 43P
SP4T SWITCH WITH IMPEDANCE DETECTION MICRO-USB SWITCH TO SUPPORT USB, UART, AUDIO, AND VIDEO
MAY2011
TSU6111A TI1-TSU6111A Datasheet
1Mb / 32P
USB Port SP2T Switch Supports USB & UART
TSU5611 TI1-TSU5611 Datasheet
477Kb / 7P
DP3T SWITCH WITH IMPEDANCE DETECTION MICRO-USB SWITCH TO SUPPORT USB, UART, AUDIO, AND CHARGER DETECTION
TSU5511 TI1-TSU5511 Datasheet
363Kb / 25P
SP3T SWITCH WITH IMPEDANCE DETECTION MICRO-USB SWITCH TO SUPPORT USB, UART, AUDIO, AND CHARGER
logo
Fairchild Semiconductor
FSA9280A FAIRCHILD-FSA9280A_12 Datasheet
688Kb / 5P
USB Port Multimedia Switch Featuring Automatic Select and Accessory Detection
FSA9485 FAIRCHILD-FSA9485 Datasheet
616Kb / 4P
USB Port Multimedia Switch Featuring Automatic Switching and Accessory Detection
logo
Texas Instruments
TSU6721YFF TI-TSU6721YFF Datasheet
658Kb / 38P
MCPC Compatible USB Port Multimedia Switch Supports USB, UART, Audio, ID, MIC, and Load Switch
TSU6721 TI-TSU6721 Datasheet
722Kb / 8P
MCPC Compatible USB Port Multimedia Switch Supports USB, UART, Audio, ID, MIC, and Load Switch
logo
ON Semiconductor
FSA9280A ONSEMI-FSA9280A Datasheet
1Mb / 32P
USB Port Multimedia Switch Featuring Automatic Select
March 2013 Rev 1.1.0
FSA9285A ONSEMI-FSA9285A Datasheet
572Kb / 28P
MCPC-Compliant, USB-Port, Multimedia Switch with Auto-Detection
January 2015 Rev. 1.3
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com