Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TWL6030 Datasheet (PDF) - Texas Instruments

TWL6030 Datasheet PDF - Texas Instruments
Part # TWL6030
Download  TWL6030 Download
File Size   962.29 Kbytes
Page   101 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Fully Integrated Power Management with Switch Mode Charger

TWL6030 Datasheet (PDF)

Go To PDF Page Download Datasheet
TWL6030 Datasheet PDF - Texas Instruments

Part # TWL6030
Download  TWL6030 Click to download

File Size   962.29 Kbytes
Page   101 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Fully Integrated Power Management with Switch Mode Charger

TWL6030 Datasheet (HTML) - Texas Instruments


TWL6030 Product details

1FEATURES
23• Seven highly efficient 6-MHz buck converters
– Two 0.6 to 2.1 V @ 1.6 A
– Five 0.6 to 2.1 V @ 1.0 A
• 11 General-purpose LDOs
– Six 1.0 to 3.3 V @ 0.2 A with battery or
preregulated supply (One can be used as a
vibrator driver.)
– One 1.0 to 3.3 V @ 50 mA with battery or
preregulated supply
– One low noise 1.0 to 3.3 V @ 50 mA with
battery or preregulated supply
– 3.3 V @ 35 mA USB LDO
– One LDO for TWL6030 internal use
– One LDO for internal and external use
• USB OTG module
• Backup battery charger
• 10-bit ADC with 17 input channels
• 13-bit Coulomb counter with four
programmable integration periods
• Low power consumption
– 5 μA in backup mode
– 20 μA in wait-on mode
– 110 μA in deep sleep, with two DCDCs
active
• RTC with alarm wake-up mechanism
• SIM and MMC card detections
• Two digital PWM outputs
• Thermal monitoring
– High-temperature warning
– Thermal shutdown
• Control
– Configurable power-up and power-down
sequences (EPROM programmable)
– Three output signals that can be included
in the start-up sequence
– Two I2C™ interfaces
– All resources configurable by I2C
• Clock management
32-kHz output
• Battery charger 1.5 A
– Charger for single-cell Li-Ion and
Li-Polymer battery packs
– Switched mode charger with integrated
power FET for up to 1.5-A current
– High-accuracy voltage and current
regulation
– Safety timer and reset control
– Thermal regulation protection
– Input/output overvoltage protection
– Charging indicator LED driver
– Boost mode operation for USB OTG
– Compliant with:
– USB 2.0
– OTG and EH 2.0
– YD/T 1591-2006
– USB battery charging 1.1 and 1.2
– Japanese battery charging requirements
• Package 7 mm x 7 mm 187-pin nFBGA

APPLICATIONS
• Mobile phones and smart phones
• Gaming handsets
• Portable media players
• Portable navigation systems
• Handheld devices
• Tablets

DESCRIPTION
The TWL6030 device is an integrated power-management integrated circuit (IC) for applications powered by a
rechargeable battery. The device provides seven configurable step-down converters with up to 1.6A capability for
memory, processor core, I/O, auxiliary, preregulation for LDOs, etc. The device also contains 11 LDO regulators
that can be supplied from a battery or a preregulated supply. Power-up/power-down controller is configurable
and can support any power-up/power-down sequences (EPROM based). The real-time clock (RTC) provides a
32-kHz output buffer, second/minute/hour/day/month/year information, and alarm wake up. The TWL6030
supports 32-kHz clock generation based on a crystal oscillator. The device integrates a switched-mode charger
allowing faster battery charge, higher efficiency, and less power dissipation.
The TWL6030 device generates power supplies for OMAP™ 4 processors and operates together with the
TWL6040 device, which includes all audio and related detection features. For audio IC parameters, see the
TWL6040 datasheet. In addition, the TWL6030 device can be used as a power management multichannel IC
(PMIC) for several other processors, thanks to the programmable startup/shutdown controller and default supply
voltage levels. The TWL6030 is available in an nFBGA package, 7.0 mm x 7.0 mm, with a 0.4-mm ball pitch.




Similar Part No. - TWL6030

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TWL6030 TI1-TWL6030 Datasheet
943Kb / 97P
Fully Integrated Power Management with Switch Mode Charger
TWL6030 TI-TWL6030 Datasheet
630Kb / 9P
Fully Integrated Power Management with Switch Mode Charger
TWL6030B107CMR TI1-TWL6030B107CMR Datasheet
943Kb / 97P
Fully Integrated Power Management with Switch Mode Charger
TWL6030B107CMR TI1-TWL6030B107CMR Datasheet
630Kb / 9P
Fully Integrated Power Management with Switch Mode Charger
TWL6030B107CMR TI-TWL6030B107CMR Datasheet
630Kb / 9P
Fully Integrated Power Management with Switch Mode Charger
More results


Similar Description - TWL6030

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24153A TI-BQ24153A Datasheet
2Mb / 43P
Fully Integrated Switch-Mode One-Cell Li-Ion Charger
BQ24185 TI-BQ24185 Datasheet
2Mb / 43P
Fully Integrated Switch-Mode One-Cell Li-Ion Charger
TWL6030 TI1-TWL6030 Datasheet
943Kb / 97P
Fully Integrated Power Management with Switch Mode Charger
BQ24158 TI-BQ24158_12 Datasheet
2Mb / 45P
Fully Integrated Switch-Mode One-Cell Li-Ion Charger
TWL6032 TI1-TWL6032 Datasheet
533Kb / 11P
Fully Integrated Power Management with Power Path and Battery Charger
BQ24157 TI-BQ24157 Datasheet
2Mb / 39P
Fully Integrated Switch-Mode Charger With USB Compliance and USB-OTG Support
TWL6030 TI1-TWL6030_13 Datasheet
630Kb / 9P
Fully Integrated Power Management with Switch Mode Charger
TWL6030 TI-TWL6030 Datasheet
630Kb / 9P
Fully Integrated Power Management with Switch Mode Charger
TPS80032 TI1-TPS80032 Datasheet
2Mb / 127P
Fully Integrated Power Management With Power Path and Battery Charger
TWL6032 TI1-TWL6032_16 Datasheet
725Kb / 11P
TWL6032 Fully Integrated Power Management with Power Path and Battery Charger
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com