Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UAF42AU Datasheet (PDF) - Texas Instruments

UAF42AU Datasheet PDF - Texas Instruments
Part # UAF42AU
Download  UAF42AU Download
File Size   985.33 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description UNIVERSAL ACTIVE FILTER

UAF42AU Datasheet (PDF)

Go To PDF Page Download Datasheet
UAF42AU Datasheet PDF - Texas Instruments

Part # UAF42AU
Download  UAF42AU Click to download

File Size   985.33 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description UNIVERSAL ACTIVE FILTER

UAF42AU Datasheet (HTML) - Texas Instruments


UAF42AU Product details

1FEATURES
2• VERSATILE:
– Low-Pass, High-Pass
– Band-Pass, Band-Reject
• SIMPLE DESIGN PROCEDURE
• ACCURATE FREQUENCY AND Q:
– Includes On-Chip 1000pF ±0.5% Capacitors

APPLICATIONS
• TEST EQUIPMENT
• COMMUNICATIONS EQUIPMENT
• MEDICAL INSTRUMENTATION
• DATA ACQUISITION SYSTEMS
• MONOLITHIC REPLACEMENT FOR UAF41

DESCRIPTION
The UAF42 is a universal active filter that can be
configured for a wide range of low-pass, high-pass,
and band-pass filters. It uses a classic state-variable
analog architecture with an inverting amplifier and two
integrators. The integrators include on-chip 1000pF
capacitors trimmed to 0.5%. This architecture solves
one of the most difficult problems of active filter
design—obtaining tight tolerance, low-loss capacitors.
A DOS-compatible filter design program allows easy
implementation of many filter types, such as
Butterworth, Bessel, and Chebyshev. A fourth,
uncommitted FET-input op amp (identical to the other
three) can be used to form additional stages, or for
special filters such as band-reject and Inverse
Chebyshev.
The classical topology of the UAF42 forms a
time-continuous filter, free from the anomalies and
switching noise associated with switched-capacitor
filter types.
The UAF42 is available in 14-pin plastic DIP and
SOIC-16 surface-mount packages, specified for the
–25°C to +85°C temperature range.




Similar Part No. - UAF42AU

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
UAF42AU BURR-BROWN-UAF42AU Datasheet
149Kb / 6P
UNIVERSAL ACTIVE FILTER
logo
Texas Instruments
UAF42AU TI1-UAF42AU Datasheet
273Kb / 13P
UNIVERSAL ACTIVE FILTER
UAF42AU-1 TI1-UAF42AU-1 Datasheet
273Kb / 13P
UNIVERSAL ACTIVE FILTER
UAF42AUE4 TI1-UAF42AUE4 Datasheet
273Kb / 13P
UNIVERSAL ACTIVE FILTER
More results


Similar Description - UAF42AU

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
UAF42 BURR-BROWN-UAF42 Datasheet
149Kb / 6P
UNIVERSAL ACTIVE FILTER
UAF42 BURR-BROWN-UAF42 Datasheet
569Kb / 14P
FILTER DESIGN PROGRAM FOR THE UAF42 UNIVERSAL ACTIVE FILTER
logo
National Semiconductor ...
AF151 NSC-AF151 Datasheet
268Kb / 9P
DUAL UNIVERSAL ACTIVE FILTER
AF100 NSC-AF100 Datasheet
578Kb / 18P
UNIVERSAL ACTIVE FILTER
logo
Burr-Brown (TI)
UAF11 BURR-BROWN-UAF11 Datasheet
680Kb / 8P
UNIVERSAL ACTIVE FILTERS
logo
Texas Instruments
UAF42 TI1-UAF42 Datasheet
273Kb / 13P
UNIVERSAL ACTIVE FILTER
logo
International Rectifier
IR5001STRPBF IRF-IR5001STRPBF Datasheet
149Kb / 12P
UNIVERSAL ACTIVE ORING CONTROLLER
logo
Texas Instruments
UAF42 TI1-UAF42_14 Datasheet
273Kb / 14P
UNIVERSAL ACTIVE FILTER
logo
Mixed Signal Integratio...
MSUF MSI-MSUF Datasheet
709Kb / 8P
Resistor Programmable Universal Active Filter
MSUHF MSI-MSUHF Datasheet
80Kb / 7P
High Frequency Resistor Programmable Universal Active Filter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com