Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC3610 Datasheet (PDF) - Texas Instruments

UC3610 Datasheet PDF - Texas Instruments
Part # UC3610
Download  UC3610 Download
File Size   945.66 Kbytes
Page   14 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DUAL SCHOTTKY DIODE BRIDGE

UC3610 Datasheet (PDF)

Go To PDF Page Download Datasheet
UC3610 Datasheet PDF - Texas Instruments

Part # UC3610
Download  UC3610 Click to download

File Size   945.66 Kbytes
Page   14 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DUAL SCHOTTKY DIODE BRIDGE

UC3610 Datasheet (HTML) - Texas Instruments


UC3610 Product details

FEATURES
Monolithic Eight-Diode Array
Exceptional Efficiency
Low Forward Voltage
Fast Recovery Time
High Peak Current
Small Size

DESCRIPTION
This eight-diode array is designed for
high-current, low duty-cycle applications typical of
flyback voltage clamping for inductive loads. The
dual bridge connection makes this device
particularly applicable to bipolar driven stepper
motors.
The use of Schottky diode technology features
high efficiency through lowered forward voltage
drop and decreased reverse recovery time.
This single monolithic chip is fabricated in both
hermetic CERDIP and copper-leaded plastic
packages. The UC1610 in ceramic is designed for
−55°C to 125°C environments but with reduced
peak current capability. The UC2610 in plastic and
ceramic is designed for −25°C to 125°C
environments also with reduced peak current
capability; while the UC3610 in plastic has higher
current rating over a 0°C to 70°C temperature
range.




Similar Part No. - UC3610

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC3610 TI-UC3610 Datasheet
162Kb / 3P
Dual Schottky Diode Bridge
UC3610 TI1-UC3610 Datasheet
647Kb / 13P
DUAL SCHOTTKY DIODE BRIDGE
UC3610DW TI1-UC3610DW Datasheet
647Kb / 13P
DUAL SCHOTTKY DIODE BRIDGE
UC3610DWG4 TI1-UC3610DWG4 Datasheet
647Kb / 13P
DUAL SCHOTTKY DIODE BRIDGE
UC3610DWTR TI1-UC3610DWTR Datasheet
647Kb / 13P
DUAL SCHOTTKY DIODE BRIDGE
More results


Similar Description - UC3610

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6210 STMICROELECTRONICS-L6210 Datasheet
99Kb / 5P
DUAL SCHOTTKY DIODE BRIDGE
Apr-1993
logo
Texas Instruments
UC1610 TI-UC1610 Datasheet
162Kb / 3P
Dual Schottky Diode Bridge
logo
Allegro MicroSystems
8920 ALLEGRO-8920 Datasheet
39Kb / 2P
DUAL SCHOTTKY DIODE
logo
Texas Instruments
UC3612 TI-UC3612 Datasheet
84Kb / 3P
Dual Schottky Diode
logo
STMicroelectronics
L6210 STMICROELECTRONICS-L6210_08 Datasheet
146Kb / 8P
Dual Schottky diode bridge
23-Apr-2008
logo
Texas Instruments
UC1610 TI1-UC1610_12 Datasheet
647Kb / 13P
DUAL SCHOTTKY DIODE BRIDGE
logo
Thinki Semiconductor Co...
MBRF20100CTR THINKISEMI-MBRF20100CTR Datasheet
317Kb / 2P
20 Ampere Dual Common Anode Schottky Half Bridge Rectifier Diode
SDB20100PR THINKISEMI-SDB20100PR Datasheet
427Kb / 2P
20 Ampere Dual Common Anode Schottky Half Bridge Rectifier Diode
logo
ON Semiconductor
1SS383T1G ONSEMI-1SS383T1G Datasheet
43Kb / 2P
Dual Schottky Diode
March, 2006 ??Rev. 2
logo
Texas Instruments
UA1612 TI1-UA1612 Datasheet
103Kb / 4P
Dual Schottky Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com