Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC2901 Datasheet (PDF) - Texas Instruments

UC2901 Datasheet PDF - Texas Instruments
Part # UC2901
Download  UC2901 Download
File Size   993.17 Kbytes
Page   14 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ISOLATED FEEDBACK GENERATOR

UC2901 Datasheet (PDF)

Go To PDF Page Download Datasheet
UC2901 Datasheet PDF - Texas Instruments

Part # UC2901
Download  UC2901 Click to download

File Size   993.17 Kbytes
Page   14 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ISOLATED FEEDBACK GENERATOR

UC2901 Datasheet (HTML) - Texas Instruments


UC2901 Product details

1FEATURES
• Controlled Baseline
– One Assembly/Test Site, One Fabrication
Site
• Extended Temperature Performance of –55°C
to 125°C
• Enhanced Diminishing Manufacturing Sources
(DMS) Support
• Enhanced Product-Change Notification
• Qualification Pedigree (1)
• Amplitude-Modulation System for Transformer
Coupling an Isolated Feedback Error Signal
• Low-Cost Alternative to Optical Couplers
• Internal 1% Reference and Error Amplifier
• Internal Carrier Oscillator Usable to 5 MHz
• Modulator Synchronizable to an External
Clock
• Loop Status Monitor

DESCRIPTION
The UC2901 is designed to solve many of the problems associated with closing a feedback control loop across a
voltage isolation boundary. As a stable and reliable alternative to an optical coupler, UC2901 features an
amplitude modulation system that allows a loop error signal to be coupled with a small RF transformer or
capacitor.
The programmable, high-frequency oscillator within the UC2901 permits the use of smaller, less-expensive
transformers, which can readily be built to meet the isolation requirements of today's line-operated power
systems. As an alternative to RF operation, the external clock input to these devices allows synchronization to a
system clock or to the switching frequency of an SMPS.
An additional feature is a status monitoring circuit that provides an active low output when the sensed error
voltage is within ±10% of the reference. The DRIVERA output, DRIVERB output, and STATUS output are
disabled until the input supply has reached a sufficient level to allow proper operation of the device.
Because these devices also can be used as a DC driver for optical couplers, the benefits of 4.5 V to 40 V supply
operation, a 1% accurate reference, and a high-gain general-purpose amplifier offer advantages, even though an
AC system may not be desired.




Similar Part No. - UC2901

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2901 TI-UC2901 Datasheet
397Kb / 7P
Isolated Feedback Generator
UC2901 TI1-UC2901 Datasheet
599Kb / 12P
Isolated Feedback Generator
UC2901 TI2-UC2901 Datasheet
538Kb / 13P
Isolated Feedback Generator
Revised January 2010
UC2901-EP TI1-UC2901-EP Datasheet
249Kb / 9P
ISOLATED FEEDBACK GENERATOR
UC2901-EP TI2-UC2901-EP Datasheet
538Kb / 13P
Isolated Feedback Generator
Revised January 2010
More results


Similar Description - UC2901

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1901 TI-UC1901 Datasheet
397Kb / 7P
Isolated Feedback Generator
logo
Maxim Integrated Produc...
MAX5058 MAXIM-MAX5058 Datasheet
460Kb / 25P
Parallelable Secondary-Side Synchronous Rectifier Driver and Feedback-Generator Controller ICs
Rev 0; 10/03
logo
Linear Technology
LT1228 LINER-LT1228_12 Datasheet
666Kb / 22P
100MHz Current Feedback
logo
Texas Instruments
UC2901-EP TI1-UC2901-EP Datasheet
249Kb / 9P
ISOLATED FEEDBACK GENERATOR
UC1901 TI1-UC1901_11 Datasheet
599Kb / 12P
Isolated Feedback Generator
UC2901-EP TI-UC2901-EP_15 Datasheet
266Kb / 10P
ISOLATED FEEDBACK GENERATOR
logo
Analog Devices
AD8001 AD-AD8001_17 Datasheet
329Kb / 17P
Current Feedback Amplifier
23-Feb-2017
AD8004 AD-AD8004_17 Datasheet
449Kb / 17P
Current Feedback Amplifier
24-Feb-2017
ADUM3070 AD-ADUM3070_V01 Datasheet
763Kb / 20P
Isolated Switching Regulator With Integrated Feedback
Rev. A
ADUM4070 AD-ADUM4070 Datasheet
561Kb / 20P
Isolated Switching Regulator with Integrated Feedback
Rev. 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com