Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC08D1520 Datasheet (PDF) - Texas Instruments

ADC08D1520 Datasheet PDF - Texas Instruments
Part # ADC08D1520
Download  ADC08D1520 Download
File Size   958.24 Kbytes
Page   59 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC08D1520 Low Power, 8-Bit, Dual 1.5 GSPS or Single 3.0 GSPS A/D Converter

ADC08D1520 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC08D1520 Datasheet PDF - Texas Instruments

Part # ADC08D1520
Download  ADC08D1520 Click to download

File Size   958.24 Kbytes
Page   59 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC08D1520 Low Power, 8-Bit, Dual 1.5 GSPS or Single 3.0 GSPS A/D Converter

ADC08D1520 Datasheet (HTML) - Texas Instruments


ADC08D1520 Product details

FEATURES
• Single +1.9V ±0.1V Operation
• Interleave Mode for 2x Sample Rate
• Multiple ADC Synchronization Capability
• Adjustment of Input Full-Scale Range, Clock
Phase, and Offset
• Choice of SDR or DDR Output Clocking
• 1:1 or 1:2 Selectable Output Demux
• Second DCLK Output
• Duty Cycle Corrected Sample Clock
• Test Pattern

APPLICATIONS
• Direct RF Down Conversion
• Digital Oscilloscopes
• Satellite Set-top boxes
• Communications Systems
• Test Instrumentation

KEY SPECIFICATIONS
• Resolution: 8 Bits
• Max Conversion Rate: 1.5 GSPS (max)
• Code Error Rate: 10-18 (typ)
• ENOB @ 748 MHz Input: 7.4 Bits (typ)
• DNL: ±0.15 LSB (typ)
• Power Consumption (Non-DES Mode)
– Operating in Non-Demux Mode:1.6 W (typ)
– Operating in 1:2 Demux Mode: 2.0 W (typ)
– Power Down Mode: 3.5 mW (typ)

DESCRIPTION
The ADC08D1520 is a dual, low power, high
performance CMOS analog-to-digital converter that
builds upon the ADC08D1500 platform. The
ADC08D1520 digitizes signals to 8 bits of resolution
at sample rates up to 1.7 GSPS. It has expanded
features compared to the ADC08D1500, which
include a test pattern output for system debug, a
clock phase adjust, and selectable output
demultiplexer modes. Consuming a typical 1.6 Watts
in Non-Demultiplex Mode at 1.0 GSPS from a single
1.9 Volt supply, this device is guaranteed to have no missing codes over the full operating temperature
range. The unique folding and interpolating
architecture, the fully differential comparator design,
the innovative design of the internal sample-and-hold
amplifier and the self-calibration scheme enable a very flat response of all dynamic parameters beyond
Nyquist, producing a high 7.4 Effective Number of
Bits (ENOB) with a 748 MHz input signal and a 1.5
GHz sample rate while providing a 10-18 Code Error
Rate (C.E.R.) Output formatting is offset binary and
the Low Voltage Differential Signaling (LVDS) digital
outputs are compatible with IEEE 1596.3-1996, with
the exception of an adjustable common mode voltage
between 0.8V and 1.2V.
Each converter has a selectable output demultiplexer
which feeds two LVDS buses. If the 1:2
Demultiplexed Mode is selected, the output data rate
is reduced to half the input sample rate on each bus.
When Non-Demultiplexed Mode is selected, the
output data rate on channels DI and DQ is at the
same rate as the input sample clock. The two
converters can be interleaved and used as a single 3
GSPS ADC.
The converter typically consumes less than 3.5 mW
in the Power Down Mode and is available in a leaded
or lead-free, 128-pin, thermally enhanced, HLQFP
and operates over the Industrial (-40°C ≤ TA ≤ +85°C)
temperature range.




Similar Part No. - ADC08D1520

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC08D1520 NSC-ADC08D1520 Datasheet
781Kb / 44P
Low Power, 8-Bit, Dual 1.5 GSPS or Single 3.0 GSPS A/D Converter
ADC08D1520 NSC-ADC08D1520 Datasheet
847Kb / 44P
Low Power, 8-Bit, Dual 1.5 GSPS or Single 3.0 GSPS A/D Converter
ADC08D1520CIYB NSC-ADC08D1520CIYB Datasheet
781Kb / 44P
Low Power, 8-Bit, Dual 1.5 GSPS or Single 3.0 GSPS A/D Converter
ADC08D1520CIYB NSC-ADC08D1520CIYB Datasheet
847Kb / 44P
Low Power, 8-Bit, Dual 1.5 GSPS or Single 3.0 GSPS A/D Converter
ADC08D1520CIYB/NOPB NSC-ADC08D1520CIYB/NOPB Datasheet
781Kb / 44P
Low Power, 8-Bit, Dual 1.5 GSPS or Single 3.0 GSPS A/D Converter
More results


Similar Description - ADC08D1520

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC08D1020 NSC-ADC08D1020 Datasheet
1Mb / 44P
Low Power, 8-Bit, Dual 1.0 GSPS or Single 2.0 GSPS A/D Converter
ADC08D1020 NSC-ADC08D1020_08 Datasheet
1Mb / 44P
Low Power, 8-Bit, Dual 1.0 GSPS or Single 2.0 GSPS A/D Converter
ADC08D1520 NSC-ADC08D1520 Datasheet
781Kb / 44P
Low Power, 8-Bit, Dual 1.5 GSPS or Single 3.0 GSPS A/D Converter
ADC08D1520QML NSC-ADC08D1520QML Datasheet
1Mb / 46P
Low Power, 8-Bit, Dual 1.5 GSPS or Single 3.0 GSPS A/D Converter
ADC08D1020 NSC-ADC08D1020_09 Datasheet
1Mb / 44P
Low Power, 8-Bit, Dual 1.0 GSPS or Single 2.0 GSPS A/D Converter
ADC08D1520 NSC-ADC08D1520_09 Datasheet
847Kb / 44P
Low Power, 8-Bit, Dual 1.5 GSPS or Single 3.0 GSPS A/D Converter
logo
Texas Instruments
ADC07D1520 TI1-ADC07D1520_12 Datasheet
732Kb / 52P
Low Power, 7-Bit, Dual 1.5 GSPS or Single 3.0 GSPS A/D Converter
ADC08D1520QML-SP TI-ADC08D1520QML-SP Datasheet
1Mb / 59P
ADC08D1520QML Low Power, 8-Bit, Dual 1.5 GSPS or Single 3.0 GSPS A/D Converter
ADC07D1520 TI1-ADC07D1520 Datasheet
758Kb / 53P
Low Power, 7-Bit, Dual 1.5 GSPS or Single 3.0 GSPS A/D Converter
ADC08D1520QML-SP TI1-ADC08D1520QML-SP_17 Datasheet
1Mb / 58P
Low Power, 8-Bit, Dual 1.5 GSPS or Single 3.0 GSPS A/D Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com