Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC10080 Datasheet (PDF) - Texas Instruments

ADC10080 Datasheet PDF - Texas Instruments
Part # ADC10080
Download  ADC10080 Download
File Size   984.57 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC10080 10-Bit, 80 MSPS, 3V, 78.6 mW A/D Converter

ADC10080 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC10080 Datasheet PDF - Texas Instruments

Part # ADC10080
Download  ADC10080 Click to download

File Size   984.57 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC10080 10-Bit, 80 MSPS, 3V, 78.6 mW A/D Converter

ADC10080 Datasheet (HTML) - Texas Instruments


ADC10080 Product details

FEATURES
• Single +3.0V Operation
• Selectable Full-Scale Input Swing
• 400 MHz −3 dB Input Bandwidth(1)
• Low Power Consumption
• Standby Mode
• On-Chip Reference and Sample-and-Hold
Amplifier sample•
Offset Binary or Two’s Complement Data
Format
• Separate Adjustable Output Driver Supply

KEY SPECIFICATIONS
• Resolution: 10 Bits
• Conversion Rate: 80 MSPS
• Full Power Bandwidth: 400 MHz
• DNL: ±0.25 LSB (typ)
• SNR (fIN = 10 MHz): 59.5 dB (typ)
• SFDR (fIN = 10 MHz): −78.7 dB (typ)
• Power Consumption, 80 Msps: 78.6 mW

APPLICATIONS
• Ultrasound and Imaging
• Instrumentation
• Cellular Base Stations/Communications
Receivers
• Sonar/Radar
• xDSL
• Wireless Local Loops
• Data Acquisition Systems
• DSP Front Ends

DESCRIPTION
The ADC10080 is a monolithic CMOS analog-to-
digital converter capable of converting analog input
signals into 10-bit digital words at 80 Megasamples
per second (MSPS). This converter uses a
differential, pipeline architecture with digital error
correction and an on-chip sample-and-hold circuit to provide a complete conversion solution and to
minimize power consumption, while providing
excellent dynamic performance. A unique sample•
and-hold stage yields a full-power bandwidth of 400
MHz. Operating on a single 3.0V power supply, this
device consumes just 78.6 mW at 80 MSPS,
including the reference current. The Standby feature
reduces power consumption to just 15 mW.
The differential inputs provide a full scale selectable
input swing of 2.0 VP-P, 1.5 VP-P, 1.0 VP-P, with the
possibility of a single-ended input. Full use of the
differential input is recommended for optimum
performance. An internal +1.2V precision bandgap
reference is used to set the ADC full-scale range, and
also allows the user to supply a buffered referenced
voltage for those applications requiring increased
accuracy. The output data format is user choice of
offset binary or two’s complement.
This device is available in the 28-lead TSSOP
package and will operate over the industrial
temperature range of −40°C to +85°C.




Similar Part No. - ADC10080

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC10080 NSC-ADC10080 Datasheet
927Kb / 19P
10-Bit, 80 MSPS, 3V, 78.6 mW A/D Converter
logo
Texas Instruments
ADC10080 TI1-ADC10080 Datasheet
1Mb / 24P
10-Bit, 80 MSPS, 3V, 78.6 mW A/D Converter
ADC10080 TI1-ADC10080 Datasheet
1Mb / 26P
78.6 mW A/D Converter
ADC10080 TI2-ADC10080 Datasheet
990Kb / 33P
High Performance Quad DVGA
DECEMBER 2012
logo
National Semiconductor ...
ADC10080CIMT NSC-ADC10080CIMT Datasheet
927Kb / 19P
10-Bit, 80 MSPS, 3V, 78.6 mW A/D Converter
More results


Similar Description - ADC10080

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9200 AD-AD9200 Datasheet
338Kb / 24P
Complete 10-Bit, 20 MSPS, 80 mW CMOS A/D Converter
REV.E
AD9215 AD-AD9215 Datasheet
1Mb / 36P
10-Bit, 65/80/105 MSPS, 3V A/D Converter
5/03-Revision 0
logo
National Semiconductor ...
ADC10040 NSC-ADC10040 Datasheet
914Kb / 19P
10-Bit, 40 MSPS, 3V, 55.5 mW A/D Converter
ADC10080 NSC-ADC10080 Datasheet
927Kb / 19P
10-Bit, 80 MSPS, 3V, 78.6 mW A/D Converter
logo
List of Unclassifed Man...
SPT7868 ETC1-SPT7868 Datasheet
47Kb / 5P
10-BIT,80 MSPS A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7840 CADEKA-SPT7840 Datasheet
188Kb / 12P
10-BIT, 10 MSPS, 100 mW A/D CONVERTER
logo
Texas Instruments
ADC10080 TI1-ADC10080_14 Datasheet
1Mb / 24P
10-Bit, 80 MSPS, 3V, 78.6 mW A/D Converter
ADC10040 TI1-ADC10040_14 Datasheet
1Mb / 28P
ADC10040/ADC10040Q 10-Bit, 40 MSPS, 3V, 55.5 mW A/D Converter
logo
Analog Devices
AD9200 AD-AD9200_15 Datasheet
341Kb / 24P
Complete 10-Bit, 20 MSPS, 80 mW CMOS A/D Converter
REV. E
logo
Texas Instruments
ADC10080 TI1-ADC10080_15 Datasheet
1Mb / 26P
78.6 mW A/D Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com