Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC102S021 Datasheet (PDF) - Texas Instruments

ADC102S021 Datasheet PDF - Texas Instruments
Part # ADC102S021
Download  ADC102S021 Download
File Size   955.14 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC102S101 2 Channel, 500 ksps to 1 Msps, 10-Bit A/D Converter

ADC102S021 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC102S021 Datasheet PDF - Texas Instruments

Part # ADC102S021
Download  ADC102S021 Click to download

File Size   955.14 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC102S101 2 Channel, 500 ksps to 1 Msps, 10-Bit A/D Converter

ADC102S021 Datasheet (HTML) - Texas Instruments


ADC102S021 Product details

1FEATURES
2• Specified Over a Range of Sample Rates
• Two Input Channels
• Variable Power Management
• Single Power Supply with 2.7V - 5.25V Range

KEY SPECIFICATIONS
• DNL: + 0.26/−0.16 LSB (Typ)
• INL: + 0.4/−0.1 LSB (Typ)
• SNR: 61.7 dB (Typ)
• Power Consumption:
– 3V Supply: 3.9 mW (Typ)
– 5V Supply: 11.4 mW (Typ)

APPLICATIONS
• Portable Systems
• Remote Data Acquisition
• Instrumentation and Control Systems

DESCRIPTION
The ADC102S101 is a low-power, two-channel
CMOS 10-bit analog-to-digital converter with a high-
speed serial interface. Unlike the conventional
practice of specifying performance at a single sample
rate only, the ADC102S101 is fully specified over a
sample rate range of 500 ksps to 1 Msps. The
converter is based on a successive-approximation
register architecture with an internal track-and-hold
circuit. It can be configured to accept one or two input
signals at inputs IN1 and IN2.
The output serial data is straight binary, and is
compatible with several standards, such as SPI™,
QSPI™, MICROWIRE, and many common DSP serial interfaces.
The ADC102S101 operates with a single supply that
can range from +2.7V to +5.25V. Normal power consumption using a +3V or +5V supply is 3.9 mW
and 11.4 mW, respectively. The power-down feature
reduces the power consumption to just 0.12 μW using
a +3.6V supply, or 0.47 μW using a +5.5V supply.
The ADC102S101 is packaged in an 8-lead VSSOP
package. Operation over the industrial temperature
range of −40°C to +85°C is guaranteed.




Similar Part No. - ADC102S021

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC102S021 NSC-ADC102S021 Datasheet
941Kb / 19P
2 Channel, 1 MSPS 12-Bit A/D Converter
logo
Texas Instruments
ADC102S021 TI-ADC102S021 Datasheet
1Mb / 25P
ADC102S021 2 Channel, 50 ksps to 200 ksps, 10-Bit A/D Converter
ADC102S021 TI1-ADC102S021 Datasheet
1Mb / 26P
ADC102S021 2 Channel, 50 ksps to 200 ksps, 10-Bit A/D Converter
ADC102S021 TI1-ADC102S021 Datasheet
1Mb / 28P
ADC082S021 2 Channel, 50 ksps to 200 ksps, 8-Bit A/D Converter
ADC102S021 TI1-ADC102S021 Datasheet
1Mb / 28P
ADC102S101 2 Channel, 500 ksps to 1 Msps, 10-Bit A/D Converter
More results


Similar Description - ADC102S021

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC108S102 NSC-ADC108S102 Datasheet
877Kb / 17P
8-Channel, 500 kSPS to 1 MSPS, 10-Bit A/D Converter
logo
Texas Instruments
ADC102S101CIMMX TI1-ADC102S101CIMMX Datasheet
1Mb / 28P
ADC102S101 2 Channel, 500 ksps to 1 Msps, 10-Bit A/D Converter
ADC104S101CIMM TI-ADC104S101CIMM Datasheet
1Mb / 27P
ADC104S101 4 Channel, 500 ksps to 1 Msps, 10-Bit A/D Converter
ADC082S101 TI1-ADC082S101_14 Datasheet
1Mb / 25P
2 Channel, 500 ksps to 1 Msps, 8-Bit A/D Converter
ADC122S101 TI1-ADC122S101_14 Datasheet
1Mb / 25P
2 Channel, 500 ksps to 1 Msps 12-Bit A/D Converter
ADC102S101 TI1-ADC102S101_14 Datasheet
1Mb / 28P
ADC102S101 2 Channel, 500 ksps to 1 Msps, 10-Bit A/D Converter
ADC104S101 TI1-ADC104S101_14 Datasheet
1Mb / 28P
ADC104S101 4 Channel, 500 ksps to 1 Msps, 10-Bit A/D Converter
ADC102S101 TI1-ADC102S101_15 Datasheet
1Mb / 29P
2 Channel, 500 ksps to 1 Msps, 10-Bit A/D Converter
ADC108S102 TI1-ADC108S102_15 Datasheet
1Mb / 27P
8-Channel, 500 kSPS to 1 MSPS, 10-Bit A/D Converter
ADC122S101 TI1-ADC122S101_15 Datasheet
1Mb / 28P
2 Channel, 500 ksps to 1 Msps 12-Bit A/D Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com