Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC16DV160 Datasheet (PDF) - Texas Instruments

ADC16DV160 Datasheet PDF - Texas Instruments
Part # ADC16DV160
Download  ADC16DV160 Download
File Size   966.05 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC16DV160 Dual Channel, 16-Bit, 160 MSPS Analog-to-Digital Converter with DDR LVDS Outputs

ADC16DV160 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC16DV160 Datasheet PDF - Texas Instruments

Part # ADC16DV160
Download  ADC16DV160 Click to download

File Size   966.05 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC16DV160 Dual Channel, 16-Bit, 160 MSPS Analog-to-Digital Converter with DDR LVDS Outputs

ADC16DV160 Datasheet (HTML) - Texas Instruments


ADC16DV160 Product details

FEATURES
• Low Power Consumption
• On-Chip Precision Reference and Sample-and-
Hold Circuit
• On-Chip Automatic Calibration During Power-
Up
• Dual Data Rate LVDS Output Port
• Dual Supplies: 1.8V and 3.0V Operation
• Selectable Input Range: 2.4 and 2.0 VPP
• Sampling Edge Flipping with Clock Divider by
2 Option
• Internal Clock Divide by 1 or 2
• On-Chip Low Jitter Duty-Cycle Stabilizer
• Power-Down and Sleep Modes
• Output Fixed Pattern Generation
• Output Clock Position Adjustment
• 3-Wire SPI
• Offset Binary or 2's Complement Data Format
• 68-Pin VQFN Package (10x10x0.8, 0.5mm Pin-
Pitch)

KEY SPECIFICATIONS
• Resolution: 16 Bits
• Conversion Rate: 160 MSPS
• SNR (@FIN = 30 MHz): 78 dBFS (typ)
• SNR (@FIN = 197 MHz): 76 dBFS (typ)
• SFDR (@FIN = 30 MHz): 95 dBFS (typ)
• SFDR (@FIN = 197 MHz): 89 dBFS (typ)
• Full Power Bandwidth: 1.4 GHz (typ)
• Power Consumption:
– Core per channel: 612 mW (typ)
– LVDS Driver: 117 mW (typ)
– Total: 1.3W (typ)
• Operating Temperature Range (-40°C ~ 85°C)

APPLICATIONS
• Multi-carrier, Multi-standard Base Station
Receivers
– MC-GSM/EDGE, CDMA2000, UMTS, LTE
and WiMAX
• High IF Sampling Receivers
• Diversity Channel Receivers
• Test and Measurement Equipment
• Communications Instrumentation
• Portable Instrumentation

DESCRIPTION
The ADC16DV160 is a monolithic dual channel high
performance CMOS analog-to-digital converter
capable of converting analog input signals into 16-bit
digital words at rates up to 160 Mega Samples Per
Second (MSPS). This converter uses a differential,
pipelined architecture with digital error correction and
an on-chip sample-and-hold circuit to minimize power
consumption and external component count while
providing excellent dynamic performance. Automatic
power-up calibration enables excellent dynamic
performance and reduces part-to-part variation, and
the ADC16DV160 can be re-calibrated at any time through the 3-wire Serial Peripheral Interface (SPI).
An integrated low noise and stable voltage reference
and differential reference buffer amplifier eases board
level design. The on-chip duty cycle stabilizer with low additive jitter allows a wide range of input clock
duty cycles without compromising dynamic
performance. A unique sample-and-hold stage yields
a full-power bandwidth of 1.4 GHz. The interface
between the ADC16DV160 and a receiver block can
be easily verified and optimized via fixed pattern
generation and output clock position features. The
digital data is provided via dual data rate LVDS
outputs – making possible the 68-pin, 10 mm x 10
mm VQFN package. The ADC16DV160 operates on
dual power supplies of +1.8V and +3.0V with a
power-down feature to reduce power consumption to
very low levels while allowing fast recovery to full
operation.




Similar Part No. - ADC16DV160

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC16DV160 NSC-ADC16DV160 Datasheet
710Kb / 26P
Dual Channel, 16-Bit, 160 MSPS Analog-to-Digital Converter with DDR LVDS Outputs
logo
Texas Instruments
ADC16DV160 TI1-ADC16DV160 Datasheet
1Mb / 36P
Dual Channel, 16-Bit, 160 MSPS Analog-to-Digital Converter with DDR LVDS Outputs
ADC16DV160 TI1-ADC16DV160 Datasheet
1Mb / 38P
160 MSPS Analog-to-Digital Converter
ADC16DV160 TI2-ADC16DV160 Datasheet
990Kb / 33P
High Performance Quad DVGA
DECEMBER 2012
logo
National Semiconductor ...
ADC16DV160CILQ NSC-ADC16DV160CILQ Datasheet
710Kb / 26P
Dual Channel, 16-Bit, 160 MSPS Analog-to-Digital Converter with DDR LVDS Outputs
More results


Similar Description - ADC16DV160

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC16DV160 NSC-ADC16DV160 Datasheet
710Kb / 26P
Dual Channel, 16-Bit, 160 MSPS Analog-to-Digital Converter with DDR LVDS Outputs
logo
Texas Instruments
ADC16DV160 TI1-ADC16DV160_14 Datasheet
1Mb / 36P
Dual Channel, 16-Bit, 160 MSPS Analog-to-Digital Converter with DDR LVDS Outputs
ADC32J22 TI-ADC32J22_15 Datasheet
3Mb / 85P
ADC32J2x Dual-Channel, 12-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converter with JESD204B Interface
logo
Analog Devices
AD9655 AD-AD9655 Datasheet
1Mb / 37P
Dual, 16-Bit, 125 MSPS Serial LVDS,1.8 V Analog-to-Digital Converter
REV. 0
logo
Texas Instruments
ADS54J69 TI1-ADS54J69 Datasheet
3Mb / 75P
Dual-Channel, 16-Bit, 500-MSPS, Analog-to-Digital Converter
ADS42JB46 TI1-ADS42JB46 Datasheet
3Mb / 63P
Dual-Channel, 14-Bit, 160-MSPS Analog-to-Digital Converter
ADC32J42 TI1-ADC32J42 Datasheet
4Mb / 85P
Dual-Channel, 14-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converters
ADC34J22 TI1-ADC34J22 Datasheet
6Mb / 88P
Quad-Channel, 12-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converter
ADC16DV160 TI1-ADC16DV160_15 Datasheet
1Mb / 38P
160 MSPS Analog-to-Digital Converter
logo
Analog Devices
AD9655 AD-AD9655_17 Datasheet
1Mb / 38P
Dual, 16-Bit, 125 MSPS Serial LVDS, 1.8 V Analog-to-Digital Converter
Rev. 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com