Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24640 Datasheet (PDF) - Texas Instruments

BQ24640 Datasheet PDF - Texas Instruments
Part # BQ24640
Download  BQ24640 Download
File Size   964.28 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description bq24640 High-Efficiency Synchronous Switched-Mode Super Capacitor Charger

BQ24640 Datasheet (PDF)

Go To PDF Page Download Datasheet
BQ24640 Datasheet PDF - Texas Instruments

Part # BQ24640
Download  BQ24640 Click to download

File Size   964.28 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description bq24640 High-Efficiency Synchronous Switched-Mode Super Capacitor Charger

BQ24640 Datasheet (HTML) - Texas Instruments


BQ24640 Product details

1 Features
1• Charge Super Capacitor Pack From 2.1 V to 26 V
• CC/CV Charge Profile From 0 V Without
Precharge
• 600-kHz NMOS-NMOS Synchronous Buck
Controller
• Over 90% Efficiency for up to 10-A Charge
Current switched•
5-V to 28-V VCC Input Voltage Range
• Accuracy
– ±0.5% Charge Voltage Regulation
– ±3% Charge Current Regulation
• High Integration
– Internal Loop Compensation
– Internal Digital Soft Start
• Safety
– Input Overvoltage Protection
– Capacitor Temperature Sensing Hot and Cold
Charge Suspend
– Thermal Shutdown
• Status Outputs
– Adapter Present
– Charger Operation Status
• Charge Enable Pin
• 30-ns Driver Dead Time and 99.5% Maximum
Effective Duty Cycle
• Automatic Sleep Mode for Low Power
Consumption
– <15-μA Off-State Super Capacitor Discharge
Current
– <1.5-mA Off-State Input Quiescent Current

2 Applications
• Memory Backup Systems
• Industrial UPS Systems and Power Transient
Buffering
• Bridge Power to Buffer the Battery

3 Description
The bq24640 device is a highly integrated switched•
mode super capacitor charge controller. The device
offers a constant-frequency synchronous PWM
controller with high accuracy charge current, voltage
regulation, and charge status monitoring.
The bq24640 charges a super capacitor in two
phases: constant current and constant voltage
(CC/CV). The device can charge super capacitors
from 0 V with current set on the ISET pin. When the
super capacitor voltage reaches the programmed
target voltage, charge current begins tapering down.
The bq24640 enters a low-current sleep mode
(<15 μA) when the input voltage falls below the
output capacitor voltage.
The bq24640 has an input CE pin to enable and
disable charge, and the STAT and PG output pins
report charge and adapter status. The TS pin on the bq24640 monitors the temperature of the capacitor
and suspends charge during hot and cold conditions.




Similar Part No. - BQ24640

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24640 TI-BQ24640 Datasheet
703Kb / 25P
High-Efficiency Synchronous Switch-Mode Super Capacitor Charger
bq24640RVAR TI-bq24640RVAR Datasheet
703Kb / 25P
High-Efficiency Synchronous Switch-Mode Super Capacitor Charger
bq24640RVAT TI-bq24640RVAT Datasheet
703Kb / 25P
High-Efficiency Synchronous Switch-Mode Super Capacitor Charger
More results


Similar Description - BQ24640

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STSR220 STMICROELECTRONICS-STSR220 Datasheet
23Kb / 3P
HIGH EFFICIENCY SWITCHED MODE RECTIFIER
Oct-1999
logo
National Semiconductor ...
LM2770 NSC-LM2770 Datasheet
796Kb / 14P
High Efficiency Switched Capacitor Step-Down DC/DC Regulator with Sleep Mode
logo
Texas Instruments
BQ24640 TI-BQ24640 Datasheet
703Kb / 25P
High-Efficiency Synchronous Switch-Mode Super Capacitor Charger
LM2770 TI-LM2770_15 Datasheet
2Mb / 20P
High Efficiency Switched Capacitor Step-Down DC/DC Regulator with Sleep Mode
logo
Dialog Semiconductor
DA9313 DIALOG-DA9313 Datasheet
838Kb / 54P
High Efficiency Dual Cell Switched Capacitor Divider
logo
Richtek Technology Corp...
RT9535B RICHTEK-RT9535B Datasheet
1Mb / 18P
High Efficiency Switching Mode Battery Charger
logo
Renesas Technology Corp
DA9313 RENESAS-DA9313 Datasheet
810Kb / 58P
High Efficiency Dual Cell Switched Capacitor Divider
23-Feb-2022
logo
Silicon Mitus, Inc.
SM5440 SILICONMITUS-SM5440 Datasheet
162Kb / 2P
A Very High Efficiency Switched Capacitor 9A Charger with 13-bit ADC for Fast Charging
July 2021 Rev. 1.0.0
SM5451 SILICONMITUS-SM5451 Datasheet
733Kb / 2P
A Very High Efficiency Switched Capacitor 6A Charger with Quadruple Mode
May 2021 Rev. 1.0.0
SM5470 SILICONMITUS-SM5470 Datasheet
881Kb / 2P
A Very High Efficiency Switched Capacitor 6A Charger with Bypass Mode
July 2021 Rev. 0.0.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com