Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4028B Datasheet (PDF) - Texas Instruments

CD4028B Datasheet PDF - Texas Instruments
Part # CD4028B
Download  CD4028B Download
File Size   936.36 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description BCD-to-Decimal Decoder

CD4028B Datasheet (PDF)

Go To PDF Page Download Datasheet
CD4028B Datasheet PDF - Texas Instruments

Part # CD4028B
Download  CD4028B Click to download

File Size   936.36 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description BCD-to-Decimal Decoder

CD4028B Datasheet (HTML) - Texas Instruments


CD4028B Product details

Features:
= BCD. to-decimal decoding or binary. to-octal decoding
= High decoded output drive capability
= “Positive logic” inputs and outputs...
..... decoded outputs high on selection
= Medium speed operation...
tpHL. tou = 80s (yp @ Vpp = 10V
= Standardized, symmetrical output characteristics
= 100% tested for quiescent current at 20 V
* Maximum input corrent of 1 4A 1 18 V
over full package temperature range:
000A at 18 V and 260C
= Noise margin (ovr fll package:
temperature range):
TWVatvpp= 5V
2Vatvpp=10v
25VatVpp=15V
= 5, 10.V, and 15-V parametric ratings
= Meats all requirements of JEDEC
Tentative Standard No. 138, “Sandard
Specifications for Description of 8"
‘Series CMOS Devices”




Similar Part No. - CD4028B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4028B TI-CD4028B Datasheet
215Kb / 11P
BCD-TO-CECIMAL DECODER
CD4028B TI-CD4028B Datasheet
800Kb / 15P
BCD-to-Decimal Decoder
CD4028B TI1-CD4028B Datasheet
1Mb / 17P
BCD-to-Decimal Decoder
CD4028B-MIL TI1-CD4028B-MIL Datasheet
1Mb / 17P
BCD-to-Decimal Decoder
logo
National Semiconductor ...
CD4028BC NSC-CD4028BC Datasheet
116Kb / 4P
BCD-to-Decimal Decoder
More results


Similar Description - CD4028B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4028BM NSC-CD4028BM Datasheet
116Kb / 4P
BCD-to-Decimal Decoder
MM54C42 NSC-MM54C42 Datasheet
107Kb / 4P
BCD-to-Decimal Decoder
logo
Toshiba Semiconductor
TC4028BP TOSHIBA-TC4028BP Datasheet
223Kb / 5P
BCD - TO -DECIMAL DECODER
logo
Rohm
BU4028B ROHM-BU4028B Datasheet
64Kb / 6P
BCD-to-decimal decoder
logo
Fairchild Semiconductor
CD4028BC FAIRCHILD-CD4028BC Datasheet
53Kb / 6P
BCD-to-Decimal Decoder
DM7442A FAIRCHILD-DM7442A Datasheet
41Kb / 4P
BCD to Decimal Decoder
logo
Hitachi Semiconductor
HD74LS42 HITACHI-HD74LS42 Datasheet
61Kb / 6P
BCD-to-Decimal Decoder
logo
Micro Electronics
MCC4028 MICRO-ELECTRONICS-MCC4028 Datasheet
136Kb / 4P
BCD-TO-DECIMAL DECODER
logo
Fairchild Semiconductor
CD4028BC FAIRCHILD-CD4028BC_02 Datasheet
76Kb / 6P
BCD-to-Decimal Decoder
logo
Nexperia B.V. All right...
HEF4028B NEXPERIA-HEF4028B Datasheet
209Kb / 10P
BCD to decimal decoder
Rev. 10 - 7 December 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com