Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4516BE Datasheet (PDF) - Texas Instruments

CD4516BE Datasheet PDF - Texas Instruments
Part # CD4516BE
Download  CD4516BE Download
File Size   947.06 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CMOS Presettable Up/Down Counters

CD4516BE Datasheet (PDF)

Go To PDF Page Download Datasheet
CD4516BE Datasheet PDF - Texas Instruments

Part # CD4516BE
Download  CD4516BE Click to download

File Size   947.06 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CMOS Presettable Up/Down Counters

CD4516BE Datasheet (HTML) - Texas Instruments


CD4516BE Product details

Features:
Medium-speed operation
fcr =8MHztyp.at10V
Synchronous internal carry propagation
Reset and Preset capability
100% tested for quiescent current at 20 V
5-V, 10-V, and 15-V parametric ratings
& Standardized symmetrical output characteristics
Maximum input current of 1 uA at 18 V
over full package temperature range;
100 nA at 18 V and 25°C
Noise margin (full package-temperature
range): 1VatVpp=5V
2VatVpp=10V:
25VatVpp=15V
Meets all requirements of JEDEC Tentative
Standard No. 13B, ‘Standard Specifications
for Description of ‘B’ Series CMOS Devices’




Similar Part No. - CD4516BE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4516BE TI-CD4516BE Datasheet
295Kb / 12P
CMOS PRESETTABLE UP/DOWN COUNTERS
CD4516BE TI1-CD4516BE Datasheet
1Mb / 16P
Cmos Presettable Up/Down Counters
CD4516BEE4 TI1-CD4516BEE4 Datasheet
1Mb / 16P
Cmos Presettable Up/Down Counters
More results


Similar Description - CD4516BE

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS190 MOTOROLA-SN54LS190 Datasheet
310Kb / 10P
PRESETTABLE BCD/DECADE UP/DOWN COUNTERS PRESETTABLE 4-BIT BINARY UP/DOWN COUNTERS
logo
STMicroelectronics
HCF4510B STMICROELECTRONICS-HCF4510B Datasheet
136Kb / 12P
PRESETTABLE UP/DOWN COUNTERS
Mar-2000
logo
Texas Instruments
CD4510B TI-CD4510B Datasheet
295Kb / 12P
CMOS PRESETTABLE UP/DOWN COUNTERS
logo
Intersil Corporation
CD4510BMS INTERSIL-CD4510BMS Datasheet
139Kb / 11P
CMOS Presettable Up/Down Counters
December 1992
logo
Micro Electronics
MMC40192 MICRO-ELECTRONICS-MMC40192 Datasheet
181Kb / 5P
PRESETTABLE UP / DOWN COUNTERS
logo
List of Unclassifed Man...
MMC4510 ETC1-MMC4510 Datasheet
224Kb / 6P
PRESETTABLE UP / DOWN COUNTERS
logo
Texas Instruments
CD40192B TI-CD40192B Datasheet
516Kb / 11P
CMOS PRESETTABLE UP/DOWN COUNTERS(DUAL CLOCK WITH RESET)
CD40192B TI1-CD40192B_15 Datasheet
1Mb / 15P
CMOs Presettable Up/Down counters
CD4510B TI1-CD4510B_15 Datasheet
1Mb / 16P
Cmos Presettable Up/Down Counters
logo
Renesas Technology Corp
CD40192BMS RENESAS-CD40192BMS Datasheet
462Kb / 12P
CMOS Presettable Up/Down Counters(Dual Clock With Reset)
December 1992
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com