Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD54HC4040 Datasheet (PDF) - Texas Instruments

CD54HC4040 Datasheet PDF - Texas Instruments
Part # CD54HC4040
Download  CD54HC4040 Download
File Size   967.63 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CDx4HC4040, CDx4HCT4040 High-Speed CMOS Logic 12-Stage Binary Counter

CD54HC4040 Datasheet (PDF)

Go To PDF Page Download Datasheet
CD54HC4040 Datasheet PDF - Texas Instruments

Part # CD54HC4040
Download  CD54HC4040 Click to download

File Size   967.63 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CDx4HC4040, CDx4HCT4040 High-Speed CMOS Logic 12-Stage Binary Counter

CD54HC4040 Datasheet (HTML) - Texas Instruments


CD54HC4040 Product details

1 Features
• Fully static operation
• Buffered inputs
• Common reset
• Negative edge pulsing
• Fanout (over temperature range)
– Standard outputs: 10 LSTTL loads
– Bus driver outputs: 15 LSTTL loads
• Wide operating temperature range... – 55°C to
125°C
• Balanced propagation delay and transition times
• Significant power reduction compared to LSTTL
logic ICs
• HC types
– 2 V to 6 V operation
– High noise immunity: NIL = 30% of VCC at VCC =
5 V
• HCT types
– 4.5 V to 5.5 V operation
– Direct LSTTL input logic compatibility, VIL = 0.8
V (Max), VIH = 2V (Min)
– CMOS input compatibility, II ≤ 1 μA at VOL, VOH

2 Description
The ’HC4040 and ’HCT4040 are 14-stage ripple-carry
binary counters. All counter stages are controller
flipflops. The state of the stage advances one count
on the negative clock transition of each input pulse; a
high voltage level on the MR line resets all counters to
their zero state. All inputs and outputs are buffered.




Similar Part No. - CD54HC4040

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC4040 TI-CD54HC4040 Datasheet
346Kb / 15P
High-Speed CMOS Logic 12-Stage Binary Counter
CD54HC4040 TI2-CD54HC4040 Datasheet
967Kb / 22P
CDx4HC4040, CDx4HCT4040 High-Speed CMOS Logic 12-Stage Binary Counter
REVISED JULY 2022
CD54HC4040F TI-CD54HC4040F Datasheet
346Kb / 15P
High-Speed CMOS Logic 12-Stage Binary Counter
CD54HC4040F TI-CD54HC4040F Datasheet
399Kb / 18P
High-Speed CMOS Logic 12-Stage Binary Counter
CD54HC4040F TI2-CD54HC4040F Datasheet
967Kb / 22P
CDx4HC4040, CDx4HCT4040 High-Speed CMOS Logic 12-Stage Binary Counter
REVISED JULY 2022
More results


Similar Description - CD54HC4040

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC393 TI-CD74HC393 Datasheet
38Kb / 8P
High Speed CMOS Logic Dual 4 -Stage Binary Counter
CD74HC4020 TI-CD74HC4020 Datasheet
42Kb / 8P
High Speed CMOS Logic 14-Stage Binary Counter
CD74HC4024 TI-CD74HC4024 Datasheet
40Kb / 7P
High Speed CMOS Logic 7-Stage Binary Ripple Counter
CD74HC4040 TI-CD74HC4040 Datasheet
50Kb / 9P
High Speed CMOS Logic 12-Stage Binary Counter
CD54HC4040 TI-CD54HC4040 Datasheet
346Kb / 15P
High-Speed CMOS Logic 12-Stage Binary Counter
CD54HC4020 TI-CD54HC4020 Datasheet
269Kb / 13P
High-Speed CMOS Logic 14-Stage Binary Counter
CD54HC4024 TI-CD54HC4024_06 Datasheet
290Kb / 13P
High-Speed CMOS Logic 7-Stage Binary Ripple Counter
CD74HCT4040 TI-CD74HCT4040_07 Datasheet
399Kb / 18P
High-Speed CMOS Logic 12-Stage Binary Counter
CD54HC4024 TI-CD54HC4024_07 Datasheet
440Kb / 15P
High-Speed CMOS Logic 7-Stage Binary Ripple Counter
CD54HC4020 TI1-CD54HC4020_14 Datasheet
466Kb / 17P
High-Speed CMOS Logic 14-Stage Binary Counter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com