Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0815004 Datasheet (PDF) - PHOENIX CONTACT

0815004 Datasheet PDF - PHOENIX CONTACT
Part # 0815004
Download  0815004 Download
File Size   176.7 Kbytes
Page   4 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description KMK 2-1000 - Plastic cable markers

0815004 Datasheet (PDF)

Go To PDF Page Download Datasheet
0815004 Datasheet PDF - PHOENIX CONTACT

Part # 0815004
Download  0815004 Click to download

File Size   176.7 Kbytes
Page   4 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description KMK 2-1000 - Plastic cable markers

0815004 Datasheet (HTML) - PHOENIX CONTACT


0815004 Product details

Plastic cable markers, transparent, unmarked, mounting type: Assembly with cable ties, cable
diameter: ≥ 6 mm, text field height: 8 mm, text field width: 29 mm




Similar Part No. - 0815004

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
08150 QUALTEK-08150 Datasheet
254Kb / 1P
WIRE FORM FAN GUARD (127mm)
logo
Presto International UK...
08150 PRESTO-08150 Datasheet
3Mb / 24P
ENGINEERS CUTTING TOOLS
logo
PHOENIX CONTACT
0815020 PHOENIX-0815020 Datasheet
66Kb / 4P
Zack Marker strip, flat - ZBF 17:UNBEDRUCKT
09/11/2020
logo
Sharpie
081503 SHARPIE-081503 Datasheet
4Mb / 4P
Catalogue 2009
2009
More results


Similar Description - 0815004

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
NBC-SCE-1K MACOM-NBC-SCE-1K Datasheet
239Kb / 2P
Heat-Shrink/Cable Markers
030648-000 MACOM-030648-000 Datasheet
168Kb / 2P
Pre-Printed Wire and Cable Markers
15532 MACOM-15532 Datasheet
286Kb / 4P
Heat-Shrink/Cable Markers
logo
PHOENIX CONTACT
1004089 PHOENIX-1004089 Datasheet
49Kb / 2P
Marker carriers - UBE ES/KMK 3
logo
Adels-Contact
125202 ADELS-125202 Datasheet
117Kb / 2P
1000/ 2
logo
TE Connectivity Ltd
TTDS-025 TEC-TTDS-025 Datasheet
355Kb / 2P
K-Type Cable Markers
logo
PHOENIX CONTACT
1014107 PHOENIX-1014107 Datasheet
54Kb / 3P
Cable marker carrier - KMK UV (29X8)
09/11/2020
1014109 PHOENIX-1014109 Datasheet
54Kb / 3P
Cable marker carrier - KMK UV (40X17)
09/11/2020
0830721 PHOENIX-0830721 Datasheet
66Kb / 4P
Cable marker carrier - KMK HP (29X8)
09/11/2020
logo
Weidmuller
1109190000 WEIDMULLER-1109190000 Datasheet
229Kb / 4P
THM, Conductor and cable markers, 39.7 mm
September 19, 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com