Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC128 Datasheet (PDF) - Hittite Microwave Corporation

HMC128 Datasheet PDF - Hittite Microwave Corporation
Part # HMC128_07
Download  HMC128 Download
File Size   178.75 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC DOUBLE-BALANCED MIXER, 1.8 - 5.0 GHz

HMC128 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC128 Datasheet PDF - Hittite Microwave Corporation

Part # HMC128_07
Download  HMC128 Click to download

File Size   178.75 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC DOUBLE-BALANCED MIXER, 1.8 - 5.0 GHz

HMC128 Datasheet (HTML) - Hittite Microwave Corporation


HMC128 Product details

General Description
The HMC128 is a miniature double-balanced mixer chip that can be used as an upconverter or downconverter. The device is a passive diode/balun type mixer with high dynamic range. Noise fi gure is essentially equal to the conversion loss. The mixer can handle larger signal levels than active mixers due to the high third order intercept. MMIC implementation provides exceptional balance in the circuit resulting in high LO/RF and LO/IF isolations. This mixer can operate over a wide LO Drive input of +9 to +15 dBm.

Features
   Conversion Loss: 7 dB
   LO to RF and IF Isolation: >36 dB
   Input IP3: +18 dBm
   No DC Bias Required
   Die Size: 1.45 x 1.45 x 0.1 mm

Typical Applications
The HMC128 is ideal for:
• Microwave & VSAT Radios
• Test Equipment
• Military EW, ECM, C3I
• Space Telecom




Similar Part No. - HMC128_07

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC128 HITTITE-HMC128_09 Datasheet
183Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 1.8 - 5.0 GHz
More results


Similar Description - HMC128_07

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC128 HITTITE-HMC128 Datasheet
184Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 1.8 - 5.0 GHz
logo
Tyco Electronics
MA4EX2401 MACOM-MA4EX2401 Datasheet
422Kb / 4P
GaAs MMIC Double Balanced 24 GHz Mixer
logo
Hittite Microwave Corpo...
HMC128 HITTITE-HMC128_09 Datasheet
183Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 1.8 - 5.0 GHz
HMC128G8 HITTITE-HMC128G8_08 Datasheet
174Kb / 4P
GaAs MMIC SMT DOUBLE - BALANCED MIXER, 1.8 - 5 GHz
logo
Marki Microwave
MM1-0212HSM MARKIMICROWAVE-MM1-0212HSM Datasheet
965Kb / 13P
GaAs MMIC Double Balanced Mixer
MM1-0222LSM MARKIMICROWAVE-MM1-0222LSM Datasheet
869Kb / 13P
GaAs MMIC Double Balanced Mixer
MM1-0312H MARKIMICROWAVE-MM1-0312H Datasheet
789Kb / 9P
GaAs MMIC Double Balanced Mixer
MM1-0312S MARKIMICROWAVE-MM1-0312S Datasheet
787Kb / 9P
GaAs MMIC Double Balanced Mixer
MM1-0320L MARKIMICROWAVE-MM1-0320L Datasheet
901Kb / 8P
GaAs MMIC Double Balanced Mixer
MM1-0832LSM MARKIMICROWAVE-MM1-0832LSM Datasheet
911Kb / 13P
GaAs MMIC Double Balanced Mixer
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com