Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD18533Q5A Datasheet (PDF) - Texas Instruments

CSD18533Q5A Datasheet PDF - Texas Instruments
Part # CSD18533Q5A
Download  CSD18533Q5A Download
File Size   877.68 Kbytes
Page   12 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CSD18533Q5A 60 V N-Channel NexFET™ Power MOSFET

CSD18533Q5A Datasheet (PDF)

Go To PDF Page Download Datasheet
CSD18533Q5A Datasheet PDF - Texas Instruments

Part # CSD18533Q5A
Download  CSD18533Q5A Click to download

File Size   877.68 Kbytes
Page   12 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CSD18533Q5A 60 V N-Channel NexFET™ Power MOSFET

CSD18533Q5A Datasheet (HTML) - Texas Instruments


CSD18533Q5A Product details

1 Features
1• Ultra Low Qg and Qgd
• Low Thermal Resistance
• Avalanche Rated
• Logic Level
• Pb Free Terminal Plating
• RoHS Compliant
• Halogen Free
• SON 5 mm × 6 mm Plastic Package

2 Applications
• DC-DC Conversion
• Secondary Side Synchronous Rectifier
• Motor Control

3 Description
This 4.7 mΩ, 60 V, SON 5 × 6 mm NexFET™ power
MOSFET is designed to minimize losses in power
conversion applications.




Similar Part No. - CSD18533Q5A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD18533Q5A TI-CSD18533Q5A Datasheet
1Mb / 11P
60-V N-Channel NexFET Power MOSFETs
CSD18533Q5A TI1-CSD18533Q5A Datasheet
822Kb / 13P
60V N-Channel NexFET Power MOSFET
CSD18533Q5AT TI1-CSD18533Q5AT Datasheet
822Kb / 13P
60V N-Channel NexFET Power MOSFET
CSD18533Q5A TI1-CSD18533Q5A_16 Datasheet
822Kb / 13P
60V N-Channel NexFET Power MOSFET
More results


Similar Description - CSD18533Q5A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD18534KCS TI-CSD18534KCS Datasheet
843Kb / 8P
60-V, N-Channel NexFET Power MOSFETs
CSD18534Q5A TI-CSD18534Q5A Datasheet
777Kb / 12P
60-V N-Channel NexFET Power MOSFETs
CSD18532NQ5B TI-CSD18532NQ5B Datasheet
1Mb / 12P
60-V, N-Channel NexFET??Power MOSFETs
CSD18563Q5A TI-CSD18563Q5A Datasheet
421Kb / 10P
60-V N-Channel NexFET Power MOSFETs
CSD18535KCS TI-CSD18535KCS_15 Datasheet
338Kb / 11P
CSD18535KCS 60 V N-Channel NexFET Power MOSFET
CSD18536KCS TI-CSD18536KCS_15 Datasheet
454Kb / 11P
CSD18536KCS 60 V N-Channel NexFET Power MOSFET
CSD18535KTT TI1-CSD18535KTT Datasheet
417Kb / 13P
60 V N-Channel NexFET Power MOSFET
CSD18536KTT TI1-CSD18536KTT Datasheet
418Kb / 13P
60 V N-Channel NexFET Power MOSFET
CSD18542KTT TI1-CSD18542KTT Datasheet
524Kb / 13P
60-V N-Channel NexFET Power MOSFET
CSD18543Q3A TI1-CSD18543Q3A Datasheet
409Kb / 13P
CSD18543Q3A 60-V N-Channel NexFET Power MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com